PART |
Description |
Maker |
A54SX32-3PL208 A54SX16-3PL208 A54SX16-3PL208I A54S |
LM2593HV SIMPLE SWITCHERPower Converter 150 kHz 2A Step-Down Voltage Regulator, with Features; Package: TO-220; No of Pins: 7; Qty per Container: 45; Container: Rail 54SX家庭的FPGA LM2590HV SIMPLE SWITCHERPower Converter 150 kHz 1A Step-Down Voltage Regulator, with Features; Package: TO-220; No of Pins: 7; Qty per Container: 45; Container: Rail 54SX家庭的FPGA 54SX family FPGAs 54SX家庭的FPGAs LM20123 3A, 1.5MHz PowerWise ® Synchronous Buck Regulator; Package: TSSOP EXP PAD; No of Pins: 16; Qty per Container: 250; Container: Reel 54SX家庭的FPGA Quad 2-input positive-NOR gates 14-SO 0 to 70 54SX家庭的FPGA Quad 2-input positive-NOR gates 14-PDIP 0 to 70 54SX家庭的FPGA Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; No. of Contacts:128; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight 54SX家庭的FPGA LM2591HV SIMPLE SWITCHERPower Converter 150 kHz 1A Step-Down Voltage Regulator; Package: TO-263; No of Pins: 5; Qty per Container: 45; Container: Rail 54SX家庭的FPGA LM2576/LM2576HV Series SIMPLE SWITCHER® 3A Step-Down Voltage Regulator; Package: TO-263; No of Pins: 5; Qty per Container: 500; Container: Reel 54SX家庭的FPGA LM194/LM394 Supermatch Pair; Package: TO-99; No of Pins: 6; Qty per Container: 50; Container: Tray 54SX家庭的FPGA LM1972 µPot™ 2-Channel 78dB Audio Attenuator with Mute; Package: SOIC WIDE; No of Pins: 20; Qty per Container: 36; Container: Rail 54SX家庭的FPGA LM2592HV SIMPLE SWITCHERPower Converter 150 kHz 2A Step-Down Voltage Regulator; Package: TO-263; No of Pins: 5; Qty per Container: 45; Container: Rail 54SX家庭的FPGA LM2593HV SIMPLE SWITCHERPower Converter 150 kHz 2A Step-Down Voltage Regulator, with Features; Package: TO-263; No of Pins: 7; Qty per Container: 45; Container: Rail 54SX家庭的FPGA LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 54SX家庭的FPGA LM2591HV SIMPLE SWITCHERPower Converter 150 kHz 1A Step-Down Voltage Regulator; Package: TO-220; No of Pins: 5; Qty per Container: 45; Container: Rail 54SX家庭的FPGA LM2592HV SIMPLE SWITCHERPower Converter 150 kHz 2A Step-Down Voltage Regulator; Package: TO-220; No of Pins: 5; Qty per Container: 45; Container: Rail 54SX家庭的FPGA RES 180K OHM METAL FILM 3W 5% 54SX家庭的FPGA LM2576/LM2576HV Series SIMPLE SWITCHER® 3A Step-Down Voltage Regulator; Package: TO-263; No of Pins: 5; Qty per Container: 45; Container: Rail 54SX家庭的FPGA LM25005 42V, 2.5A Step-Down Switching Regulator; Package: TSSOP EXP PAD; No of Pins: 20; Qty per Container: 2500; Container: Reel 54SX家庭的FPGA LM2471 Monolithic Triple 4 ns High Swing CRT Driver; Package: TO-220; No of Pins: 11; Container: Rail 54SX家庭的FPGA LM25575/LM25575Q SIMPLE SWITCHER® 42V, 1.5A Step-Down Switching Regulator; Package: TSSOP EXP PAD; No of Pins: 16; Qty per Container: 2500; Container: Reel 54SX家庭的FPGA LM25007 42V, 0.5A Step-Down Switching Regulator; Package: LLP; No of Pins: 8; Qty per Container: 1000; Container: Reel 54SX家庭的FPGA LM25007 42V, 0.5A Step-Down Switching Regulator; Package: LLP; No of Pins: 8; Qty per Container: 4500; Container: Reel 54SX家庭的FPGA LM25005 42V, 2.5A Step-Down Switching Regulator; Package: TSSOP EXP PAD; No of Pins: 20; Qty per Container: 73; Container: Rail 54SX家庭的FPGA LM25116 Wide Range Synchronous Buck Controller; Package: TSSOP EXP PAD; No of Pins: 20; Qty per Container: 2500; Container: Reel 54SX家庭的FPGA Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; Number of Contacts:37; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight 54SX家庭的FPGA LM1876 Overture Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes; Package: ISOLATED TO220; No of Pins: 15; Qty per Container: 20; Container: Rail 54SX家庭的FPGA LM1877 Dual Audio Power Amplifier; Package: SOIC WIDE; No of Pins: 14; Qty per Container: 50; Container: Rail 54SX家庭的FPGA LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode; Package: CERPACK; No of Pins: 10; Container: Tray 54SX家庭的FPGA Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; No. of Contacts:37; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight 54SX家庭的FPGA LM1575/LM2575/LM2575HV SIMPLE SWITCHER® 1A Step-Down Voltage Regulator; Package: SOIC WIDE; No of Pins: 24; Qty per Container: 30; Container: Rail 54SX家庭的FPGA Solid-State Panel Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:80Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:12A; Switching:Zero Cross RoHS Compliant: Yes 54SX家庭的FPGA LM1575/LM2575/LM2575HV SIMPLE SWITCHER® 1A Step-Down Voltage Regulator; Package: TO-220; No of Pins: 5; Qty per Container: 45; Container: Rail 54SX家庭的FPGA LM2574/LM2574HV SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator; Package: MDIP; No of Pins: 8; Qty per Container: 40; Container: Rail 54SX家庭的FPGA TRIMPOT 5.0K OHM 6MM CARBON 54SX家庭的FPGA IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 54SX家庭的FPGA LM2574/LM2574HV SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator; Package: SOIC WIDE; No of Pins: 14; Qty per Container: 50; Container: Rail 54SX家庭的FPGA TRIMPOT 2M OHM 4MM SIDEADJ SMD 54SX家庭的FPGA LM1575/LM2575/LM2575HV SIMPLE SWITCHER® 1A Step-Down Voltage Regulator; Package: MDIP; No of Pins: 16; Qty per Container: 20; Container: Rail 54SX家庭的FPGA LM1575/LM2575/LM2575HV SIMPLE SWITCHER® 1A Step-Down Voltage Regulator; Package: TO-263; No of Pins: 5; Qty per Container: 45; Container: Rail 54SX家庭的FPGA LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator; Package: TSSOP EXP PAD; No of Pins: 14; Qty per Container: 2500; Container: Reel 54SX家庭的FPGA LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator; Package: TSSOP EXP PAD; No of Pins: 14; Qty per Container: 94; Container: Rail 54SX家庭的FPGA LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator; Package: LLP; No of Pins: 10; Qty per Container: 1000; Container: Reel 54SX家庭的FPGA LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator; ; Qty per Container: 1 54SX家庭的FPGA LM20134 4A, PowerWise ® Synchronous Buck Regulator with Input Synchronization; Package: TSSOP EXP PAD; No of Pins: 16; Qty per Container: 2500; Container: Reel 54SX家庭的FPGA LM20134 4A, PowerWise ® Synchronous Buck Regulator with Input Synchronization; Package: TSSOP EXP PAD; No of Pins: 16; Qty per Container: 92; Container: Rail 54SX家庭的FPGA LM20133 3A, PowerWise ® Synchronous Buck Regulator with Input Synchronization; Package: TSSOP EXP PAD; No of Pins: 16; Qty per Container: 2500; Container: Reel 54SX家庭的FPGA LM20133 3A, PowerWise ® Synchronous Buck Regulator with Input Synchronization; Package: TSSOP EXP PAD; No of Pins: 16; Qty per Container: 92; Container: Rail 54SX家庭的FPGA LM20134 4A, PowerWise ® Synchronous Buck Regulator with Input Synchronization; Package: TSSOP EXP PAD; No of Pins: 16; Qty per Container: 250; Container: Reel 54SX家庭的FPGA LM20133 3A, PowerWise ® Synchronous Buck Regulator with Input Synchronization; Package: TSSOP EXP PAD; No of Pins: 16; Qty per Container: 250; Container: Reel 54SX家庭的FPGA Quad 2-input positive-NOR gates 14-SOIC 0 to 70 1-PT 10/100 USB PR SRVR Quad 2-input positive-NAND gates 8-SO 0 to 70 BC COMPONENTS PART NUMBER RoHS Compliant: Yes LM25576/LM25576Q SIMPLE SWITCHER® 42V, 3A Step-Down Switching Regulator; Package: TSSOP EXP PAD; No of Pins: 20; Qty per Container: 2500; Container: Reel LM25576/LM25576Q SIMPLE SWITCHER® 42V, 3A Step-Down Switching Regulator; Package: TSSOP EXP PAD; No of Pins: 20; Qty per Container: 73; Container: Rail LM1881 Video Sync Separator; Package: MDIP; No of Pins: 8; Qty per Container: 40; Container: Rail LM1971 Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute; Package: MDIP; No of Pins: 8 LM1575/LM2575/LM2575HV SIMPLE SWITCHER® 1A Step-Down Voltage Regulator; Package: MDIP; No of Pins: 16; Qty per Container: 20; Container: Rail LM2502 Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer; Package: LLP; No of Pins: 40; Qty per Container: 1000; Container: Reel LM19 2.4V, 10μA, TO-92 Temperature Sensor; Package: TO-92; No of Pins: 3; Qty per Container: 1800; Container: Box LM25115 Secondary Side Post Regulator Controller; Package: TSSOP; No of Pins: 16; Qty per Container: 92; Container: Rail LM2512 Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option NOT RECOMMENDED FOR NEW DESIGN - See LM2512A; Package: UFBGA; No of Pins: 49; Qty per Container: 1000; Container: Reel LM2512A Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table; Package: UFBGA; No of Pins: 49; Qty per Container: 4500; Container: Reel LM2512A Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table; Package: UFBGA; No of Pins: 49; Qty per Container: 1000; Container: Reel LM2507 Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer; Package: MICRO-ARRAY; No of Pins: 49 LM2506 Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer; Package: MICRO-ARRAY; No of Pins: 49; Qty per Container: 1000; Container: Reel LM2574/LM2574HV SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator; ; Container: Wafer Jar Solid-State Panel Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:80Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:25A; Switching:Zero Cross RoHS Compliant: Yes LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator; Package: MDIP; No of Pins: 8; Qty per Container: 40; Container: Rail LM2502 Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer; Package: UFBGA; No of Pins: 49; Qty per Container: 1000; Container: Reel LM148/LM248/LM348 Quad 741 Op Amps; Package: CERDIP; No of Pins: 14; Qty per Container: 25; Container: Rail LM20124 4A, 1MHz PowerWise ® Synchronous Buck Regulator; Package: TSSOP EXP PAD; No of Pins: 16; Qty per Container: 250; Container: Reel TRIMPOT 2K OHM 4MM SIDEADJ SMD LM20124 4A, 1MHz PowerWise ® Synchronous Buck Regulator; Package: TSSOP EXP PAD; No of Pins: 16; Qty per Container: 92; Container: Rail CAP 50V .1UF AXIAL CERAMIC X7R Solid-State Panel Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:80Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:25A; Switching:Random RoHS Compliant: Yes LM1575/LM2575/LM2575HV SIMPLE SWITCHER® 1A Step-Down Voltage Regulator; Package: SOIC WIDE; No of Pins: 24; Qty per Container: 30; Container: Rail LM1877 Dual Audio Power Amplifier; Package: MDIP; No of Pins: 14; Qty per Container: 25; Container: Rail TV 128C 128#22D SKT RECP LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode; Package: TO-46; No of Pins: 2; Qty per Container: 20; Container: Tray LM1881 Video Sync Separator; Package: SOIC NARROW; No of Pins: 8 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; Number of Contacts:128; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight LM2590HV SIMPLE SWITCHERPower Converter 150 kHz 1A Step-Down Voltage Regulator, with Features; Package: TO-263; No of Pins: 7; Qty per Container: 45; Container: Rail LM2592HV SIMPLE SWITCHERPower Converter 150 kHz 2A Step-Down Voltage Regulator; ; Container: Tray Solid-State PC Board Relay; Control Voltage Min:3VDC; Control Voltage Max:32VDC; Output Device:Triac; Output Voltage Min:24Vrms; Output Voltage Max:280Vrms; Load Current Max:3A; Switching:Zero Cross; Relay Options:Internal Snubber RoHS Compliant: Yes LM20134 4A, PowerWise ® Synchronous Buck Regulator with Input Synchronization; Package: TSSOP EXP PAD; No of Pins: 16; Qty per Container: 2500; Container: Reel LM20123 3A, 1.5MHz PowerWise ® Synchronous Buck Regulator; Package: TSSOP EXP PAD; No of Pins: 16; Qty per Container: 92; Container: Rail LM20123 3A, 1.5MHz PowerWise ® Synchronous Buck Regulator; Package: TSSOP EXP PAD; No of Pins: 16; Qty per Container: 2500; Container: Reel LM1971 Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail LM1949 Injector Drive Controller; Package: MDIP; No of Pins: 8; Qty per Container: 40; Container: Rail LM20124 4A, 1MHz PowerWise ® Synchronous Buck Regulator; Package: TSSOP EXP PAD; No of Pins: 16; Qty per Container: 2500; Container: Reel LM20123 3A, 1.5MHz PowerWise ® Synchronous Buck Regulator; Package: TSSOP EXP PAD; No of Pins: 16; Qty per Container: 250; Container: Reel LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators; Package: CERDIP; No of Pins: 8; Qty per Container: 40; Container: Rail LM1973 µPot™3-Channel 76dB Audio Attenuator with Mute; Package: MDIP; No of Pins: 20 LM195/LM395 Ultra Reliable Power Transistors; Package: TO-39; No of Pins: 3; Qty per Container: 20; Container: Tray LM1973 µPot™3-Channel 76dB Audio Attenuator with Mute; Package: SOIC WIDE; No of Pins: 20; Qty per Container: 36; Container: Rail LM195/LM395 Ultra Reliable Power Transistors; Package: TO-3; No of Pins: 2; Qty per Container: 50; Container: Tray LM1575/LM2575/LM2575HV SIMPLE SWITCHER® 1A Step-Down Voltage Regulator; Package: TO-220; No of Pins: 5; Qty per Container: 45; Container: Rail LM1577/LM2577 SIMPLE SWITCHER® Step-Up Voltage Regulator; Package: SOIC WIDE; No of Pins: 24; Qty per Container: 30; Container: Rail LM2576/LM2576HV Series SIMPLE SWITCHER® 3A Step-Down Voltage Regulator; Package: TO-263; No of Pins: 5; Qty per Container: 500; Container: Reel TRIMPOT 200K OHM 4MM SIDEADJ SMD LM1575/LM2575/LM2575HV SIMPLE SWITCHER® 1A Step-Down Voltage Regulator; Package: TO-263; No of Pins: 5; Qty per Container: 45; Container: Rail LM2576/LM2576HV Series SIMPLE SWITCHER® 3A Step-Down Voltage Regulator; Package: TO-220; No of Pins: 5; Qty per Container: 45; Container: Rail LM2576/LM2576HV Series SIMPLE SWITCHER® 3A Step-Down Voltage Regulator; Package: TO-263; No of Pins: 5; Qty per Container: 45; Container: Rail
|
Actel, Corp. Actel Corporation Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
AP15T20AGH-HF14 |
Simple Drive Requirement Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristics
|
Advanced Power Electronics Corp.
|
MAX5902 MAX5902-MAX5903 MAX5903 MAX5902LBEUT-T MAX |
72V SOT23 Simple Swapper Hot-Swap Controllers 72V、SOT23/TDFN封装、Simple Swapper热插拔控制器 72V SOT23/TDFN Simple Swapper Hot-Swap Controllers 72 V, SOT23 simple swapper hot-swap controller
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AP6923GMT-HF-14 |
Simple Drive Requirement Simple Drive Requirement, Easy for Synchronous Buck Converter Application
|
Advanced Power Electron...
|
MAX5901 MAX5901L MAX5901A |
-100V SOT23/TDFN Simple Swapper Hot-Swap Controllers " -100V Simple Swapper Hot- Swap Controller, Latched off" -100V Simple Swapper Hot- Swap Controller with Periodic Retry
|
Maxim
|
AP2609GYT-HF14 |
Simple Drive Requirement Simple Drive Requirement, Small Size & Lower Profile
|
Advanced Power Electronics Corp.
|
AP9465AGH AP9465AGJ AP9465AGJ-14 |
Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic N-CHANNEL ENHANCEMENT MODE POWER MOSFET Simple Drive Requirement
|
Advanced Power Electronics Corp. Advanced Power Electron...
|
AOZ1012D AOZ1012DI |
EZBuck 3A Simple Buck Regulator EZBuck??3A Simple Buck Regulator EZBUCK⒙ 3A SIMPLE BUCK REGULATOR
|
AOSMD Alpha & Omega Semiconductors
|
PH300S280- PH300S280-5 PH75110-15 PH75S110 PH75S11 |
Simple function, 50 to 600W DC-DC converters 简单的功能5000W的DC - DC转换 Simple function, 50 to 600W DC-DC converters 简单的功能000W的DC - DC转换 MB 8C 8#16 SKT RECP 简单的功能000W的DC - DC转换 KPT01A16-26SW KPT 12C 8#20 4#16 PIN RECP
|
Electronic Theatre Controls, Inc. ETC[ETC] N.A. List of Unclassifed Manufacturers
|
AOZ1019-EVA B230A-FDICT-ND GRM188R61E105KA12D CRCW |
EZBuck?/a> 2A Simple Buck Regulator Evaluation Board Note EZBuck 2A Simple Buck Regulator Evaluation Board Note EZBuck⑩ 2A Simple Buck Regulator Evaluation Board Note
|
ETC Alpha & Omega Semiconductors
|
PE-53816SNLT PE-53826SNL PE-53826SNLT PE-53806SNL |
1 ELEMENT, 17 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 377 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0 THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher? Toroid - Designed for Nationals 150kHz Simple Switcher THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher? Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0 Toroid - Designed for National’s 150kHz Simple Switcher? Toroid - Designed for Nationals 150kHz Simple Switcher
|
Pulse Electronics, Corp. Pulse A Technitrol Company Pulse A Technitrol Comp...
|
KS5313 |
Simple Melody IC
|
Samsung Electronics
|