|
|
|
Pyramid Semiconductor, Corp. Pyramid Semiconductor Corporation
|
Part No. |
P1750AE-40QGMB P1750AE-40CMB P1750AE-40GMB P1750AE-30QGMB P1750AE-20CMB P1750AE-20QGMB
|
OCR Text |
... or instructions.
Document # MICRO-2 REV G Revised October 2005
PACE1750AE
DIFFERENCES BETWEEN THE PACE1750A AND PACE1750AE
The PA...array. 2) A reduction in non-bus cycles to 2 clocks (bus cycles remain at 4 clocks to maintain full ... |
Description |
SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR 16-BIT, 20 MHz, MICROPROCESSOR, QFP68 SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR 16-BIT, 20 MHz, MICROPROCESSOR, DIP64 SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR 16-BIT, 30 MHz, MICROPROCESSOR, QFP68
|
File Size |
232.43K /
25 Page |
View
it Online |
Download Datasheet |
|
|
|
CALMIRCO[California Micro Devices Corp]
|
Part No. |
CM1421-03CS CM1421 CM1421-03CP
|
OCR Text |
...nformation
(c) 2004 California Micro Devices Corp. All rights reserved. 04/27/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112 Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
1
CM1421
PACKAGE / PINOUT DIAGRAMS... |
Description |
4-Channel LCD EMI Filter Array plus 4-Channel ESD Protection Array 4-Channel LCD EMI Filter Array plus / 4-Channel ESD Protection Array
|
File Size |
359.48K /
8 Page |
View
it Online |
Download Datasheet |
|
|
|
Atmel Corp.
|
Part No. |
AT90RF135602
|
OCR Text |
...nternal 8 mhz rc oscillator for micro or external crystal operation host interface ? 3-wire spi interface as standard ? full software cont...array (lbga). the lbga incorporates a custom transceiver front-end along with a protocol & com- muni... |
Description |
INTEGRATED 13.56 MHz CONTACTLESS READER WITH EMBEDED SOFTWARE
|
File Size |
762.44K /
35 Page |
View
it Online |
Download Datasheet |
|
|
|
API Technologies Corp
|
Part No. |
MA-100002
|
OCR Text |
...z clock and is selected via the micro-d connector. a transmitter power amplifer gating pulse must be provided to activate the pa power supp...array radar and to further develop a 2-d radar by stacking planks up to eight deep. this product si... |
Description |
X-Band 4 x QTRM Plank Product Capability
|
File Size |
325.54K /
6 Page |
View
it Online |
Download Datasheet |
|
|
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. Electronic Theatre Controls, Inc.
|
Part No. |
AM29LV400B AM29LV400BB120EC AM29LV400BB120ECB AM29LV400BT120EC AM29LV400BT120ECB AM29LV400BT120EE AM29LV400BT120EEB AM29LV400BT120EI AM29LV400BT120EIB AM29LV400BT120FC AM29LV400BT120FCB AM29LV400BT120FE AM29LV400BT120FEB AM29LV400BT120FI AM29LV400BT120FIB AM29LV400BT120SC AM29LV400BT120SCB AM29LV400BT120SE AM29LV400BT120SEB AM29LV400BT120SI AM29LV400BT120SIB AM29LV400BT120WAC AM29LV400BT120WACB AM29LV400BT120WAE AM29LV400BT120WAEB AM29LV400BT120WAI AM29LV400BT120WAIB AM29LV400BT90FC AM29LV400BT90FCB AM29LV400BT90FE AM29LV400BT90FEB AM29LV400BT90FI AM29LV400BT90FIB AM29LV400BT70REC AM29LV400BT70RECB AM29LV400BT70REE AM29LV400BT70REEB AM29LV400BT70REI AM29LV400BT70REIB AM29LV400BT70RFC AM29LV400BT70RFCB AM29LV400BT70RFE AM29LV400BT70RFEB AM29LV400BT70RFI AM29LV400BT70RFIB AM29LV400BT70RSC AM29LV400BT70RSCB AM29LV400BT70RSE AM29LV400BT70RSEB AM29LV400BT70RSI AM29LV400BT70RSIB AM29LV400BT70RWAC AM29LV400BT70RWACB AM29LV400BT70RWAE AM29LV400BT70RWAEB AM29LV400BT70RWAI AM29LV400BT70RWAIB AM29LV400BT90SEB AM29LV400BT80SEB AM29LV400BT90WAIB AM29LV400BB120EE AM29LV400BB120EEB AM29LV400BB120EI AM29LV400BB120EIB AM29LV400BB120FC AM29LV400BB120FCB AM29LV400BB120FE AM29LV400BB120FEB AM29LV400BB
|
OCR Text |
...t under development at Advanced Micro Devices. The information is intended to help you evaluate this product. AMD reserves the right to chan...array (if it is not already programmed) before executing the erase operation. During erase, the devi... |
Description |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory FEEDTHRU CAPACITOR, 47PF 3A 100VFEEDTHRU CAPACITOR, 47PF 3A 100V; Capacitance:0.047nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, op. Ceramic Multilayer Capacitor; Capacitance:470pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes Am29LV400B KGD (Known Good Die Supplement) INNOLINE: High Voltage Input Series - For Telecom DSM, XDSL, Aplication- Internal Pi Filter- Multi-Outputs- Overcurrent Protection- High Efficiency to 80% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12x 8-Bit/256x 16位).0伏的CMOS只引导扇区闪 CAP CERM 2.2UF 4V X7R 0612 20% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 70 ns, PDSO48
|
File Size |
46.64K /
7 Page |
View
it Online |
Download Datasheet |
|
|
|
CALMIRCO[California Micro Devices Corp]
|
Part No. |
CM1401-03CS CM1401-03 CM1401-03CP
|
OCR Text |
...Channels
(c) 2005 California Micro Devices Corp. All rights reserved. 10/04/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
1
CM1401-03
PACKAGE / PINOUT D... |
Description |
4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB
|
File Size |
471.39K /
9 Page |
View
it Online |
Download Datasheet |
|
|
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
Part No. |
CSPEMI307AG CSPEMI307A
|
OCR Text |
...Channels
(c) 2003 California Micro Devices Corp. All rights reserved. 10/10/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112 L Tel: 408.263.3214
L Fax: 408.263.7846
L
www.calmicro.com
1
CSPEMI307A
PACKAGE / PINOUT D... |
Description |
4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB 4通道的ESD / EMI滤波器阵列加4通道的USB的ESD阵列 4 Channel EMI Filters with ESD Protection @ ±15kV plus 4 Channel ESD Protection Array @ ±15KV(IEC61000-4-2 Level 4 Contact ...
|
File Size |
1,591.07K /
9 Page |
View
it Online |
Download Datasheet |
|
|
|
CALMIRCO[California Micro Devices Corp]
|
Part No. |
CSPEMI607 CSPEMI607G
|
OCR Text |
Micro Devices
430 N.McCarthy Blvd Milpitas, CA 95035
PRELIMINARY
CSPEMI607
4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
Features
* * * * * * Four channels of EMI filtering Four channels... |
Description |
4 Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array 4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
|
File Size |
196.41K /
5 Page |
View
it Online |
Download Datasheet |
|
|
|
CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation
|
Part No. |
CM1208-08MS CM1208 CM1208-07MR CM1208-07MS CM1208-08MR CM1208-07 CM1208-07/08
|
OCR Text |
...H4
VN
(c) 2004 California Micro Devices Corp. All rights reserved. 02/02/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112 L Tel: 4...Array and the ground plane. The value of this bypass capacitor should be chosen such that it will ab... |
Description |
7 & 8-Channel High-Speed ESD Protection Arrays 7 and 8-Channel High Speed ESD Protection Arrays 7 & 8-Channel High-Speed ESD Protection Arrays 7 and 8-Channel High-Speed ESD Protection Arrays
|
File Size |
146.92K /
6 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|