PART |
Description |
Maker |
SC16IS741IPW |
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support Single UART with I2C-bus-SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support 1 CHANNEL(S), 5M bps, I2C BUS CONTROLLER, PDSO16
|
NXP Semiconductors N.V.
|
SC16IS740IPW SC16IS750 SC16IS750IBS SC16IS750IPW S |
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT403-1 (TSSOP16); Container: Tube 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO16 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT355-1 (TSSOP24); Container: Tube 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT355-1 (TSSOP24); Container: Reel Pack, SMD, 13", Turned 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT616-3 (HVQFN24); Container: Tray Pack, Bakeable, Multiple 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
|
NXP Semiconductors N.V.
|
SC16IS74Q900 SC16IS74011 |
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
|
NXP Semiconductors
|
CY7C65215-32LTXI |
CY7C65215 - USB-Serial Dual Channel (UART/I2C/SPI) Bridge with CapSenseand BCD
|
Cypress
|
XR20V217208 XR20V2172 XR20V2172IL64 |
TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER DUAL LINE TRANSCEIVER, QCC64
|
Exar Corporation Exar, Corp.
|
XR20M1170IL28 XR20M1170 XR20M1170IG16 XR20M1170IG2 |
I2C/SPI UART WITH 64-BYTE FIFO
|
EXAR[Exar Corporation]
|
XR20M1170IL16TR-F |
I2C/SPI UART WITH 64-BYTE FIFO
|
Exar Corporation
|
XR20M1172IL32 XR20M1172 XR20M1172IG28 |
TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
|
EXAR[Exar Corporation]
|
MAX3107 MAX3107EAG MAX3107ETG |
SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
|
Maxim Integrated Products
|
XR20M1280 XR20M1280IL40-F XR20M1280IL40TR-F |
I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
|
Exar Corporation
|
CY8C28533-12AXQ |
Programmable System on a Chip; Voltage: 4.75V - 5.25V; GPIO: 40; Analog Blocks: 10; Digital Blocks: 12; Flash: 16KB; RAM: 1KB; Temp: Q; Comm: I2C, UART, SPI; Package: 44 TQFP MULTIFUNCTION PERIPHERAL, PQFP44
|
Cypress Semiconductor, Corp.
|
STM8S105S4U3 STM8S105S4U3CTR STM8S105S4U3TR STM8S1 |
Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I虏C Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I2C
|
STMicroelectronics http://
|
|