PART |
Description |
Maker |
SI5023-X-GM |
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
|
Silicon Laboratories Inc.
|
MAX3274 MAX3274UGE |
Dual-Rate Fibre Channel Limiting Amplifier
|
MAXIM - Dallas Semiconductor Maxim Integrated Products
|
MAX3264 MAX3265 MAX3268 MAX3269 MAX3765CUB MAX3264 |
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers 3.0 V to 5.5 V, 1.25 Gbp/2.5Gbp limiting amplifier
|
MAXIM - Dallas Semiconductor
|
MAX3274 |
Dual-Rate Fibre Channel Limiting Amplifiers
|
Maxim
|
VSC7331 |
10G Multi-Protocol Multi-Rate Metro Data Services Media Access Controller (MAC)
|
Vitesse Semiconductor Corporation
|
BCM8228 |
VERIRATETM MULTI-RATE TRANSCEIVER From old datasheet system VariRate Multirate Transceiver with SONET Rate Adaptation and PM
|
Electronic Theatre Controls, Inc. Broadcom
|
ADN2812ACP-RL7 |
Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
|
Analog Devices, Inc.
|
ADN2814XCPZ ADN2814 |
Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
|
AD[Analog Devices]
|
ADN2814 ADN2814ACPZ-500RL7 |
Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
|
Analog Devices
|
HFA1115 HFA1115EVAL HFA1115IB HFA1115IP FN3606 |
Radiation Hardened/ High Speed/ Low Power Output Limiting/ Closed-Loop-Buffer Amplifier From old datasheet system 225MHz/ Low Power/ Output Limiting/ Closed Loop Buffer Amplifier 225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier(225MHz、低功耗、输出限定锁相环缓冲器放大器) Mini-Stripax Plus Replacement Blade; Conductor Size AWG:24-22; Features:Includes top & bottom blades, spring & wire stop; Specially formed stripping blades ensure no damage to the conductor; Easy to install RoHS Compliant: Yes
|
INTERSIL[Intersil Corporation]
|
MAX3991 MAX3991UTG |
DC to 4-GBPS Dual 1:2 MUX/Repeater/Equalizer 48-VQFN -40 to 85 10Gbps Clock and Data Recovery with Limiting Amplifier 10 Gbps clock and data recovery with limiting amplifier
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|