PART |
Description |
Maker |
MC10116FN MC10116P MC10116 ON0561 MC10116L |
4-Line To 16-Line Decoders/Demultiplexers 24-CDIP -55 to 125 LINE RECEIVER, CDIP16 Triple Line Receiver PIN ASSIGNMENT From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc ON Semiconductor
|
5103-00-01 5103-05-01 51R5-15-01 ZJK51R1-00-01 ZJK |
3-terminal Filters(SIP) For Signal Line / Power Line 1 FUNCTIONS, 50 V, 0.5 A, DATA LINE FILTER
|
TDK Electronics
|
HD74LS157 |
Replaced by SN75477 : Peripheral Driver 8-SOIC 0 to 70 Quadruple 2-line-to-1-line Data Selectors/Multiplexers(noninverted outputs) Quad. 2 line-to-1 line Data Selector/Multiplexer with noninverted outputs
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
ACT-S1M32T-080F14T ACT-S1M32T-080F14Q ACT-S1M32T-0 |
ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module 行为F1M32高速启动块32兆位闪存多芯片模 8-line to 3-line priority encoder 16-SO 0 to 70 8-line to 3-line priority encoder 16-SOIC 0 to 70 CAP AL EL 63V 20% 10UF 105C Quadruple Bus Buffers With 3-State Outputs 14-SO 0 to 70 WIRE T LEAD PLASTIC 22AG RD 1000
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
2020-900 2020-1400 2021-200 2021-250 2020-700 2021 |
Delay 900 /-18 ns, fixed SIP delay line Tr Delay 1400 /-28 ns, fixed SIP delay line Tr Delay 200 /-10 ns, fixed SIP delay line Tr Delay 250 /-10 ns, fixed SIP delay line Tr Delay 700 /-14 ns, fixed SIP delay line Tr Delay 100 /-10 ns, fixed SIP delay line Tr Delay 150 /-10 ns, fixed SIP delay line Tr Delay 500 /-10 ns, fixed SIP delay line Tr Delay 1300 /-26 ns, fixed SIP delay line Tr
|
Data Delay Devices Inc
|
SN74LS147-D |
10-Line-to-4-Line and 8-Line-to-3-Line Priority Encoders
|
ON Semiconductor
|
MC74HC540A-D MC74HC540ADTR2 MC74HC540ADWR2 MC74HC5 |
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS Octal 3-State Inverter Buffer/Line Driver/Line Receiver
|
ON Semiconductor
|
BA3118L A5800527 |
Audio LSIs > Pre amplifier/Line amplifier > Line amplifier General-purpose dual line amplifier From old datasheet system
|
ROHM[Rohm]
|
HCF40257 HCF40257BEY HCF40257BM1 HCF40257M013TR |
4000/14000/40000 SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDIP16 4000/14000/40000 SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDSO16 QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
|
STMicroelectronics ST Microelectronics
|
93LC66A-IP 93LC66A-ISM 93LC66A-ISN 93LC66A-IST 93L |
Quadruple 2-Line To 1-Line Data Selectors / Multiplexers 16-TVSOP -40 to 85 Quadruple 2-Line To 1-Line Data Selectors / Multiplexers 16-SOIC -40 to 85 16-Bit D-Type Edge-Triggered Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 16-Bit D-Type Transparent Latches With 3-State Outputs 48-SSOP -40 to 85 Quadruple 2-Line To 1-Line Data Selectors / Multiplexers 16-SSOP -40 to 85 16-Bit Bus Transceivers With 3-State Outputs 48-SSOP -40 to 85 4K 2.5V Microwire Serial EEPROM
|
Microchip Technology Inc. MICROCHIP[Microchip Technology] http://
|