PART |
Description |
Maker |
PDT1341-AI-BI PDT1341-AI-D4 PDT1341-AI-DN PDT1341- |
Cooling Fan and Exhaust Package; Bearing Style:Ball; Power Rating:15W; Supply Voltage:115VAC; Fan Flow Rate:25CFM; Noise Rating:41dBA; Size/Dimensions:101.6mm x 67mm; Weight:4.2lb RELAY SSR SPST 350V 110MA 6SOP RELAY SSR SPST 350V 110MA 4SOP High Speed CMOS 8-Channel Analog Multiplexer/Demultiplexer with Latch 20-PDIP -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-SOIC -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-PDIP -55 to 125 Temperature Range (degrees C): -30 to 85; General Description: Coaxial plug; Right angle; For 1.5D-HQEW/1.5D-QEW RES POWER .010 OHM 3.5W 5% SMT ; Operating Temperature Range (degrees C): -30 to 85; General Description: Coaxial plug; Right angle; For 1.5D-HQEW Fan Filter; For Use With:Hoffman Engineering Type TFP101 Fan Filter; For Use With:Hoffman Engineering Type TFP61UL12 Fan Filter; For Use With:Hoffman Engineering Type TFP10UL12 CONNECTOR RES ARRAY 51 OHM 8TERM 4RES SMD 1 hole long barrel 1/2 hole 3/0 High Speed CMOS Quad Analog Switch with Level Translation and TTL Inputs 16-SOIC -55 to 125 RELAY SSR SPST 20VAC 300MA 4SOP High Speed CMOS Logic BCD-to-7 Segment Latch/Decoder/Driver 16-PDIP -55 to 125 Cooling Fan and Exhaust Package; Supply Voltage:115VAC; Power Rating:80W; Bearing Style:Ball; Fan Flow Rate:215CFM; For Use With:Enclosures Where Space is Limited; Noise Rating:61dBA; Weight:12lb RoHS Compliant: Yes Cooling Fan and Exhaust Package; Bearing Style:Ball; Power Rating:80W; Supply Voltage:115VAC; Fan Flow Rate:75CFM; Noise Rating:61dBA; Weight:12lb Fan Filter; For Use With:Hoffman Engineering Type TFP41UL12 RES ARRAY 47 OHM 8TERM 4RES SMD Cooling Fan and Exhaust Package; Bearing Style:Ball; Power Rating:80W; Supply Voltage:115VAC; Fan Flow Rate:215CFM; For Use With:Enclosures Where Space is Limited; Noise Rating:54dBA; Weight:12lb Pigtailed PIN Photodiodes 尾纤的PIN光电二极 Pigtailed PIN Photodiodes 尾纤PIN光电二极
|
Agilent(Hewlett-Packard... Agilent (Hewlett-Packard) http:// HP[Agilent(Hewlett-Packard)] Maxim Integrated Products, Inc. Linear Technology, Corp.
|
TC670ECHTR TC67003 TC670 |
The TC670 is an integrated fan speed sensor that predicts and/or detects fan failure, preventing thermal damage to systems with cooling fans. When the fan speed falls below a user specified level, the TC670 asserts an ALERT signal. With th Tiny Predictive Fan Failure Detector
|
Microchip Technology
|
DBF6015B05H DBF6015B05HA DBF6015B05HS DBF6015B05HT |
DC COOLING FAN 60x60x15mm
|
Dubilier
|
DBF2510G05H DBF2510G05HS DBF2510G05L DBF2510G05LS |
DC COOLING FAN 25x25x10mm
|
Dubilier
|
DBF4010G05H DBF4010G05HS DBF4010G05L DBF4010G05LS |
DC COOLING FAN 40x40x10mm
|
Dubilier
|
DBF8025S24LA DBF8025S12HA DBF8025B12H DBF8025B12HA |
DC COOLING FAN 80x80x25mm
|
Dubilier http://
|
DBF9225B115MT DBF9225B115MW DBF9225B230MT DBF9225B |
AC COOLING FAN 92x92x25mm
|
Dubilier
|
RR-GMM4-16PK-R1 |
Newly developed thin fan profile delivers uncompromised cooling performance in a compact package.
|
List of Unclassifed Man...
|
FAN8460MTCX FAN8460MPX FAN8460MTC FAN8460MP |
DC Cooling Fan Single phase PWM driver Single Phase Full Wave BLDC Motor Driver with Variable Speed Control
|
FAIRCHILD[Fairchild Semiconductor]
|
TC642BEPA713 TC647BEPA713 TC642BEPATR TC647BEOA713 |
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense Technology for Fault Detection
|
Microchip Technology
|
ADM1030 ADM1030ARQ |
Complete, ACPI Compliant C Remote Thermal Monitor with Integrated Fan Controller Intelligent Temperature Monitor and PWM Fan Controller
|
AD[Analog Devices]
|