Part Number Hot Search : 
MM3042P KX1400 2SD11 ZL301 5N3011 M2025 GJ9T18 AD9762AR
Product Description
Full Text Search
  up-counters Datasheet PDF File

For up-counters Found Datasheets File :: 8527    Search Time::2.782ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ATMEGA328P-15AZ ATMEGA328P-15MZ ATMEGA328P09

ATMEL Corporation
Part No. ATMEGA328P-15AZ ATMEGA328P-15MZ ATMEGA328P09
OCR Text ...ters - Fully Static Operation - Up to 16 MIPS Throughput at 16 MHz - On-chip 2-cycle Multiplier High Endurance Non-volatile Memory Segments ...Counters with Separate Prescaler and Compare Mode - One 16-bit Timer/Counter with Separate Prescaler...
Description 8-bit Microcontroller with 32K Bytes In-System Programmable Flash

File Size 3,999.04K  /  345 Page

View it Online

Download Datasheet





    Intersil, Corp.
Omron Electronics, LLC
Part No. H7CR-SAL H7CR-BS H7CR-BSG H7CR-SCWSL H7CR-SCSL H7CR-CVG H7CR-BV H7CR-BVS H7CR-CVS H7CR-SCL H7CR-BVG H7CR-CG H7CR-BG H7CR-SBSL H7CR-BVSG H7CR-CVSG H7CR-CS OMRONELECTRONICSLLC-H7CR-CVG
OCR Text ... p, q, a k, d, l, h input modes up, down, reversible a (command inputs), reversible b (individual reversible a (command inputs), inputs), re...counters): no-voltage inputs only control output spst-no contact or transistor single preset types:...
Description Digital Counter 数码计数

File Size 532.33K  /  26 Page

View it Online

Download Datasheet

    CY8C22345

Cypress Semiconductor
Part No. CY8C22345
OCR Text ...ocessor: ? m8c processor speeds up to 24 mhz ? 8x8 multiply, 32-bit accumulate ? low power at high speed ? 3.0v to 5.25v operating voltage ?...counters, and pwms ? one shot, multi shot mode support in timers and pwms ? pwm with deadband suppor...
Description Automotive PSoC Programmable System-on-Chip

File Size 454.04K  /  27 Page

View it Online

Download Datasheet

    89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT

ATMEL[ATMEL Corporation]
Part No. 89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT89C55-24PC AT89C55-24PI AT89C55-24QC AT89C55-24QI AT89C55-33AC AT89C55-33JC AT89C55-33PC AT89C55-33QC
OCR Text ...ory locations starting at 0000H up to FFFFH. Note, however, that if lock bit 1 is programmed, EA will be internally latched on reset. EA sho...Counters." show a high in one cycle and a low in the next cycle, the count is incremented. The new c...
Description 8-Bit Microcontroller with 20K Bytes Flash

File Size 605.37K  /  24 Page

View it Online

Download Datasheet

    PCF80C562-12WP PCA80C562-12WP S87C552-5K68 S87C552-4K68 S87C552-5A68 80C562 83C562 S80C562-2A68 S80C562-4A68 S80C562-6A6

PHILIPS[Philips Semiconductors]
Part No. PCF80C562-12WP PCA80C562-12WP S87C552-5K68 S87C552-4K68 S87C552-5A68 80C562 83C562 S80C562-2A68 S80C562-4A68 S80C562-6A68 S83C562-2A68 S83C562-4A68 S83C562-6A68 S87C552-4A68
OCR Text ...pulse is skipped. ALE can drive up to eight LS TTL inputs and handles CMOS inputs without an external pull-up. External Access: When EA is held at TTL level high, the CPU executes out of the internal program ROM provided the program counter...
Description SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 199.62K  /  20 Page

View it Online

Download Datasheet

    STMicroelectronics N.V.
ST Microelectronics
意法半导
Part No. M48T513Y-70PM1 M48T513Y-70CS1 M48T513V-85PM1 M48T513Y-85PM1 M48T513Y-85CS1 M48T513V-85CS1 M48T513V-70PM1 M48T513V-70CS1 M48T513VPM
OCR Text ...(Valid even during battery back-up mode) PROGRAMMABLE ALARM OUTPUT ACTIVE in BATTERY BACK-UP MODE SURFACE MOUNT CHIP SET PACKAGING INCLUDES ...counters, they are memory locations consisting of BiPORTTM read/write memory cells within the static...
Description 3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM 3.3 - 5V兆位的SRAM 512KB的x8计时
Dual In-Line Precision Thin Film Resistor Network

File Size 148.28K  /  23 Page

View it Online

Download Datasheet

    DSPIC33EPXXX806

Microchip Technology
Part No. DSPIC33EPXXX806
OCR Text ...dent watchdog timer ? fast wake-up and start-up power management ? low-power management modes (sleep, idle, doze) ? integrated power-on rese...counters - 16 oc modules configurable as timers/counters - two 32-bit quadrature encoder interface (...
Description 16-bit Microcontrollers and Digital Signal Controllers (up to 512 KB Flash and 52 KB SRAM) with High-Speed PWM, USB, and Advanced Analog

File Size 4,662.24K  /  614 Page

View it Online

Download Datasheet

    FAIRCHILD[Fairchild Semiconductor]
Part No. DM74LS169AN DM74LS169 DM74LS169A DM74LS169AM
OCR Text Up/Down Binary Counter April 1998 DM74LS169A Synchronous 4-Bit Up/Down Binary Counter General Description This synchronous presettab...counters. A buffered clock input triggers the four master-slave flip-flops on the rising edge of the...
Description Synchronous 4-Bit Up/Down Binary Counter

File Size 210.47K  /  8 Page

View it Online

Download Datasheet

    ICM7170 ICM7170AIBG ICM7170AIDG ICM7170AIPG ICM7170AMDG ICM7170IBG ICM7170IDG ICM7170IPG ICM7170MDG

INTERSIL[Intersil Corporation]
Part No. ICM7170 ICM7170AIBG ICM7170AIDG ICM7170AIPG ICM7170AMDG ICM7170IBG ICM7170IDG ICM7170IPG ICM7170MDG
OCR Text ...nts to support the battery back-up function. When a power down or power failure occurs, internal logic switches the on-chip counters to battery backup operation. Read/write functions become disabled and operation is limited to time-keeping ...
Description Microprocessor-Compatible, Real-Time Clock

File Size 77.04K  /  13 Page

View it Online

Download Datasheet

For up-counters Found Datasheets File :: 8527    Search Time::2.782ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of up-counters

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
6.3282859325409