Part Number Hot Search : 
48018BF EPS13 20N50F 260504B SD103 20101 2W04MG 14094BC
Product Description
Full Text Search
  plug Datasheet PDF File

For plug Found Datasheets File :: 18516    Search Time::1.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PLUG-CR95HF-B

STMicroelectronics
Part No. plug-CR95HF-B
OCR Text ... 2012 doc id 022387 rev 2 1/5 5 plug-cr95hf-b daughter board for the cr95hf 13.56 mhz transceiver ic data brief ? production data features ready-to-use printed circuit board including ? cr95hf multi-protocol transceiver ic ? 47 x 34 mm 1...
Description Daughter board for the CR95HF 13.56 MHz transceiver IC

File Size 139.29K  /  5 Page

View it Online

Download Datasheet





    Adam Technologies,inc.
Part No. DPC-plug
OCR Text adam t e c h n o l o g i e s , i n c . 9 0 9 h w v n u u n i o n , w j r s 0 7 0 8 3 t : 9 0 8 - 6 8 7 - 5 0 0 0 : 9 0 8 - 6 8 7 - 5 7 1 0 w w w . d m - t c h . c m 1 3 6 i n t r o d u c t i o n : a d a...
Description
File Size 401.09K  /  3 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
AVAGO TECHNOLOGIES LIMI...
Part No. PEX8603
OCR Text ...d loopback ? all ports hot plug capable thru i 2 c (hot - plug controller on every port) ? data path parity ? memory (ram) error correction signals ? inta# and fatal_err# ? advanced error reporting ? port st...
Description Low Packet Latency & High Performance
PCI Express Gen 2 Switch

File Size 248.58K  /  3 Page

View it Online

Download Datasheet

    DA15PRJS DB25PRJS DC37PRJS DD50PRJS DE09PRJS DCS01B DCS01R DCS03B DCS03R

Adam Technologies, Inc.
Part No. DA15PRJS DB25PRJS DC37PRJS DD50PRJS DE09PRJS DCS01B DCS01R DCS03B DCS03R
OCR Text ...jackscrews CONTACT TYPE PR = plug, Crimp and Poke SR = Socket, Crimp and Poke CONTACTS DCP 01 R CONTACT WIRE RANGE DCP = plug Contact DCS = Socket Contact CONTACT TYPE 01 = 24-26 AWG 02 = 20-22 AWG 03 = 28-30 AWG PACKAGING R ...
Description D-SUBMINIATURE CRIMP AND POKE SYSTEM

File Size 199.91K  /  2 Page

View it Online

Download Datasheet

    DMS3106R12S DMS3106R16 DMS3106R18 DMS3106R20 DMS3106R32 DMS3106R36 DMS3108R16S DMS3108R14S DMS3108R10SL DMS3108R18 DMS31

DDK Ltd.
Part No. DMS3106R12S DMS3106R16 DMS3106R18 DMS3106R20 DMS3106R32 DMS3106R36 DMS3108R16S DMS3108R14S DMS3108R10SL DMS3108R18 DMS3101R14S DMS3102R18 DMS3100F20 DMS3100F22 DMS3100F24 DMS3100F28 DMS3100F36 DMS3106R28 DMS3106R22 DMS3106R24 DMS3108F36 DMS3102F14S DMS3106E22 DMS3106E24
OCR Text ...ish. Receptacle Connector plug Connector Wall Receptacle DMS3100E Straight plug DMS3106E / F Cable Receptacle DMS3101E Angle plug DMS3108E / F Box Receptacle DMS3102E / R DMS E/F/R Series Specification Insulation ...
Description MIL-C-5015 Compatible Environment Resistant Type

File Size 3,930.29K  /  33 Page

View it Online

Download Datasheet

    HSC-A3-D2 HSC2-PH3-B5 HSC-SR-1 HSC-SR-2 HSCJ-HSTJ-B HSC-PH3-B1 HSC2-PH3-B1 HSC-SR-D2 HSC2-5A HSC-A3-D1 HSC-PH0.9-E2 HSC-

HIROSE ELECTRIC Co., Ltd.
Hirose Electric USA, INC.
http://
Part No. HSC-A3-D2 HSC2-PH3-B5 HSC-SR-1 HSC-SR-2 HSCJ-HSTJ-B HSC-PH3-B1 HSC2-PH3-B1 HSC-SR-D2 HSC2-5A HSC-A3-D1 HSC-PH0.9-E2 HSC-PH0.9-E5 HSC2-PH0.9-E1 HSC-PH0.9-E1 HSC2-PH0.9-E2 HSC-PH2-E1-A HSC-PH2-E5 HSC2-PH2-E1-A HSC2-PH2-E5 HSC-PH3-B5 HSC2-PH3-B2 HSC-PH3-B2 HSC2-4A-D1 HSC-PH3-A4 HSC-A2-D1 HSC-PH2-E2 HSC2-PH2-E2 HSC-R1-B HSCP-HRFCJ-2AS HSC2-PH3-A HSC-SR-D1 HSC2-8SR-D1 HSCJ-HRFCJ-C HSCP-HRFCJ-1AS HSC2-8SR-1
OCR Text ...oating mechanism with Duplex SC plug. It is also fully compatible with the HSCF fixed type. 6. Simplified plugs and Receptacles. Terminators Small size (23.8mm plug length) simplified SC plug is designed for equipments inside connect...
Description SC Type Fiber Optic Connectors SC型光纤连接器
CAC 5C 5#16S PIN RECP BOX
CAC 5C 5#16S SKT RECP BOX
   SC Type Fiber Optic Connectors

File Size 758.65K  /  21 Page

View it Online

Download Datasheet

    ISL6112INZA-T ISL6112EVAL1Z ISL6112IRZA-T

Intersil Corporation
Intersil, Corp.
Part No. ISL6112INZA-T ISL6112EVAL1Z ISL6112IRZA-T
OCR Text ...the PCI-Express add-in card hot plug application. Together with two each of N-Channel and P-Channel MOSFETs, four current sense resistors and several external passive components the ISL6112 provides a compliant hot plug power control soluti...
Description Dual Slot PCI-Express Power Controller; Temperature Range: -40&deg;C to 85&deg;C; Package: 48-TQFP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQFP48
Dual Slot PCI-Express Power Controller; Temperature Range: -40&deg;C to 85&deg;C; Package: 48-TQFP T&amp;R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQFP48

File Size 653.44K  /  31 Page

View it Online

Download Datasheet

    71425-3001 0714253001

Molex Electronics Ltd.
Part No. 71425-3001 0714253001
OCR Text ...mm (.031") Pitch Ultra+TM VHDCI plug Kit, IDT Product Specification PS-71425-9999 (PDF) RoHS Certificate of Compliance (PDF) Series I/O Connectors 71425 Wire-to-Board plug SCSI+, VHDCI N/A image - Reference only EU RoHS China RoHS ELV an...
Description 0.80mm (.031) Pitch Ultra VHDCI plug Kit, IDT

File Size 215.28K  /  3 Page

View it Online

Download Datasheet

    BCM3520

ETC
Part No. BCM3520
OCR Text plug and Play DTV Receiver FEATURES * Integrated VSB/QAM QAMLink(R) receiver 12-bit A/D converter with internal AGC amplifier Full equalizer architecture spans up to -35 to 49 s delays Direct IF sampled architecture reduces system cost Si...
Description CONNEC TV plug AND PLAY DTV RECEIVER

File Size 118.03K  /  2 Page

View it Online

Download Datasheet

    0194310013 19431-0013

Molex Electronics Ltd.
Part No. 0194310013 19431-0013
OCR Text ...nnector_system MX150LTM Circuit plug to be Used with 8, 10 and 12 AWG Wire Documents: Drawing (PDF) Product Specification PS-19432-001 (PDF) RoHS Certificate of Compliance (PDF) General Product Family Series Component Type Overvie...
Description MX150L Circuit plug to be Used with 8, 10 and 12 AWG Wire

File Size 67.58K  /  2 Page

View it Online

Download Datasheet

For plug Found Datasheets File :: 18516    Search Time::1.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of plug

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0609011650085