PART |
Description |
Maker |
C8108 |
6 /C 16 AWG Stranded Tinned Copper, FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket
|
General Cable Technologies Corporation
|
74651-1112 |
2.00mm (.079) Pitch 8-Row VHDM-HSD Backplane Header, Guide Pin SignalModule, Shield Pin End Version, Advanced Mate Shield, 60 Circuits
|
Molex Electronics Ltd.
|
0746971104 74697-1104 |
2.00mm (.079) Pitch 5-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 40 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0746972612 |
2.00mm (.079) Pitch 5-Row VHDM-HSD Backplane Header, Guide Pin SignalModule, Shield Pin End Version, Advanced Mate Shield, 100 Circuits, Pin Length
|
Molex Electronics Ltd.
|
CDPH4D19F06 CDPH4D19FNP-4R7MC CDPH4D19FNP-3R3MC CD |
INDUCTOR 15UH 0.66A SHIELD SMD 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 47UH 0.36A SHIELD SMD 1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 33UH 0.43A SHIELD SMD 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR, SMD POWER INDUCTORS
|
Sumida, Corp. Sumida Corporation
|
GRF2.0215.11 GRF2.0212.11 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 15A; Terminal Type: Quick Connect Solder Tabs; "Lock and shield" snap-in design; Appliance inlet; ECM-shield 10/15A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 15A; Terminal Type: Quick Connect Solder Tabs; "Lock and shield" snap-in design; Appliance inlet; line filter; ECM-shield
|
SCHURTER AG SCHURTER INC
|
0746512602 74651-2602 |
2.00mm (.079) Pitch 8-Row VHDM-HSD?/a> Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 150 Circuits, Pin Length 6.25mm (.246) 2.00mm (.079) Pitch 8-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 150 Circuits, Pin Length 6.25mm (.246)
|
Molex Electronics Ltd.
|
12H1601-2R 24H1601-2R 48H1601-2R 24H2320-2 48H3040 |
50WattDC-DCConverters Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:3; Features:Aluminium Foil/Polyester Tape; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:5; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:4; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:5; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:4; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes CAP, 100PF 50V 10% X7R, 0603 SMD,CAP,CERA,0.01UF,0603 50V, X7R, 10% Paired, Cable, Number Of Pairs 2 RoHS Compliant: Yes 50瓦的DC - DC转换 50 Watt DC-DC Converters 50瓦的DC - DC转换 Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Unshielded; Impedance:72ohm; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
|
http:// POWER-ONE[Power-One] Jameco Electronics
|
1841250P0H5556 1841250P05556 1841250P1H5556 |
TELECOM AND DATACOM CONNECTOR, PLUG PLUG C-TEL SHIELD 0.85 x 160 GRID PLUG C-TEL, SHIELD .085 X .160 GRID C PRESS CONNECTOR
|
WINCHESTER ELECTRONICS CORP Winchester Electronics ...
|
2673018001 |
73 SHIELD BEAD
|
Fair-Rite Products Corp.
|
01039 01039-B1 |
MODULE SHIELD 模块屏蔽
|
Vicor, Corp. VICOR[Vicor Corporation]
|
D-108-02 D-108-00 D-108-03 D-108-01 620263-000 |
SOLDERSLEEVE SHIELD TERMINATOR
|
PANDUIT CORP.
|
|