Part Number Hot Search : 
BAV19 SMZ47 BCW65A BV55C 50013 2405DH IRFEA240 SREC7PJ
Product Description
Full Text Search
  pairs Datasheet PDF File

For pairs Found Datasheets File :: 8908    Search Time::1.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PLL[PhaseLink Corporation]
Part No. P602-89DSC PLL602-89D PLL602-89DSC PLL602-89DSC-R PLL602-89DSI
OCR Text pairs of LVDS Outputs FEATURES * * * * * * * Low jitter XO for the 12MHz to 27MHz range. Integrated crystal load capacitor: no external load capacitor required. 2 pairs of LVDS outputs. 12-27 MHz fundamental crystal input. Low jitter (RMS...
Description 12-27 MHz XO IC with 2 pairs of LVDS Outputs

File Size 213.42K  /  5 Page

View it Online

Download Datasheet





    PCK111BD PCK111

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. PCK111BD PCK111
OCR Text ...lications, all ten differential pairs will be used, and therefore terminated. In the case where fewer than ten pairs are used, it is necessary to terminate at least the output pairs on the same package side as the pair(s) being used on that...
Description Low voltage 1:10 differential PECL clock driver

File Size 60.80K  /  8 Page

View it Online

Download Datasheet

    PERICOM[Pericom Semiconductor Corporation]
Part No. PI6C3Q993Q PI6C3Q991-IJ PI6C3Q991J PI6C3Q993 PI6C3Q993-2Q PI6C3Q993-5IQ PI6C3Q993-5Q PI6C3Q993-IQ
OCR Text ... Inputs are 5V I/O Tolerant 4 pairs of programmable skew outputs Low skew: 200ps same pair; 250ps all outputs Selectable positive or negative edge synchronization: Excellent for DSP applications Synchronous output enable Output freque...
Description 3.3V Programmable Skew PLL Clock Driver

File Size 498.44K  /  10 Page

View it Online

Download Datasheet

    ONSEMI[ON Semiconductor]
Part No. NBSG111BAEVB NBSG111BA NBSG111BAR2
OCR Text ...NOTE: All differential cable pairs must be matched. Due to simplifcation of the block diagram CLK1/CLK1 and Q1 - Q8 connections are not shown. Figure 2. NBSG111 Board Setup - Time Domain (Differential Mode) http://onsemi.com 2 NBS...
Description 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs
Evaluation Board Manual for NBSG111

File Size 339.90K  /  12 Page

View it Online

Download Datasheet

    ZORAN[Zoran Corporation]
Part No. PM-36
OCR Text ... and two loadable Huffman table pairs * Highly Integrated-Internal Phase-Locked Loop (PLL) * 3.3 Volt supply-5 Volt Tolerant I/O * Standard Compliant-ISO IS 10918-1/10918-2 Key Features * Conforms to ISO IS 10918-1/10918-2 JPEG baseline...
Description JPEG Image Processor

File Size 63.31K  /  2 Page

View it Online

Download Datasheet

    MICRONAS[Micronas]
Part No. MSP3410B
OCR Text ...ction - three selectable analog pairs of audio baseband inputs (=three SCART inputs) Input level: 2 V RMS; input impedance: 25 k - one selectable analog mono input (i.e. AM sound); Input level: 2 V RMS; input impedance: 10 k - two high qu...
Description Multistandard Sound Processor

File Size 308.86K  /  68 Page

View it Online

Download Datasheet

    ETC[ETC]
Part No. S82K-P24024 S82K S82K-00305 S82K-00312 S82K-00315 S82K-00324 S82K-00705 S82K-00712 S82K-00715 S82K-00724 S82K-00727 S82K-00728 S82K-01505 S82K-01512 S82K-01524 S82K-03005 S82K-03012 S82K-03024 S82K-05024 S82K-09024 S82K-10024 S82K-24024 S82K-24024T S82K-P09024 S82K-P10024
OCR Text ...fe and smart wiring. * Multiple pairs of output terminals; Three pairs for 90, 100, and 240-W models Two pairs for 30 and 50-W models * Finger-safe terminal block with cover according to VDE0106/ P100. * Conforms to the stringent EN50081-1 ...
Description From old datasheet system
Switch mode Power Supply

File Size 315.52K  /  20 Page

View it Online

Download Datasheet

    AK8186B

Asahi Kasei Microsystems
Part No. AK8186B
OCR Text ... modes lock detect 3 pairs of 1g hz lvpecl outputs 2 pairs of 800mhz lvds outputs 8 250 mhz cmos outputs (two per lvds) serial control register interface 3.3v+/ - 5% operating voltage 2.5v - 3.3v lvpecl d...
Description Multi Output Clock Generator with Integrated 2.0GHz VCO

File Size 1,575.90K  /  69 Page

View it Online

Download Datasheet

    SEMTECH[Semtech Corporation]
Part No. SK100EP111
OCR Text ...lications, all ten differential pairs will be used and therefore terminated. In the case where fewer than ten pairs are used, it is necessary to terminate at least the output pairs on the same package side as the pair(s) being used on that ...
Description Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver

File Size 93.67K  /  4 Page

View it Online

Download Datasheet

    MICROCHIP[Microchip Technology]
Part No. MCP3208T-CI_ST MCP3204_07 MCP3204-BI_P MCP3204-BI_SL MCP3204-BI_ST MCP3204-CI_P MCP3204-CI_SL MCP3204-CI_ST MCP3204T-BI_P MCP3204T-BI_SL MCP3204T-BI_ST MCP3204T-CI_P MCP3204T-CI_SL MCP3204T-CI_ST MCP3208-BI_P MCP3208-BI_SL MCP3208-BI_ST MCP3208-CI_P MCP3208-CI_SL MCP3208-CI_ST MCP3208T-BI_P MCP3208T-BI_SL MCP3208T-BI_ST MCP3208T-CI_P MCP3208T-CI_SL
OCR Text ...le-ended or pseudo-differential pairs On-chip sample and hold SPI serial interface (modes 0,0 and 1,1) Single supply operation: 2.7V - 5.5V 100 ksps max. sampling rate at VDD = 5V 50 ksps max. sampling rate at VDD = 2.7V Low power CMOS tech...
Description 2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI⑩ Serial Interface

File Size 480.57K  /  34 Page

View it Online

Download Datasheet

For pairs Found Datasheets File :: 8908    Search Time::1.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pairs

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.95575094223022