|
|
|
http:// POWER-ONE[Power-One] Jameco Electronics
|
Part No. |
12H1601-2R 24H1601-2R 48H1601-2R 24H2320-2 48H3040-2 12H1001-2R 12H1301-2R 12H1501-2R 12H1901-2R 12H2320-2 12H2540-2 12H3020-2 12H3040-2 24H1001-2R 24H1301-2R 24H1501-2R 24H1901-2R 24H2540-2 24H3020-2 24H3040-2 48H1001-2R 48H1301-2R 48H1501-2R 48H1901-2R 48H2320-2 48H2540-2 48H3020-2
|
Description |
50wattdc-dcconverters Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:3; Features:Aluminium Foil/Polyester Tape; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:5; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:4; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:5; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:4; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes CAP, 100PF 50V 10% X7R, 0603 SMD,CAP,CERA,0.01UF,0603 50V, X7R, 10% Paired, Cable, Number Of Pairs 2 RoHS Compliant: Yes 50瓦的DC - DC转换 50 Watt DC-DC Converters 50瓦的DC - DC转换 Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Unshielded; Impedance:72ohm; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
|
File Size |
139.10K /
4 Page |
View
it Online |
Download Datasheet |
For
50wattdc-dcconverters Found Datasheets File :: 10+ Page :: | <1> | |
▲Up To
Search▲ |
|
Price and Availability
|