PART |
Description |
Maker |
ISL120906 ISL1209IU10Z ISL1209 ISL1209IU10 |
Low Power RTC with Battery Backed SRAM and Event Detection
|
INTERSIL[Intersil Corporation]
|
ISL12032 |
Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up
|
Intersil
|
MAX6362 MAX6361-MAX6364 MAX6363LUT31-T MAX6361LUT3 |
2.38 V, SOT23, low-power, mP supervisory circuit with battery backup 4.50 V, SOT23, low-power, mP supervisory circuit with battery backup 3.15 V, SOT23, low-power, mP supervisory circuit with battery backup 3.00 V, SOT23, low-power, mP supervisory circuit with battery backup 2.70 V, SOT23, low-power, mP supervisory circuit with battery backup " SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup" From old datasheet system Analog IC 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
CBC3112 CBC3105 |
Ambiq AM1803 RTC Power Backup with EnerChip Battery
|
Cymbet Corporation
|
CBC34813-M5C CBC34803-M5C-TR1 CBC-EVAL-12-34803 |
Extend Battery Life by Reducing System Power using the EnerChip RTC
|
Cymbet Corporation
|
ISL1221IUZ-T |
Low Power RTC with Battery Backed Real Time Clock/Calendar with Event Detection and Frequency Output REAL TIME CLOCK, PDSO10
|
Intersil Corporation Intersil, Corp.
|
UEP-5/3500-D48 UEP-5/3500-D24 UEP-15/1200-D24 UEP- |
3.3V, 32 Mbit (1024 KBit x 32) TIMEKEEPER® SRAM Multi-channel clock distribution circuit Serial real-time clock with 44 bytes NVRAM and reset Serial I2C bus RTC with battery switchover 3.3V, 32 Mbit (1024 KBit x 32) TIMEKEEPER® SRAM 模拟IC Serial SPI bus RTC with battery switchover 模拟IC
|
Murata Power Solutions, Inc.
|
ASM1233MS-55 ASM1233MS-5 ASM1233MS-3 ASM1233DZ-5 A |
Low Power CPU Supervisors Lithium Battery; Voltage Rating:3V; Battery Capacity:265mAh; Battery Terminals:Pressure Contact RoHS Compliant: NA Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Steel Ruler; Graduations:1/8; 1/16; 1/32; 1/64; Overall Length:12"; Width:1"; Length:12" 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
RL78 |
True Low Power Platform (as low as 66 ?A/MHz, and 0.60 ?A for RTC LVD), 1.6 V to 5.5 V operation
|
Renesas Electronics Corporation
|
M41T9307 |
Serial SPI bus RTC with battery switchover
|
STMicroelectronics
|
3/700RSE.099161 150RS.025269 3/RST4.099146 RST4K.0 |
AKKU TELEFON STECKLOETFAHNE 3.6V 100G BATTERIE NICKEL CADMIUM AKKU LADY N 1.2V Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset BATTERY HIGH TEMP.NI-CAD BATTERY AAA TYPE AAA级电池类
|
Analog Devices, Inc.
|