Part Number Hot Search : 
10V8X1 0BDQ1G SP485E 203909B MAX1472 C8051F0 227M0 SFBDX83
Product Description
Full Text Search
  daylight Datasheet PDF File

For daylight Found Datasheets File :: 1057    Search Time::1.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TEMT1020 TEMT1030 TEMT1040 TEMT1000

VISAY[Vishay Siliconix]
Part No. TEMT1020 TEMT1030 TEMT1040 TEMT1000
OCR Text ...th dome lens. Due to integrated daylight filter devices are sensitive for IR radiation only. TEMT1000 TEMT1020 TEMT1030 Features * High photo sensitivity * Fast response times * Angle of half sensitivity = 15 TEMT1040 1...
Description Silicon Phototransistor

File Size 353.02K  /  9 Page

View it Online

Download Datasheet





    Kondenshi Corp
KODENSHI[KODENSHI KOREA CORP.]
Part No. HP-5FR2 HP-5FR4 HP-5FR3
OCR Text ...idelooking plastic package with daylight filter. The HP-5FR3 and HP-5FR4 photodiode with a different daylight filter(IR-88 type), are available in the same package. (Unit : mm) FEATURES UHigh-output power for IRED UHigh-speed response ...
Description Photo diodes

File Size 191.72K  /  2 Page

View it Online

Download Datasheet

    UPD3737 UPD3737D

NEC[NEC]
Part No. UPD3737 UPD3737D
OCR Text ...ct (PD3571) to the light from a daylight fluorescent lamp 550 nm (green) 16 dot/mm across the shorter side of an A3-size (297 x 420 mm) sheet, 24 dot/mm across the shorter side of an A4-size (210 x 297 mm) sheet +12 V CMOS output under 5V o...
Description 5150-BIT CCD LINEAR IMAGE SENSOR

File Size 189.91K  /  16 Page

View it Online

Download Datasheet

    UPD3739 UPD3739D

NEC[NEC]
Part No. UPD3739 UPD3739D
OCR Text ... 9.0 V/lx*s TYP. (Light source: daylight color fluorescent lamp) : 1 % MAX. : 16 dot/mm (400 dpi) A3 (297 x 420 mm) size (shorter side) : 40 MHz MAX. (20 MHz/1 output) : 2 outputs out of phase (2 outputs in phase also supported) : +12 V : C...
Description 5000 PIXELS CCD LINEAR IMAGE SENSOR

File Size 119.92K  /  24 Page

View it Online

Download Datasheet

    UPD3747 UPD3747D

NEC[NEC]
Part No. UPD3747 UPD3747D
OCR Text ... 19.0 V/lx*s TYP (Light source: daylight color fluorescent lamp) . : 1 % MAX. : +12 V * Drive clock level : CMOS output under 5 V operation : Reset feed-through level clamp circuits Voltage amplifiers ORDERING INFORMATION Part Number...
Description 7400 PIXELS CCD LINEAR IMAGE SENSOR

File Size 119.97K  /  20 Page

View it Online

Download Datasheet

    UPD3753 UPD3753CY

NEC[NEC]
Part No. UPD3753 UPD3753CY
OCR Text ...ct (PD3743) to the light from a daylight fluorescent lamp : Providing about two thirds register imbalance of the existing equivalent NEC product (PD3743) : 550 nm (green) : 8 dot/mm across the shorter side of a B4-size (257 x 364 mm) sheet ...
Description 2088-BIT CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT

File Size 220.64K  /  16 Page

View it Online

Download Datasheet

    Electronic Theatre Controls, Inc.
ETC[ETC]
Part No. M2000C
OCR Text ...ity, on-time, brightness, fade, daylight sensor and environment temperature correction. The corresponding voltage levels are converted to digital values with a 4 bit resolution All signal processing is performed digitally. Features______...
Description PIR Light Controller for 3-Wire Applications

File Size 199.29K  /  5 Page

View it Online

Download Datasheet

    KODENSHI[KODENSHI KOREA CORP.]
Part No. PT23GP11
OCR Text daylight*@ sensor PT23GP11 PT23GP11I*A*lI"aZS"x*iEm=560nm*jEs*[NS"xA1/2tHgg"WX^A**B OEo"d--I*AocLE-'1/4*u*E--De*A*AE-3/4*AZOEv"TMI-3/4AE aeeON/OFFa*A'a*AE"xOEY*o"II*i1*500lx*j AI--p"rEZg--pAU**B PT23GP11 which peak sensitivity is design...
Description daylight sensor

File Size 507.95K  /  2 Page

View it Online

Download Datasheet

    TEMD1000

VISAY[Vishay Siliconix]
Vishay Telefunken
Part No. TEMD1000
OCR Text ...ome lens. Due to its integrated daylight filter the device is sensitive for IR radiation only. High on axis sensitivity is provided by a viewing angle of 15. Features D D D D D D Extra fast response times Radiant sensitive area A=0.25...
Description Silicon PIN Photodiode
From old datasheet system

File Size 77.26K  /  5 Page

View it Online

Download Datasheet

For daylight Found Datasheets File :: 1057    Search Time::1.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of daylight

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.8458888530731