PART |
Description |
Maker |
TMC4670 TMC4670-BI TMC4670-EVAL |
Field Oriented Control (FOC) w/ Servo Controller
|
TRINAMIC Motion Control...
|
STSW-STM32100 |
STM32 PMSM FOC SDK motor control firmware library (UM1052)
|
ST Microelectronics
|
STEVAL-IHM031V1 |
Three phase low voltage inverter power board for FOC and scalar motor control based on STS8DNH3LL MOSFET 3-phase low voltage inverter power board for FOC and scalar motor control based on the STS8DNH3LL MOSFET
|
ST Microelectronics STMicroelectronics
|
TD8751H |
MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
|
INTEL CORP
|
LC6538D |
SINGLE-CHIP 4-BIT MICROCOMPUTER FOR LARGE-SCALE CONTROL-ORIENTED APPLICATIONS
|
Sanyo Semicon Device
|
P8051AH 8751H-8 |
MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
|
Intel Corporation
|
LC66304A LC66P516 LC66306A LC66308A LC66354A LC663 |
4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
|
SANYO[Sanyo Semicon Device]
|
STEVAL-IFN003V1 |
PMSM FOC motor driver based on the L6230 and STM32F103
|
STMicroelectronics
|
LC66406A LC66665308A |
6K-Byte/8K-Byte ROM-Contained Single-Chip 4-bit Microcomputer for Control-Oriented Applications Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
|
Sanyo Semicon Device http://
|
PEF20560-25HV2.1 PEB20560-33HV2.1 |
DOC (DSP Oriented PBX Controller)
|
Infineon
|
ATS632LSC ATS535CSB ATS535JSB ATS640JSB ATS610LSA |
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR ZERO-SPEED/ SELF-CALIBRATING/ NON-ORIENTED/ HALL-EFFECT GEAR-TOOTH SENSOR
|
ALLEGRO[Allegro MicroSystems]
|
FT500DL FT500DL-24 FT500DL-4 FT500DL-20 FT500DL-16 |
Phase control SCR. 500A, 400V. Phase Control SCR 500 Amperes Avg 200-1400 Volts Phase control SCR. 500A, 1200V. Phase control SCR. 500A, 200V. Phase control SCR. 500A, 1000V. Phase control SCR. 500A, 800V. Phase control SCR. 500A, 300V. Phase control SCR. 500A, 500V. Phase control SCR. 500A, 600V. Phase control SCR. 500A, 1400V.
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|