Part Number Hot Search : 
30KW258A 5236B 30KW258A STUN06I 23L645 3040C SSD30N02 HN3C18F
Product Description
Full Text Search
  oriented Datasheet PDF File

For oriented Found Datasheets File :: 6091    Search Time::1ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    X9448YP24-2.7 X9448YP24I-2.7 X9448WP24-2.7 X9448WP24I-2.7 X9448WS24-2.7 X9448WS24I-2.7 X9448WV24-2.7 X9448YV24I-2.7 X944

Intersil, Corp.
数字电位
INTERSIL[Intersil Corporation]
Part No. X9448YP24-2.7 X9448YP24I-2.7 X9448WP24-2.7 X9448WP24I-2.7 X9448WS24-2.7 X9448WS24I-2.7 X9448WV24-2.7 X9448YV24I-2.7 X9448 X9448WP24 X9448WP24I X9448WS24 X9448WS24I X9448WV24 X9448WV24I X9448WV24I-2.7 X9448YP24 X9448YP24I X9448YS24 X9448YS24-2.7 X9448YS24I X9448YS24I-2.7 X9448YV24 X9448YV24-2.7 X9448YV24I
OCR Text ...ire serial interface * Register oriented format --Direct read/write wiper position --Store as many as four positions per pot * Fast response comparator * Enable, latch, or shutdown comparator outputs through ACR * Auto-recall of WCR and ACR...
Description VGA VIDEO CABLE 100 FT FF 混合信号2线接
Mixed Signal with 2-Wire Interface 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
VGA VIDEO CABLE 35 FT FF 混合信号2线接
Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Color:Yellow; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes

File Size 305.94K  /  19 Page

View it Online

Download Datasheet





    WEDPN16M64VR-B100B2C WEDPN16M64VR-B100B2M WEDPN16M64VR-100B2C WEDPN16M64VR-100B2M WEDPN16M64VR-125B2I WEDPN16M64VR-133B2

White Electronic Designs Corporation
Part No. WEDPN16M64VR-B100B2C WEDPN16M64VR-B100B2M WEDPN16M64VR-100B2C WEDPN16M64VR-100B2M WEDPN16M64VR-125B2I WEDPN16M64VR-133B2M WEDPN16M64VR-XB2X WEDPN16M64VR-125B2M WEDPN16M64VR-133B2C WEDPN16M64VR-125B2C WEDPN16M64VR-133B2I WEDPN16M64VR-100B2I
OCR Text ...accesses to the SDRAM are burst oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration of an ACTIVE command, which is then followed by...
Description 16MX64 REGISTERED SYNCHRONOUS DRAM

File Size 330.63K  /  15 Page

View it Online

Download Datasheet

    WEDPN16M72V-B100B2C WEDPN16M72V-133B2I WEDPN16M72V-XB2X WEDPN16M72V-100B2C WEDPN16M72V-125B2I WEDPN16M72V-125B2M WEDPN16

White Electronic Designs Corporation
Part No. WEDPN16M72V-B100B2C WEDPN16M72V-133B2I WEDPN16M72V-XB2X WEDPN16M72V-100B2C WEDPN16M72V-125B2I WEDPN16M72V-125B2M WEDPN16M72V-133B2C WEDPN16M72V-100B2M WEDPN16M72V-125B2C WEDPN16M72V-133B2M WEDPN16M72V-100B2I
OCR Text ...accesses to the SDRAM are burst oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration of an ACTIVE command, which is then followed by...
Description 16MX72 SYNCHRONOUS DRAM

File Size 326.68K  /  14 Page

View it Online

Download Datasheet

    WEDPN16M72VR-B100B2I WEDPN16M72VR-100B2M WEDPN16M72VR-125B2I WEDPN16M72VR-125B2M WEDPN16M72VR-133B2C WEDPN16M72VR-100B2C

White Electronic Designs Corporation
Part No. WEDPN16M72VR-B100B2I WEDPN16M72VR-100B2M WEDPN16M72VR-125B2I WEDPN16M72VR-125B2M WEDPN16M72VR-133B2C WEDPN16M72VR-100B2C WEDPN16M72VR-133B2M WEDPN16M72VR-125B2C WEDPN16M72VR-XB2X WEDPN16M72VR-100B2I WEDPN16M72VR-133B2I
OCR Text ...accesses to the SDRAM are burst oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration of an ACTIVE command, which is then followed by...
Description 16MX72 REGISTERED SYNCHRONOUS DRAM

File Size 296.23K  /  13 Page

View it Online

Download Datasheet

    WEDPN4M64V-B100BC WEDPN4M64V-B100BM WEDPN4M64V-100BC WEDPN4M64V-100BI WEDPN4M64V-100BM WEDPN4M64V-125BC WEDPN4M64V-125BI

White Electronic Designs Corporation
Part No. WEDPN4M64V-B100BC WEDPN4M64V-B100BM WEDPN4M64V-100BC WEDPN4M64V-100BI WEDPN4M64V-100BM WEDPN4M64V-125BC WEDPN4M64V-125BI WEDPN4M64V-125BM WEDPN4M64V-133BC WEDPN4M64V-133BI WEDPN4M64V-XBX WEDPN4M64V-133BM
OCR Text ...accesses to the SDRAM are burst oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration of an ACTIVE command, which is then followed by...
Description 4MX64 SYNCHRONOUS DRAM

File Size 259.25K  /  12 Page

View it Online

Download Datasheet

    WEDPN4M72V-B100B2C WEDPN4M72V-B100B2I WEDPN4M72V-100B2C WEDPN4M72V-100B2I WEDPN4M72V-100B2M WEDPN4M72V-125B2C WEDPN4M72V

White Electronic Designs Corporation
Part No. WEDPN4M72V-B100B2C WEDPN4M72V-B100B2I WEDPN4M72V-100B2C WEDPN4M72V-100B2I WEDPN4M72V-100B2M WEDPN4M72V-125B2C WEDPN4M72V-125B2I WEDPN4M72V-XB2X WEDPN4M72V-133B2C WEDPN4M72V-133B2M WEDPN4M72V-125B2M WEDPN4M72V-133B2I
OCR Text ...accesses to the SDRAM are burst oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration of an ACTIVE command, which is then followed by...
Description 4MX72 SYNCHRONOUS DRAM

File Size 273.18K  /  15 Page

View it Online

Download Datasheet

    Intersil
Part No. HSP45240 FN2489
OCR Text ...n. The sequencer supports block oriented addressing of large data sets up to 24-bits at clock speeds up to 50MHz. Specialized addressing requirements are met by using the onboard 24 x 24 crosspoint switch. This feature allows the mapping of...
Description Address Sequencer
From old datasheet system

File Size 88.68K  /  13 Page

View it Online

Download Datasheet

    Austria Mikro Systems
AMSCO[austriamicrosystems AG]
Part No. ASCELL3912
OCR Text ...Provides highly reliable packet oriented data transmission in blocks of 128 bit. Event oriented single message transmission and status oriented and continuous message transmission supported. Special transmission protocol for high reliabilit...
Description ISM 868 MHz, 433 MHz and 315 MHz FSK Receiver Cell
ISM 868 MHz 433 MHz and 315 MHz FSK Transmitter
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter

File Size 122.29K  /  14 Page

View it Online

Download Datasheet

    SCN26562 SCN26562C4N48 SCN26562C4A52

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. SCN26562 SCN26562C4N48 SCN26562C4A52
OCR Text ...single package. It supports bit-oriented and character-oriented (byte count and byte control) synchronous data link controls as well as asynchronous protocols. The SCN26562 interfaces to synchronous bus MPUs and is capable of program-polled...
Description Dual universal serial communications controller DUSCC

File Size 95.65K  /  17 Page

View it Online

Download Datasheet

    IDT
Part No. IDT82V2108 82V2108_DS
OCR Text ... Code transmitter/receiver, Bit oriented Message generator / detector Supports polled or interrupt driven processing for all events Supports multiplexed or non-multiplexed address/data bus MPU interface for configuration, control and status...
Description T1 / E1 / J1 OCTAL FRAMER
From old datasheet system

File Size 1,174.93K  /  272 Page

View it Online

Download Datasheet

For oriented Found Datasheets File :: 6091    Search Time::1ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of oriented

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.44124698638916