Part Number Hot Search : 
31S100M ZTX327 NCP5359A 800892 ADM696 20060 GMF10701 AN921
Product Description
Full Text Search
  servo Datasheet PDF File

For servo Found Datasheets File :: 5489    Search Time::1.921ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TC94A39FAG TC94A39FB

Toshiba Semiconductor
Part No. TC94A39FAG TC94A39FB
OCR Text ...e-chip CD processor for digital servo, which incorporates a 4-bit microcontroller. The controller features an LCD driver, 4-channel 6-bit AD converter, 1 port 2-channel 2/3-line or UART serial interface module, a buzzer, 20-bit general-purp...
Description Single-Chip CD Processor with Built-in Controller (CD-DX)

File Size 270.79K  /  20 Page

View it Online

Download Datasheet





   
Part No. TC94A58FAG
OCR Text ...-chip cd processor for digital servo, which incorporates a 4-bit microcontroller. the controller features an lcd driver, 4-channel 6-bit ad converter, 1 port 2-channel 2/3-line or uart serial interface module, a buzzer, 20-bit general-p...
Description 4-BIT, MROM, 16.93 MHz, MICROCONTROLLER, PQFP64

File Size 494.79K  /  21 Page

View it Online

Download Datasheet

    CXP874P60

SONY[Sony Corporation]
Part No. CXP874P60
OCR Text ...tan FG and drum FG/PG and other servo systems, as well as basic configurations like 8-bit CPU, PROM, RAM and I/O port. They are integrated into a single chip. Also CXP874P60 provides power on reset function, sleep/stop function which enable...
Description CMOS 8-bit Single Chip Microcomputer

File Size 597.59K  /  32 Page

View it Online

Download Datasheet

    MC2800

List of Unclassifed Manufacturers
Part No. MC2800
OCR Text ...tiple motor type for brushed servo and brushless servo motion control revision 1.8, october 2003 notice this document contains proprietary and confidential information of performance m...
Description Technical Specifications Multiple Motor Type

File Size 1,999.39K  /  63 Page

View it Online

Download Datasheet

    SG1731 SG1731J SG2731 SG2731J SG2731N SG3731 SG3731J SG3731N SG1731J_883B SG1731J/883B

Microsemi, Corp.
MICROSEMI[Microsemi Corporation]
Part No. SG1731 SG1731J SG2731 SG2731J SG2731N SG3731 SG3731J SG3731N SG1731J_883B SG1731J/883B
OCR Text ...control element in motor-driven servo systems for precision positioning and speed control, as well as in audio modulators and amplifiers using carrier frequencies to 350 KHz. The circuit contains a triangle waveform oscillator, a wideband o...
Description DC MOTOR PULSE WIDTH MODULATOR BRUSH DC MOTOR CONTROLLER, 0.4 A, CDIP16
From old datasheet system

File Size 139.77K  /  5 Page

View it Online

Download Datasheet

   
Part No. KS1453
OCR Text ...e data serial output ? spindle servo control signal generation ? dvd playback ? cd/vcd playback ? clv/cav feature ? cd/vcd repeat correcting feature ? technology - application mode: cd_player, cd_rom, video-cd, dvdp player 128-qfp ks1453...
Description SPECIALTY CONSUMER CIRCUIT, PQFP128

File Size 520.83K  /  73 Page

View it Online

Download Datasheet

   
Part No. KS1452
OCR Text servo ks1452 1 product summary and characteristics ks1452 is a 1 chip ic of the digital servo signal processor/wide capture range pll, used in a dvdp. features, characteristics ? cd/cdrom 1, 2, 4, 8x, dvd 1x compatible digital servo ic ? c...
Description SPECIALTY CONSUMER CIRCUIT, PQFP80

File Size 891.86K  /  92 Page

View it Online

Download Datasheet

    SLC1600

Solid State Optronic
Part No. SLC1600
OCR Text ...hed transistors used for both a servo Feedback Loop and a Forward Output Loop. The closely matched transistors provide a high degree of linearity across a wide range of input signal variation. These features make the SLC1600 an ideal produc...
Description Dual Linear Optocoupler

File Size 163.57K  /  4 Page

View it Online

Download Datasheet

    BU9354KV

http://
ETC
Rohm
Part No. BU9354KV
OCR Text servo amplifier, signal processing, RAM control for anti-shock and D/A converter for audio into a single chip. Built-in programmable sequencer controller enables to construct optional servo algorithm and servo filter. !Applications !E...
Description System LSI for CD player

File Size 57.41K  /  3 Page

View it Online

Download Datasheet

For servo Found Datasheets File :: 5489    Search Time::1.921ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of servo

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.76712203025818