PART |
Description |
Maker |
AD831 |
Low Distortion Mixer High-Performance, Low Distortion 500-MHz Mixer
|
Analog Devices, Inc.
|
AD8045 AD8045ARDZ-REEL7 AD8045ACP-R2 AD8045ACP-REE |
3 nV/√Hz Ultralow Distortion Voltage Feedback High Speed Amplifier 3 nV/Hz Ultralow Distortion, High Speed Op Amp From old datasheet system 3 nV/√Hz Ultralow Distortion Voltage Feedback High Speed Amplifier
|
AD[Analog Devices] adi
|
HLMP-UL07 HLMP-UL14 HLMP-UG06 HLMP-UH06 HLMP-DL08 |
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps High-Speed Fully Differential Amplifier, /-5 V 8-MSOP-PowerPAD -40 to 85 High-Speed Fully Differential Amplifier, /-5 V 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SON -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SOIC -40 to 85 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP-PowerPAD -40 to 85 Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 470uF; Voltage: 35V; Case Size: 10x31.5 mm; Packaging: Bulk Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-SOIC -40 to 85
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
LTC6601CUF-2PBF LTC6601CUF-2 LTC6601CUF-2TRPBF LTC |
LTC6601-2 - Low Power, Low Distortion, Low Power, Low Distortion, 5MHz to 27MHz, Pin Con?gurable Filter/ADC Driver; Package: QFN; Number of Pins: 20; Temperature Range: 0°C to 70°C Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
|
LINEAR TECHNOLOGY CORP
|
B25667 B25667-A2157-A175 B25667-A2157-A375 B25667- |
MKK AC Capacitors PhaseCap Power Factor Correction and Filtering MKK AC Capacitors PhaseCap⑩ Power Factor Correction and Filtering Compact design Enhanced inrush current withstand capability
|
NXP Semiconductors Philips Semiconductors EPCOS SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
AD8099ARDZ-REEL7 AD8099 AD8099ACP-R2 AD8099ACP-REE |
Unprecedented Low Noise and Low Distortion High Speed Op-Amp Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
|
AD[Analog Devices]
|
MAX4430 MAX4430ESA MAX4430EUK-T MAX4431 MAX4431ESA |
Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low-Distortion Op Amps Dual-Supply / 180MHz / 16-Bit Accurate / Ultra-Low Distortion Op Amps Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps " Dual- Supply, 180MHz, 16-Bit Accurate, Ultra-Low- Distortion Op Amp in SOT23 Package"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
SSM2211CP-R2 SSM2211-EVAL SSM2211CPZ-REEL1 SSM2211 |
Low Distortion, 1.5 W Audio Power Amplifier 1.5 W, 1 CHANNEL, AUDIO AMPLIFIER, PDSO8 Low Distortion, 1.5 W Audio Power Amplifier 低失真,1.5 W音频功率放大
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADA4505-1 ADA4505-1ACBZ-R7 ADA4505-1ACBZ-RL ADA450 |
10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers 10 μA, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
|
Analog Devices
|