Part Number Hot Search : 
NCL30081 B80NF06 SA16AG 000XC MC14556 MMBZ5237 PE9614 MAX358C
Product Description
Full Text Search
  motion Datasheet PDF File

For motion Found Datasheets File :: 3919    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MMA7455L MMA7455LR1 MMA7455LR2 MMA7455LT

Freescale Semiconductor, Inc
Part No. MMA7455L MMA7455LR1 MMA7455LR2 MMA7455LT
OCR Text ... pulse (click) detect for quick motion detection. The 0g offset can be customer calibrated using assigned 0g registers and g-Select which allows for command selection for 3 sensitivities (2g/4g/8g). Zero-g offset and sensitivity are factory...
Description Three Axis Low-g Digital Output Accelerometer

File Size 517.69K  /  27 Page

View it Online

Download Datasheet





    BCM7040

Electronic Theatre Controls, Inc.
ETC
Part No. BCM7040
OCR Text ... IPB, IPBB * +/-100 pixels wide motion estimation search range * Automatic 3/2 pulldown detection * Video input: selectable 8/10 bits CCIR656 * 4:2:2 to 4:2:0 conversion * MPEG-1 Layer II stereo encoding * Dolby Digital (AC-3) stereo encodi...
Description MPEG2 DIGITAL VIDEO/AUDIO ENCODER

File Size 128.94K  /  2 Page

View it Online

Download Datasheet

    IRMCF311TR IRMCF311TY IRMCF311

International Rectifier
Part No. IRMCF311TR IRMCF311TY IRMCF311
OCR Text motion Control Engine) - Hardware based computation engine for high efficiency sinusoidal sensorless control of permanent magnet AC motor Integrated Power Factor Correction control Supports both interior and surface permanent magnet motors ...
Description Dual Channel Sensorless Motor Control IC for Appliances

File Size 653.15K  /  33 Page

View it Online

Download Datasheet

    IRMCS203107

International Rectifier
Part No. IRMCS203107
OCR Text ...em contains the latest advanced motion control IC, IRMCK203, and the ServoDesignerTM software. The complete B/Ms and schematics are provided so that the user can adapt and tailor the design per application needs. The system does not require...
Description Complete Sensorless Drive Design Platform imotionTM Development System

File Size 241.84K  /  21 Page

View it Online

Download Datasheet

    Maxim Integrated Products, Inc.
Part No. MAX21100
OCR Text ...ensor fusion using proprietary motion merging engine (mme) for handset and tablet applications, game controllers, motion remote controls, and other consumer devices. the max21100 is the industrys most accurate 6+3 dof inertial measureme...
Description Low-Power, Ultra-Accurate 6 3 DoF IMU

File Size 856.20K  /  32 Page

View it Online

Download Datasheet

    SII504

Silicon image
Part No. SII504
OCR Text ...nterlaced video input. Advanced motion-adaptive and source-adaptive techniques create an output image of incredible detail without introducing the motion and interlacing artifacts commonly associated with other interlace to progressive scan...
Description Digital Video Processor

File Size 4,840.01K  /  2 Page

View it Online

Download Datasheet

    SII8200

Silicon image
Part No. SII8200
OCR Text ...ncorporates state-of-the-art 3D motion adaptive video de-interlacing, advanced video scaling, and frame rate conversion between 24 fps film rate, 50 Hz and 60 Hz video rates. Advanced image processing controls include programmable hue, satu...
Description Advanced Video Processor

File Size 239.66K  /  2 Page

View it Online

Download Datasheet

    AS5305

austriamicrosystems AG
Part No. AS5305
OCR Text motion detection AS5305 Integrated Hall IC for Linear and Off-Axis Rotary motion Detection PRELIMINARY FACT SHEET PRELIMINARY FACT SHEET DATA SHEET 1 General Description 2 * * * * * Benefits Complete system-on-chip High ...
Description Integrated Hall IC for Linear and Off-Axis Rotary motion Detection

File Size 438.52K  /  2 Page

View it Online

Download Datasheet

    ZR36050 ZR36050PQC-21 ZR36050PQC-27

ETC
Part No. ZR36050 ZR36050PQC-21 ZR36050PQC-27
OCR Text ...ion s DMA/SLAVE bus interface s motion video (30 frames/sec) compression/expansion capability for CCIR resolution (720 x 480) s "Fast Preview" option - Preview of "thumbnail" version of images (up to 25x faster) s Bit rate control option - ...
Description JPEG IMAGE COMPRESSION PROCESSOR

File Size 262.97K  /  52 Page

View it Online

Download Datasheet

    ZR36067 ZR36067PQC

ETC
Part No. ZR36067 ZR36067PQC
OCR Text ...gle field display, to eliminate motion artifacts. Hardware support for simple, cost effective frame grabbing. I2C bus master port. Plug & Play support. 208-pin PQFP package. Support for Subsystem ID and Subsystem Vendor ID. APPLICATIONS ...
Description AV PCI CONTROLLER

File Size 579.02K  /  48 Page

View it Online

Download Datasheet

For motion Found Datasheets File :: 3919    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of motion

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.69945096969604