PART |
Description |
Maker |
ISL12022MIBZ-T ISL12022M10 ISL12022M ISL12022MIBZ |
Low Power RTC with Battery Backed SRAM,Integrated ±5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM,Integrated 卤5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM,Integrated 隆戮5ppm Temperature Compensation and Auto Daylight Saving
|
Intersil Corporation
|
ISL1209 ISL1209IU10 ISL1209IU10-TK ISL1209IU10Z IS |
Low Power RTC with Battery Backed SRAM and Event Detection
|
Intersil Corporation
|
ISL12022MA ISL12022MAIBZ ISL12022MAIBZ-T ISL12022M |
Low Power RTC with Battery Backed SRAM, Integrated 卤5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
|
Intersil Corporation
|
V3025SO28B V3025 V3025SO28A |
17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
|
EMMICRO[EM Microelectronic - MARIN SA]
|
EFXLDM-TTL-300J EFXLDM-TTL-24J EFXLDM-TTL-24T EFXL |
Low Power RTC with Battery Backed SRAM and Event Detection; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R I2C® Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM; Temperature Range: -40°C to 85°C; Package: 8-SOIC Low Power RTC with Battery Backed SRAM; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Low Power RTC with Battery Backed SRAM; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R Low Power RTC with 8 Bytes of Battery Backed SRAM and Separate FOUT; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R I2C® Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM; Temperature Range: -40°C to 85°C; Package: 8-MSOP Dual Channel Central Office ADSL2 Line Driver; Temperature Range: -40°C to 85°C; Package: 28-HTSSOP T&R Real Time Clock/Calendar with EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC xDSL Differential Line Driver; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R Real Time Clock/Calendar with EEPROM; Temperature Range: -40°C to 85°C; Package: 8-TSSOP T&R Real Time Clock/Calendar with I2C Bus and EEPROM; Temperature Range: -40°C to 85°C; Package: 14-TSSOP Real Time Clock/Calendar with I2C Bus and EEPROM; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 100V, 3A/4A Peak, High Frequency Half-Bridge Drivers; Temperature Range: Full-Range Ind; Package: 12-DFN High Voltage Input Precision, Low Noise FGA Voltage References; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R Dual Channel Central Office ADSL2 Line Driver; Temperature Range: -40°C to 85°C; Package: 24-QFN T&R Precision, Low Noise FGA Voltage References; Temperature Range: Full-Range Ind; Package: 6-SOT-23 T&R 100V, 3A/4A Peak, High Frequency Half-Bridge Drivers; Temperature Range: Full-Range Ind; Package: 8-SOIC Precision 0.600V Low Voltage FGA References; Temperature Range: Power Supply; Package: 3-SOT-23 T&R 100V, 2A Peak, High Frequency Half-Bridge Drivers; Temperature Range: -40°C to 85°C; Package: 9-DFN xDSL Differential Line Driver; Temperature Range: -40°C to 85°C; Package: 10-HMSOP T&R Delay Line 延迟
|
L-com, Inc.
|
CBC34813-M5C CBC34803-M5C-TR1 CBC-EVAL-12-34803 |
Extend Battery Life by Reducing System Power using the EnerChip RTC
|
Cymbet Corporation
|
ISL12020MIRZ ISL12020MIRZ-T ISL12020M |
Low Power RTC with Battery Backed SRAM, Integrated 卤5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving Real Time Clock with Embedded Crystal, ±5ppm Accuracy; Temperature Range: -40°C to 85°C; Package: 20-DFN REAL TIME CLOCK, PDSO20 Real Time Clock with Embedded Crystal, ±5ppm Accuracy; Temperature Range: -40°C to 85°C; Package: 20-DFN T&R
|
Intersil Corporation Intersil, Corp.
|
UEP-5/3500-D48 UEP-5/3500-D24 UEP-15/1200-D24 UEP- |
3.3V, 32 Mbit (1024 KBit x 32) TIMEKEEPER® SRAM Multi-channel clock distribution circuit Serial real-time clock with 44 bytes NVRAM and reset Serial I2C bus RTC with battery switchover 3.3V, 32 Mbit (1024 KBit x 32) TIMEKEEPER® SRAM 模拟IC Serial SPI bus RTC with battery switchover 模拟IC
|
Murata Power Solutions, Inc.
|
ASM1233MS-55 ASM1233MS-5 ASM1233MS-3 ASM1233DZ-5 A |
Low Power CPU Supervisors Lithium Battery; Voltage Rating:3V; Battery Capacity:265mAh; Battery Terminals:Pressure Contact RoHS Compliant: NA Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Steel Ruler; Graduations:1/8; 1/16; 1/32; 1/64; Overall Length:12"; Width:1"; Length:12" 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
M41T82 |
Serial I2C Bus RTC with Battery Switchover(带电池转换功能的串行I2C总线RTC)
|
意法半导
|
V30208TSS V30208S |
Ultra Low Power 1-Bit 32 kHz RTC
|
List of Unclassifed Manufacturers
|