PART |
Description |
Maker |
BCR58307 BCR583 |
500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon Digital Transistor
|
Infineon Technologies AG Infineon Technologies A...
|
BCR569 |
PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit) 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon Digital Transistor (Switching circuit/ inverter/ interface circuit/ driver circuit) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
IMB3AFRA |
PNP PNP Digital transistor (Corresponds to AEC-Q101)
|
ROHM
|
BCR22PN BCR22PNE6327 |
Digital Transistors - SOT363 package NPN/PNP Silicon Digital Transistor Array
|
INFINEON[Infineon Technologies AG]
|
BCR183S Q62702-C2377 BCR183SQ62702C2377 |
TRANSISTOR DIGITAL SOT363 PNP Silicon Digital Transistor Array (Switching circuit, inverter, interface circuit, driver circuit) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
EMB59T2R |
PNP PNP Digital transistor (with built-in resistors)
|
ROHM
|
2N1122 2N1405 2N1407 2N1101 2N1140 2N1535 2N1472 2 |
TRANSISTOR | BJT | PNP | 11V V(BR)CEO | 50MA I(C) | TO-24 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-12 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-22 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-9 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 3.5A I(C) | IST-3RT-1/2 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50A I(C) | TO-36 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 12A I(C) | TO-3 TRANSISTOR | BJT | PNP | 110V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 25MA I(C) | TO-22VAR TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 25A I(C) | TO-36 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 90V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 7A I(C) | TO-3 晶体管|晶体管|进步党| 50V五(巴西)总裁| 7A条一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 12V的五(巴西)总裁| 100mA的一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 65V的五(巴西)总裁|5A一(c)|6 TRANSISTOR | BJT | PNP | 15A I(C) | TO-36 TRANSISTOR | BJT | PNP | 38V V(BR)CEO | 15A I(C) | TO-41
|
NXP Semiconductors N.V. Microsemi, Corp.
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
DTA114YCAHZG |
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
|
Rohm
|
UMF28NTR |
PNP General Purpose Amplification Transistor NPN Digital transistor
|
ROHM
|