Part Number Hot Search : 
BTP129 AM33C93 BAS70 XPCN01 ADD8505 C4443I BUJ302AD 120EIB
Product Description
Full Text Search
  resistors Datasheet PDF File

For resistors Found Datasheets File :: 47334    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AN1318

STMicroelectronics
SGS Thomson Microelectronics
Part No. AN1318
OCR Text ...ossible; - the termination line resistors must be the nearest to the receiver; - the use of surface mount components are recommended. pecl lvpecl ecl lvds february 2001 1/9 an1318 application note interfacing between lvds and high speed dif...
Description INTERFACING BETWEEN LVDS AND HIGH SPEED DIFFERENTIAL LOGIC FAMILIES

File Size 59.18K  /  9 Page

View it Online

Download Datasheet





    HYMD564646AXX

Hynix Semiconductor
Part No. HYMD564646AXX
OCR Text ...ned as shown 3. dq, dqs, dm/dqs resistors : 22ohms+/-5% 4. vddid strap connections (for memory device vdd, vddq) : strap out :(open) : vdd=vddq strap in (vss) : vdd= vddq vdd/vddq . vddspd vref vss vddid spd d0 ? d7 d0 ? d7 d0 ? d7 = . = ....
Description Unbuffered DDR SDRAM DIMM

File Size 258.99K  /  16 Page

View it Online

Download Datasheet

    DTC114YC3

Cystech Electonics Corp.
Part No. DTC114YC3
OCR Text ...n digital transistors (built-in resistors ) dtc114yc3 features ? built-in bias resistors enable the configuration of an inverter circu it without connecting external input resistors (see equi valent circuit). ? the bias resistors...
Description NPN Digital Transistors

File Size 244.06K  /  6 Page

View it Online

Download Datasheet

    DTC013ZEB DTC013ZUB DTC013ZM

Rohm
Part No. DTC013ZEB DTC013ZUB DTC013ZM
OCR Text ...eatures 1) built-in biasing resistors, r 1 = 1k , r 2 = 10k 2) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) . 3) the bias resistors consi...
Description NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)

File Size 1,048.98K  /  8 Page

View it Online

Download Datasheet

    AS1582 AS1582T-X AS1582U-X AS1582U-3.3 AS1582T-2.5 AS1582T-3.3 AS1582T-2.8 AS1582U-2.5 AS1582U-2.8

Sipex Corporation
Part No. AS1582 AS1582T-X AS1582U-X AS1582U-3.3 AS1582T-2.5 AS1582T-3.3 AS1582T-2.8 AS1582U-2.5 AS1582U-2.8
OCR Text ...sion requires only two external resistors to set the output voltage. The fixed version has a preset output of 3.3V, 2.8V or 2.5V and does not require any external resistors. The AS1582 features a low dropout of less than 400mV(typ.) and off...
Description 3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed(3A超低压差稳压器(快速响应,可调和固定输出))
Analog IC

File Size 109.31K  /  4 Page

View it Online

Download Datasheet

    AD754102 AD7541KN AD7541 AD7541JN

INTERSIL[Intersil Corporation]
Part No. AD754102 AD7541KN AD7541 AD7541JN
OCR Text ...r level laser-trimmed thin-film resistors on CMOS circuitry provide true 12-bit linearity with TTL/CMOS compatible operation. Special tabbed-resistor geometries (improving time stability), full input protection from damage due to static dis...
Description 12-Bit, Multiplying D/A Converter

File Size 159.44K  /  8 Page

View it Online

Download Datasheet

For resistors Found Datasheets File :: 47334    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of resistors

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0319910049438