PART |
Description |
Maker |
TSC607-ZPPACKOF10 TSC506-ZP |
IC FLEX 10KE FPGA 200K 600-BGA 780-pin FineLine BGA BEFESTIGUNGSKLAMMER多珀0ST
|
OSRAM GmbH
|
FDZ293P06 FDZ293P |
P-Channel 2.5 V Specified PowerTrench? BGA MOSFET P-Channel 2.5 V Specified PowerTrench㈢ BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IBM25PPC440GX-3FB533C IBM25PPC440GX-3CB533C IBM25P |
32-BIT, 533 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 533 MHz, RISC PROCESSOR, CBGA552 25 X 25 MM, CERAMIC, BGA-552 32-BIT, 667 MHz, RISC PROCESSOR, CBGA552 25 X 25 MM, CERAMIC, BGA-552
|
Mitsubishi Electric, Corp.
|
K7P401811M-HC160 K7P403611M-HC200 K7P403611M |
128Kx36 & 256Kx18 Synchronous Pipelined SRAM Data Sheet 128K X 36 STANDARD SRAM, 2.5 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 256K X 18 STANDARD SRAM, 3 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119
|
Samsung Electronic
|
IBM25PPC740-DB0M2660 IBM25PPC740-EB0M2660 IBM25PPC |
32-BIT, 266 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 233 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 200 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 300 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360
|
Japan Aviation Electronics Industry, Ltd.
|
FDZ294N |
N-Channel 2.5V Specified PowerTrench® BGA MOSFET N-CHANNEL 2.5 V SPECIFIED POWERTRENCH BGA MOSFET
|
Fairchild Semiconductor
|
US115T US115TE US112 US112T US112E US211 US211E US |
Analog IC Intel® LXT16726 DeMUX, 132-pin BGA, Tray Intel® LXT16726 DeMUX, 142-pin BGA, Tray
|
|
IDT71V67613S200BQ IDT71V67613S183BG IDT71V67613S20 |
256K X 36 CACHE SRAM, 3.1 ns, PBGA165 13 X 15 MM, FINE PITCH, BGA-165 256K X 36 CACHE SRAM, 3.3 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119 256K X 36 CACHE SRAM, 3.1 ns, PQFP100 14 X 20 MM, 1.40 MM HEIGHT, PLASTIC, TQFP-100 256K X 36 CACHE SRAM, 3.3 ns, PQFP100 14 X 20 MM, 1.40 MM HEIGHT, PLASTIC, TQFP-100 256K X 36 CACHE SRAM, 3.3 ns, PBGA165 13 X 15 MM, FINE PITCH, BGA-165 256K X 36 CACHE SRAM, 3.1 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119
|
Integrated Device Technology, Inc.
|
N01L1618N1AB2-70I N01L1618N1AB-70I |
64K X 16 STANDARD SRAM, 70 ns, PBGA48 GREEN, BGA-48 64K X 16 STANDARD SRAM, 70 ns, PBGA48 BGA-48
|
ON Semiconductor ST Microelectronics
|
FW80321M600Q467 FW80321M400Q466 |
600 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544 400 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544
|
Intel, Corp.
|
AT49BV160-90CI AT49BV161-70CI AT49BV161-90CI AT49B |
EEPROM|FLASH|1MX16/2MX8|CMOS|BGA|48PIN|PLASTIC EEPROM|FLASH|1MX16/2MX8|CMOS|BGA|45PIN|PLASTIC 的EEPROM | FLASH动画| 1MX16/2MX8 |的CMOS | BGA封装| 45PIN |塑料
|
ATM Electronic, Corp.
|
|