Part Number Hot Search : 
EM78P567 MH75FDG G4496SS TSV992ID C0917A MBRB30 0100C SS552MT
Product Description
Full Text Search
  aspect Datasheet PDF File

For aspect Found Datasheets File :: 1885    Search Time::1.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ATS040040014-SF-13M

Advanced Thermal Solutions, Inc.
Part No. ATS040040014-SF-13M
OCR Text aspect ratio ext.) straight fin *image above is for illustration purpose only. ats part#: ats040040014-sf-13m description: 40.00 x 40.00 x 14.00 mm bga heat sink (high aspect ratio ext.) straight fin heat sink type: straight fin he...
Description 40.00 x 40.00 x 14.00 mm BGA Heat Sink (High aspect Ratio Ext.) Straight Fin

File Size 278.12K  /  1 Page

View it Online

Download Datasheet





    IBM Microeletronics
Part No. IBM39STB130X0
OCR Text ...which allows conversion of 16:9 aspect ratio images to conventional 4:3 aspect ratio displays. the host data bus is used to input compressed audio and video data when a transport stream is not used. synchronization the video decoder synchro...
Description STB130x0 A/V Transport/Decoders(STB130x0 音频/视频的传送译码器)

File Size 75.48K  /  22 Page

View it Online

Download Datasheet

    CXD2131Q

SONY[Sony Corporation]
Part No. CXD2131Q
OCR Text aspect Ratio Identification Signal Encoder/Decoder For the availability of this product, please contact the sales office. Description The CXD2131Q is an IC that encodes and decodes video aspect ratio identification signal (conforming to EI...
Description Video aspect Ratio Identification Signal Encoder/Decoder

File Size 187.76K  /  13 Page

View it Online

Download Datasheet

    CXD2053AM CXD2053AS

Sony, Corp.
SONY[Sony Corporation]
Part No. CXD2053AM CXD2053AS
OCR Text ... video signal. Features * Video aspect ratio identification used with wide TVs is realized with a single chip. * I2C bus interface. This IC can also be used without the bus. * For auto wide function, 525/60 (NTSC) and 625/50 (PAL, SECAM) ca...
Description Auto Wide, EDTV-II ID Detection, ID-1 Detection 汽车宽,增强清晰度电视,第二号检测,编号- 1检
Auto Wide/ EDTV-II ID Detection/ ID-1 Detection

File Size 194.93K  /  14 Page

View it Online

Download Datasheet

    DDP3310B

Micronas
ETC
Part No. DDP3310B
OCR Text ...ng, and a non-linear `Panorama' aspect ratio conversion. All deflection related signals can be adapted to different scan rates. The analog section contains all analog interface components and an ADC, to compensate long term changes of the p...
Description Display and Deflection Processor

File Size 1,011.92K  /  60 Page

View it Online

Download Datasheet

    UPD16873 UPD16873A UPD16873AMC-6A4 UPD16873B UPD16873BMC-6A4 UPD16873C UPD16873CMC-6A4 UPD16873MC-6A4

NEC[NEC]
Part No. UPD16873 UPD16873A UPD16873AMC-6A4 UPD16873B UPD16873BMC-6A4 UPD16873C UPD16873CMC-6A4 UPD16873MC-6A4
OCR Text aspect SPINDLE MOTOR DRIVER MOS Integrated Circuit DESCRIPTION PD16873/A/B/C is 3 aspect spindle motor driver that composed by CMOS control circuit and MOS bridge output. The consumption electric power can be substantially reduced t...
Description MONOLITHIC 3-aspect SPINDLE MOTOR DRIVER

File Size 100.83K  /  16 Page

View it Online

Download Datasheet

    Micronas Semiconductor Holding AG
Part No. DMA2275 DMA2286
OCR Text ...erpolation of mac video signal (aspect ratio 16:9) descrambling of mac data packets descrambling of vbiteletext entitlement packet acquisition supplementary general purpose packet acquisition line 625 acquisition communication with ex...
Description DMA 2275, DMA 2286 C/D/D2-MAC Descrambler

File Size 217.69K  /  48 Page

View it Online

Download Datasheet

    意法半导
Part No. EVAL6668-75W
OCR Text ... . . . . . . 28 7.4 mechanical aspect and pin numbering . . . . . . . . . . . . . . . . . . . . . . . . . . . 29 8 transformer specification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 8.1 general descript...
Description
File Size 708.68K  /  33 Page

View it Online

Download Datasheet

    PRIME_VIEW
Part No. PW070DS1T1
OCR Text ... display (input signal of 4:3 aspect ratio) mode 1 mode 2 mode 3 note full low low low input video signals are displayed in full screen. normal center high low ...
Description LCD_Module

File Size 417.82K  /  25 Page

View it Online

Download Datasheet

For aspect Found Datasheets File :: 1885    Search Time::1.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of aspect

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1679408550262