Part Number Hot Search : 
93100 OF27GJE 493968 PCIB40 43650 RB1212 65PQ015 TC8835AN
Product Description
Full Text Search
  heat Datasheet PDF File

For heat Found Datasheets File :: 62766    Search Time::1.641ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AN17821A

ETC
Part No. AN17821A
OCR Text ...d AN17821A ( 13 12 5C/W heat sink Rth(j-c) = 2C/W Rth(j-a) = 41.7C/W ) FP-12S Package Power Dissipation PD - Ta 11 10 9 Power Dissipation, PD (W) 8 7 6 5 4 3 2 1 0 Single Package Without heat sink Rthj-a=41.7C/W 2...
Description Silicon Monolithic Bipolar IC

File Size 88.61K  /  9 Page

View it Online

Download Datasheet





    AN7555Z

Panasonic Semiconductor
Part No. AN7555Z
OCR Text ...es 1. Always attach an outside heat sink to use the AN7555Z. In addition, the outside heat sink must be fastened onto a chassis for use. 2. Connect the radiation fin to the GND potential. 3. Prevent short circuit to VCC and short circuit t...
Description BTL output power IC for car audio

File Size 55.59K  /  5 Page

View it Online

Download Datasheet

    AXE20

Advanced XTAL Products
Part No. AXE20
OCR Text ...ability Resistance to soldering heat Shock* Bump* Free fall* IEC 60068 Part ... IEC 60679-1 clause ... 4.3 4.6.2 4.6.3 Test conditions Enclosure styles as in IEC 60679-3 or 61837, if applicable Gross leak: Test Qc, Fine leak: Test Qk Test T...
Description Crystal Oscillator, low jitter, in double-sealed DIL14 package (crystal resonator in hermetically sealed UM-1/HC-52/U)

File Size 48.56K  /  2 Page

View it Online

Download Datasheet

    AIA
Part No. NAS1200
OCR Text ...: a2 56 - 8 5 ks l to 95 ksi as heat tre a te d. 90 ksi min after driving. monel - 49 k s! to 5 9 ks i , as re c eived. see note 12. >; :::) heat trea t: a286 - solu _ on _ ' e at and pa r _ ally pred _ h e at tr e at a l ter aft e r h ea d...
Description Head

File Size 233.78K  /  2 Page

View it Online

Download Datasheet

    AXLGS52F

Advanced XTAL Products
Part No. AXLGS52F
OCR Text ...ability Resistance to soldering heat Shock Bump Free fall Vibration, sinusoidal Rapid change of temperature Dry heat IEC 60068 Part ... IEC 61178-1 clause ... 4.5 4.6 4.8.2 4.8.3 Test conditions Enclosure styles as in IEC 60122-3, if applic...
Description Langasite (LGS) - Crystal Resonator Unit

File Size 63.19K  /  2 Page

View it Online

Download Datasheet

    2SA1096 2SA1096A 2SC2497A 2SC2497

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1096 2SA1096A 2SC2497A 2SC2497
OCR Text ...n plate for installation to the heat sink 8.0+0.5 -0.1 3.160.1 3.80.3 11.00.5 3.20.2 1.90.1 I Absolute Maximum Ratings TC = 25C Parameter Collector to base voltage Collector to emitter voltage 2SC2497 2SC2497A VEBO ICP IC PC ...
Description    Silicon NPN epitaxial planar type(For low-frequency power amplification)

File Size 68.48K  /  4 Page

View it Online

Download Datasheet

    NCSL119BT

NICHIA CORPORATION
Part No. NCSL119BT
OCR Text ...degradation, caused by heat and/or atmosphere. * since the silicone used in the encapsulating resin is soft, do not press on the encapsulant resin. pressure can cause nicks, chip-outs, encapsulant delamina tion and deform...
Description SPECIFICATIONS FOR WARM WHITE LED

File Size 339.74K  /  22 Page

View it Online

Download Datasheet

    DS0890D5S

MTU Onsite Energy Corporation
MTU Onsite Energy Corpo...
Part No. DS0890D5S
OCR Text ...acity: l/min (gpm) 667 (176) heat rejection to coolant: kw (btum) 305(17,345) heat rejection to after cooler: kw (btum) 185 (10,521) heat radiated to ambient: kw (btum) 40 (2,275) engine coolant capacity: l (gal) 110 (29) //...
Description DIESEL GENERATOR SET WATER CHARGE-AIR COOLING

File Size 1,317.18K  /  4 Page

View it Online

Download Datasheet

    B43584 B43584A2109M000 B43584A2109M003 B43584A2109M007 B43584A2129M000 B43584A2129M003 B43584A2129M007 B43584A2159M000 B

EPCOS
Part No. B43584 B43584A2109M000 B43584A2109M003 B43584A2109M007 B43584A2129M000 B43584A2129M003 B43584A2129M007 B43584A2159M000 B43584A2159M003 B43584A2159M007 B43584A2228M000 B43584A2229M000 B43584A2229M003 B43584A2229M007 B43584A2278M000 B43584A2279M000 B43584A2279M003 B43584A2279M007 B43584A2398M000 B43584A2828M000 B43584A2828M003 B43584A2828M007 B43564A2109M000 B43564A2109M003 B43564A2109M007 B43564A2129M000 B43564A2129M003 B43564A2129M007 B43564A2159M000 B43564A2159M003 B43564A2159M007 B43564A2228M000 B43564A2229M000 B43564A2229M003 B43564A2229M007 B43564A2278M000 B43564A2279M000 B43564A2279M003 B43564A2279M007 B43564A2398M000 B43564A2828M000 B43564A2828M003 B43564A2828M007 B43564E2279M000 B43584E2279M000 B43564E2279M003 B43584E2279M003 B43564E2279M007 B43584E2279M007 B43584B2159M000 B43584B2159M003 B43584B2159M007 B43584B2688M000 B43584B2688M003 B43584B2688M007 B43564E2478M000 B43564E2828M000 B43584E2828M000 B43564E2828M003 B43584E2828M003 B43564E2828M007 B43584E2828M007 B43564C2338M000 B43564C2478M000 B43564C2478M003 B43564C2478M007 B43564B2159M000 B43564B2159M003 B43564B2159M007 B43564B2688M000 B43564B2688M003 B43564B2688M007 B43584E2338M000 B43564E2338M000 B43584C2338M000 B43564E21
OCR Text ... construction for base cooling (heat sink mounting) available Version with low-inductance design available Self-extinguishing electrolyte Construction Charge-discharge proof, polar Aluminum case with insulating sleeve Poles with screw termi...
Description    Aluminum electrolytic capacitors

File Size 441.22K  /  17 Page

View it Online

Download Datasheet

For heat Found Datasheets File :: 62766    Search Time::1.641ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of heat

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.64094400405884