PART |
Description |
Maker |
AQZ262 AQZ264 |
POWER PhotoMOS RELAYS (High capacity type) RELAY PHOTOMOS
|
Nais(Matsushita Electric Wo... NAIS[Nais(Matsushita Electric Works)] ETC
|
AQV217AZ AQV210 AQV210A AQV210AX AQV210AZ AQV212 A |
PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 600V, load current 50 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 100V, load current 320 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 1/2/3-pin side. GU (General Use) Type [1-Channel (Form A) Type] PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQV210HLA AQV210HLAX AQV210HLAZ |
PhotoMOS relay, GU (general use) type, 1-channel (form A ), current limit function. Output rating: load voltage 350V, load current 130 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ), current limit function. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ), current limit function. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Matsushita Electric Works(Nais)
|
AQZ202V AQZ204V AQZ205V AQZ207V |
Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 60 V AC, 85 V DC, load current 1.0 A. Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 30 V AC, 38 V DC, load current 2.0 A. Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 140 V AC, 180 V DC, load current 0.5 A. Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 17 V AC, 22 V DC, load current 3.0 A. POWER PhotoMOS RELAYS with Internal Varistor 功率PhotoMOS继电器的内部电阻
|
Matsushita Electric Works(Nais) Nais(Matsushita Electric Works) Nais(Matsushita Electric Wo...
|
AQY410EH AQY414EHAZ AQY410EHA AQY410EHAX AQY410EHA |
PhotoMOS relay, GU (general use)-E type, 1-channel (form B). AC/DC type. I/O isolastion reinforced 5,000V. Output rating: load voltage 400 V, load current 120 mA. GU (General Use)-E Type 1-Channel (Form B) 4-pin Type 顾(一般使用)- E通道(表B针型 GU (General Use)-E Type 1-Channel (Form B) 4-pin Type 顾(一般使用)- E1通道(表B针型
|
Matsushita Electric Works(Nais) NASI NAIS[Nais(Matsushita Electric Works)] Panasonic, Corp. Electronic Theatre Controls, Inc.
|
AQV21 AQV10 AQS22 AQY21 AQY41 APV11 AQW65 AQW61EH |
PhotoMOS Relay Dimensions PhotoMOS Relay Dimensions
|
Panasonic Semiconductor List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
AQV234AX AQV234AZ AQV234 AQV234A |
PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tape and reel packing style, picked from the 1/2/3-pin side.. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Through hole terminal. Tupe packing style.
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQV221 AQV221A AQV221AZ AQV225A AQV225AZ AQV225AX |
PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Throuh hole terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Surface-mount terminal. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Surface-mount terminal. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Surface-mount terminal. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Throuh hole terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Surface-mount terminal. Tape and reel packing style, picked from the 1/2/3-pin side.
|
Matsushita Electric Works(Nais)
|
AQY221R2SX AQY221R2SZ |
PhotoMOS relay, RF (radio frequency). 1 form A, R 10 type. Output rating: load voltage 40 V, load current 250 mA.
|
Matsushita Electric Works(Nais)
|
ASSR-1411-001E ASSR-1410 ASSR-1410-003E ASSR-1420 |
TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX General Purpose, Form A, Solid State Relay (Photo MOSFET)
|
AVAGO TECHNOLOGIES LIMITED
|
AQW610SZ AQW610S AQW610SX |
PhotoMOS RELAYS
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQW614EH AQW614EHA AQW614EHAX AQW614EHAZ AQW610EH |
PhotoMOS RELAYS
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
|