Part Number Hot Search : 
2SK3100 S8430 K1306 SF5509 SI2328DS Q2F181H 1N3883 70475
Product Description
Full Text Search
  relay Datasheet PDF File

For relay Found Datasheets File :: 12780    Search Time::0.938ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    DLP Design Inc.
Part No. DLP-RF2-relay
OCR Text relay module overview the dlp-rf2relay is designed for use with the dlp-rf2 transceiver (purchased separately) and serves as a design example demonstrating se veral features of the dlp-rf2 transceiver. the dlp-rf2relay demonst...
Description
File Size 136.94K  /  3 Page

View it Online

Download Datasheet





   
Part No. IM04GR
OCR Text ...liance ) product highlights: im relay series dc actuating system input voltage = 6 vdc contact arrangem ent = 2 form c, dpdt, 2 c/o contact current rating = 2 am ps. view all features | find sim ilar products previous 1 ... 6 7 ...
Description RF relay, DPDT, MOMENTARY, 0.023A (COIL), 6VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), 900MHz, SURFACE MOUNT-STRAIGHT

File Size 75.34K  /  2 Page

View it Online

Download Datasheet

    SZNUD3124 SZNUD3124LT1G SZNUD3124DMT1G

ON Semiconductor
Part No. SZNUD3124 SZNUD3124LT1G SZNUD3124DMT1G
OCR Text ...s robust interface between d.c. relay coils and sensitive logic ? capable of driving relay coils rated up to 150 ma at 12 volts ? replaces 3 or 4 discrete components for lower cost ? internal zener eliminates need for free ? wheeling diode ...
Description Automotive Inductive Load Driver

File Size 150.98K  /  10 Page

View it Online

Download Datasheet

    JL-D4N-300L

List of Unclassifed Manufacturers
Part No. JL-D4N-300L
OCR Text relay - latch 2 pdt, 12 amp application notes: 101 102 103d 007 023 applicable socket: so-1055-8690/10147 magnetic latch operation all welded construction contact arrangement 2 pdt designed to the performance standards of mil-prf-83536 ...
Description relay - LATCH 2 PDT, 12 AMP

File Size 439.78K  /  14 Page

View it Online

Download Datasheet

    G3NH G32A-N4150

Omron Electronics LLC
Part No. G3NH G32A-N4150
OCR Text ...ic model name g3nh: solid state relay 2. rated load power supply voltage 2: 200 vac 4: 400 vac 3. rated load current 075: 75 a 150: 150 a 4. terminal type b: screw terminals 5. zero cross function blank: equipped with zero cross function or...
Description Model Number Structure

File Size 187.59K  /  5 Page

View it Online

Download Datasheet

    G3NA-210B-DC5-24

Omron Electronics LLC
Part No. G3NA-210B-DC5-24
OCR Text relay g3na 469 solid state relay g3na new models with 75-a and 90-a output join the previous models with 5- to 50-a output. ? ac output relays with 75-a and 90-a output added. ? all models feature a uniform mounting pitch. ? built-in ...
Description New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.

File Size 1,975.74K  /  18 Page

View it Online

Download Datasheet

    FUJITSU COMPONENT LTD
Part No. FTR-JRJC024W
OCR Text ... f eatures l pole 6a slim relay with #87 tab terminal l nominal power: 530 mw (35% power reduction compared to vr series) l cadmium free contacts l insulation distance: 9.5mm, dielectric strength: 5k vac surge ...
Description POWER/SIGNAL relay, SPST, MOMENTARY, 0.022A (COIL), 24VDC (COIL), 530mW (COIL), THROUGH HOLE-STRAIGHT MOUNT

File Size 444.11K  /  7 Page

View it Online

Download Datasheet

    red lion
Part No. CUB5USB0 CUB5R000 CUB5SNK0
OCR Text ...ddition of the single setpoint relay output card or the dual setpoint solid state output card. serial communications capability for rs232 or rs485 is added with a serial option card. the cub5 can be powered from an optional red lion micr...
Description MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR

File Size 1,315.40K  /  16 Page

View it Online

Download Datasheet

    2970

Coto Technology
Part No. 2970
OCR Text ...a 1 form a and 1 form c coaxial relay for special -40oc to +125c testing environments. if your requirements difer, please consult your local representa - tive or cotos factory. 2970 series features u coaxial shield for 50 impedance u ...
Description 2970 SERIES REED relayS FOR -40C TO 125C

File Size 393.26K  /  2 Page

View it Online

Download Datasheet

For relay Found Datasheets File :: 12780    Search Time::0.938ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of relay

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.42275190353394