PART |
Description |
Maker |
AQV217AZ AQV210 AQV210A AQV210AX AQV210AZ AQV212 A |
PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 600V, load current 50 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 100V, load current 320 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 1/2/3-pin side. GU (General Use) Type [1-Channel (Form A) Type] PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQV210EAX AQV210EHAX AQV214EAX |
PhotoMOS relay, GU (general use) E-type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) E-type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) E-type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 400V, load current 120 mA. Tape and reel packing style, picked from the 1/2/3-pin side.
|
Matsushita Electric Works(Nais)
|
AQY414EH |
RELAY PHOTOMOS SPNC 继电器PHOTOMOS SPNC
|
Johanson Dielectrics, Inc.
|
AQY210KSX AQY210KSZ |
PhotoMOS relay, GU (general use) type. 1-channel(form A) with short circuit protection. AC/DC type. Output rating: load voltage 350 V, load current 120 mA.
|
Matsushita Electric Works(Nais)
|
AQV414SX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Picked from the 1/2/3-pin side
|
Matsushita Electric Works(Nais)
|
AQW414AZ AQW414AX |
PhotoMOS relay, GU (general use) type, [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Surface-mount terminal, tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Surface-mount terminal, tape and reel packing style, picked from the 1/2/3-pin side.
|
Matsushita Electric Works(Nais)
|
AQV414AX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. I/O isolation: 1.500 V AC. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal, tape and reel packing style, picked from the 1/2/3-pin
|
Matsushita Electric Works(Nais)
|
AQY212GSZ AQY212GS AQY212GSX |
PhotoMOS RELAYS
|
NAIS[Nais(Matsushita Electric Works)]
|
AQW284S AQW282S AQY284S |
PhotoMOS RELAYS
|
Panasonic
|
AQS210 AQS210T2SX AQS210T2SZ AQS210TSX AQS210TSZ |
PhotoMOS RELAYS
|
Nais(Matsushita Electri... Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQV414EHAZ AQV414EA AQV410 AQV410EH AQV410EHA AQV4 |
PhotoMOS RELAYS PhotoMOS继电
|
Japan Aviation Electronics Industry, Ltd. NAIS[Nais(Matsushita Electric Works)] Matsushita Electric Works(Nais)
|
AQZ102 |
(AQZxxx) POWER PhotoMOS RELAYS
|
Nais
|
|