PART |
Description |
Maker |
AQY210EH AQY210EHA AQY214EHA AQY214EHAZ AQY210EHAX |
PhotoMOS relay, GU (general use)-E type. 1-channel (form A). AC/DC type. I/O isolation voltage reinforced 5,000V. Output rating: load voltage 400 V, load current 120 mA. PhotoMOS relay, GU (general use)-E type. 1-channel (form A). AC/DC type. I/O isolation voltage reinforced 5,000V. Output rating: load voltage 350 V, load current 130 mA. GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQW210SZ AQW210SX AQW214SX |
PhotoMOS relay, GU (general use), [2-channel (form A) type]. AC/DC type. Output rating: load voltage 350 V, load current 100 mA. Picked from the 5/6/7/8-pin side. PhotoMOS relay, GU (general use), [2-channel (form A) type]. AC/DC type. Output rating: load voltage 350 V, load current 100 mA. Picked from the 1/2/3/4-pin side. PhotoMOS relay, GU (general use), [2-channel (form A) type]. AC/DC type. Output rating: load voltage 400 V, load current 80 mA. Picked from the 1/2/3/4-pin side.
|
Matsushita Electric Works(Nais)
|
AQW414EH AQW414EHA AQW414EHAX AQW414EHAZ |
PhotoMOS relay, GU (general use)-E type 2-channel (form B) type. AC/DC type. I/O isolation voltage 5,000V. Output rating: load voltage 400 V, load current 100 mA. Through hole terminal. PhotoMOS relay, GU (general use)-E type 2-channel (form B) type. AC/DC type. I/O isolation voltage 5,000V. Output rating: load voltage 400 V, load current 100 mA. Surface-mount terminal. PhotoMOS relay, GU (general use)-E type 2-channel (form B) type. AC/DC type. I/O isolation voltage 5,000V. Output rating: load voltage 400 V, load current 100 mA. Surface-mount terminal. Picked from the 1/2/3/4-pin side. PhotoMOS relay, GU (general use)-E type 2-channel (form B) type. AC/DC type. I/O isolation voltage 5,000V. Output rating: load voltage 400 V, load current 100 mA. Surface-mount terminal. Picked from the 5/6/7/8-pin side.
|
Matsushita Electric Works(Nais)
|
AQV210HLA AQV210HLAX AQV210HLAZ |
PhotoMOS relay, GU (general use) type, 1-channel (form A ), current limit function. Output rating: load voltage 350V, load current 130 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ), current limit function. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ), current limit function. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Matsushita Electric Works(Nais)
|
AQY210LS AQY210LSZ AQY210LSX |
PhotoMOS relay, GU (general use) type. 1-channel(form A) current limit function. AC/DC type. Output rating: load voltage 350 V, load current 120 mA. GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
RG11AP24VAC RG11AP48VAC RG11AS12VAC RG12AS12VAC RG |
RELAY GENERAL PURPOSE RELAY-TYPE RG1
|
Adam Technologies, Inc.
|
ASSR-1411-001E ASSR-1410 ASSR-1410-003E ASSR-1420 |
TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX General Purpose, Form A, Solid State Relay (Photo MOSFET)
|
AVAGO TECHNOLOGIES LIMITED
|
AQY212GH AQY212GHA AQY212GHAX AQY212GHAZ |
PhotoMOS RELAYS
|
ETC
|
AQY221N3V AQY221N3VW AQY221N3VY |
PhotoMOS RELAYS
|
NAIS[Matsushita Electric Works(Nais)]
|
AQW610SZ AQW610S AQW610SX |
PhotoMOS RELAYS
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQW284S AQW282S AQY284S |
PhotoMOS RELAYS
|
Panasonic
|
EL1-P16 |
Relay retaining bracket, with eject function and integrated equipment marking area (7.5 x 15 mm), to suit relay socket PR1, for 16 mm high miniature power relay and solid-state relay
|
PHOENIX CONTACT
|