PART |
Description |
Maker |
AQV217SX AQV217SZ AQV215SX AQV215SZ AQV216SZ AQV21 |
PhotoMOS relay, GU (general use) type [1-channel (form A ) type]. Output rating: load voltage 600 V, load current 40 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type [1-channel (form A ) type]. Output rating: load voltage 400 V, load current 100 mA. Tape and reel packing style, picked from the 4/5/6-pin side. GU (General Use) Type SOP Series [1-Channel (Form A) Type] PhotoMOS relay, GU (general use) type [1-channel (form A ) type]. Output rating: load voltage 60V, load current 350 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type [1-channel (form A ) type]. Output rating: load voltage 350 V, load current 120 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type [1-channel (form A ) type]. Output rating: load voltage 350 V, load current 120 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type [1-channel (form A ) type]. Output rating: load voltage 400 V, load current 100 mA. Tape and reel packing style, picked from the 1/2/3-pin side.
|
NAIS[Nais(Matsushita Electric Works)] Matsushita Electric Works(Nais)
|
AQV210EAX AQV210EHAX AQV214EAX |
PhotoMOS relay, GU (general use) E-type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) E-type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) E-type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 400V, load current 120 mA. Tape and reel packing style, picked from the 1/2/3-pin side.
|
Matsushita Electric Works(Nais)
|
AQV210HLA AQV210HLAX AQV210HLAZ |
PhotoMOS relay, GU (general use) type, 1-channel (form A ), current limit function. Output rating: load voltage 350V, load current 130 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ), current limit function. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ), current limit function. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Matsushita Electric Works(Nais)
|
AQZ202V AQZ204V AQZ205V AQZ207V |
Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 60 V AC, 85 V DC, load current 1.0 A. Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 30 V AC, 38 V DC, load current 2.0 A. Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 140 V AC, 180 V DC, load current 0.5 A. Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 17 V AC, 22 V DC, load current 3.0 A. POWER PhotoMOS RELAYS with Internal Varistor 功率PhotoMOS继电器的内部电阻
|
Matsushita Electric Works(Nais) Nais(Matsushita Electric Works) Nais(Matsushita Electric Wo...
|
AQV414SX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Picked from the 1/2/3-pin side
|
Matsushita Electric Works(Nais)
|
AQW414AZ AQW414AX |
PhotoMOS relay, GU (general use) type, [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Surface-mount terminal, tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Surface-mount terminal, tape and reel packing style, picked from the 1/2/3-pin side.
|
Matsushita Electric Works(Nais)
|
AQV224N AQV224NA AQV224NAX AQV225N AQV225NAX AQV22 |
PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 400 V, load current 50 mA. Throuh hole terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 400 V, load current 50 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 400 V, load current 50 mA. Surface-mount terminal. Tape and reel packing style. Picked from the 1/2/3-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 80 V, load current 150 mA. Throuh hole terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 80 V, load current 150 mA. Surface-mount terminal. Tape and reel packing style. Picked from the 1/2/3-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 80 V, load current 150 mA. Surface-mount terminal. Tape and reel packing style. Picked from the 4/5/6-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 80 V, load current 150 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 400 V, load current 50 mA. Surface-mount terminal. Tape and reel packing style. Picked from the 4/5/6-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 200 V, load current 70 mA. Surface-mount terminal. Tube packing style.
|
Matsushita Electric Works(Nais)
|
HSSR8060 HSSR-8060 HSSR-8400 |
400 V/10 Ohm/ General Purpose/ 1 Form A/ Solid State Relay 60 V/0.7 Ohm, General Purpose, 1 Form A, Solid State Relay 60 V/0.7欧姆,通用 A型,固态继电器 60 V/0.7 Ohm/ General Purpose/ 1 Form A/ Solid State Relay
|
Fujitsu, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
26150 26S6R8 2600 26100 26101 26120 26151 26180 26 |
RELAY OPTOMOS 250MA DUAL 8-SMD 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR, SMD Call progress tone generator Single Pole Normally Open: 1-Form-A Dual Pole Normally Open: 2-Form-A RELAY OPTOMOS 250MA DP-NO 8FLTPK RELAY OPTOMOS 250MA DP-NO 8-SMD RELAY OPTOMOS 150MA DPST 8-SMD BobbinWoundSurfaceMountInductors Bobbin Wound Surface Mount Inductors
|
C&DTechnologies CANDD[C&D Technologies]
|
AQX21444 |
PhotoMOS RELAYS
|
Aromat NAIS[Matsushita Electric Works(Nais)] NAIS[Nais(Matsushita Electric Works)]
|
|