PART |
Description |
Maker |
IT3D-300S-BGA TR0636E-20027 |
IT3D(M)-300S-BGA (57) BGA Shearing Force TEST REPORT
|
Hirose Electric
|
CXK77P36E160GB-43BE CXK77P18E160GB-4BE CXK77P18E16 |
1M X 18 STANDARD SRAM, 3.7 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 4.5 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 3.8 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 4.1 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18) 16Mb的龙运RL HSTL高速同步静态存储器(为512k × 3600万18 CAP 820PF 50V 20% X7R SMD-0603 TR-7 PLATED-NI/SN
|
http:// Yuasa Battery, Inc. Integrated Circuit Technology Corp Microsemi, Corp. Sony, Corp. Sony Corporation
|
FGA292-720G FGA272-720G FGAX168-720G 1FGA241-720G |
292 POS 1.27MM BGA SMT ADAPTER BGA292, IC SOCKET 272 POS 1.27MM BGA SMT ADAPTER BGA272, IC SOCKET BGA168, IC SOCKET BGA241, IC SOCKET BGA521, IC SOCKET BGA204, IC SOCKET 352 POS 1.27MM BGA SMT ADAPTER BGA416, IC SOCKET
|
Advanced Interconnections, Corp. ADVANCED INTERCONNECTIONS CORP
|
HYRDU64164M-80M HYRDU72184M-80M HYRDU72184M-60M |
4M X 16 RAMBUS, PBGA66 MICRO, BGA-66 4M X 18 RAMBUS, PBGA74 MICRO, BGA-74
|
Hynix Semiconductor, Inc.
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
IBM25PPC740-DB0M2660 IBM25PPC740-EB0M2660 IBM25PPC |
32-BIT, 266 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 233 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 200 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 300 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360
|
Japan Aviation Electronics Industry, Ltd.
|
IBM25PPC405EP-3GB200C IBM25PPC405EP-3GB133C IBM25P |
32-BIT, 200 MHz, RISC PROCESSOR, PBGA385 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 133.33 MHz, RISC PROCESSOR, PBGA385 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 333.33 MHz, RISC PROCESSOR, PBGA385 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 266.66 MHz, RISC PROCESSOR, PBGA385 31 MM, ENHANCED, PLASTIC, BGA-385
|
Electronic Theatre Controls, Inc.
|
UPD44325084F5-E37-EQ2-A UPD44325084F5-E50-EQ2-A UP |
4M X 8 QDR SRAM, 0.45 ns, PBGA165 13 X 15 MM, LEAD FREE, PLASTIC, BGA-165 4M X 8 QDR SRAM, 0.45 ns, PBGA165 13 X 15 MM, PLASTIC, BGA-165
|
NEC, Corp.
|
K7P401822B-HC16 K7P401822B-HC20 K7P401822B-HC25 K7 |
SENSOR DIFF VACUUM GAGE 10 H2O 128K × 36 128Kx36 & 256Kx18 Synchronous Pipelined SRAM 128K × 36 256K X 18 STANDARD SRAM, 2.7 ns, PBGA119 14 X 22 MM, BGA-119 128K X 36 STANDARD SRAM, 2.7 ns, PBGA119 14 X 22 MM, BGA-119 256K X 18 STANDARD SRAM, 3 ns, PBGA119 14 X 22 MM, BGA-119 SENSOR DIFF VACUUM GAGE 1PSI SENSOR ABSOLUTE 0-15PSIA 128Kx36 & 256Kx18 Synchronous Pipelined SRAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
FW80321M600SL6R3 FW80321M400SL6R2 |
600 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544 400 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544
|
Intel, Corp.
|
AT49BV160-90CI AT49BV161-70CI AT49BV161-90CI AT49B |
EEPROM|FLASH|1MX16/2MX8|CMOS|BGA|48PIN|PLASTIC EEPROM|FLASH|1MX16/2MX8|CMOS|BGA|45PIN|PLASTIC 的EEPROM | FLASH动画| 1MX16/2MX8 |的CMOS | BGA封装| 45PIN |塑料
|
ATM Electronic, Corp.
|
CA-MLF52C-A-S-01 |
BGA Prototyping Adaptor
|
Ironwood Electronics.
|
|