PART |
Description |
Maker |
1SS353 |
Small surface mount type Good mountierbility,high surge resistance and reliability.
|
TY Semiconductor Co., Ltd
|
1SS354 |
Small surface mount type Good mountierbility,high surge resistance and reliability.
|
TY Semiconductor Co., Ltd
|
LWH1000 |
1.6隆驴0.8隆驴0.4 mm(L隆驴W隆驴H) small size surface mount type 1.6×0.8×0.4 mm(L×W×H) small size surface mount type
|
LUXPIA
|
PFM501V-NS |
SURFACE MOUNT SMALL SIGNAL TYPE
|
PACELEADER INDUSTRIAL
|
FM723-NS |
Surface mount small signal type
|
美丽微半导体有限公司 Formosa MS
|
ASD500V |
Surface mount small signal type
|
FORMOSA[Formosa MS]
|
ASD500V-N |
Advanced Schottky Barrier Diodes - Surface mount small signal type
|
美丽微半导体有限公司
|
ASD723-N |
Advanced Schottky Barrier Diodes - Surface mount small signal type
|
Formosa MS
|
ASD723 |
200mA Advanced Schottky Barrier Diode (Surface mount small signal type)
|
Frontier Electronics.
|
ASD723-LFR |
200mA Advanced Schottky Barrier Diode (Surface mount small signal type)
|
Frontier Electronics.
|
BC847C BC847B BC846B BC847A BC848B BC846A BC848C-7 |
High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
DDTC114WE DDTC114WE-7 DDTC114YE DDTC114YE-7 DDTC12 |
SNAP LOCK CABLE MARKER - W 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 4-Indent D-Sub Crimper; For Use With:4-Indent Closed-Barrel D-Sub Contacts; Color:Red; Series:1440; Wire Size (AWG):20-12 RoHS Compliant: Yes npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|