Part Number Hot Search : 
0022286 UG11D R80186B MP2489DQ MB1505GW 102M16 LVC04 216BAR
Product Description
Full Text Search
  good Datasheet PDF File

For good Found Datasheets File :: 28857    Search Time::1.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    INTERSIL[Intersil Corporation]
Part No. EL7566_06 EL7566 EL7566AIREZ EL7566AIREZ-T13 EL7566AIREZ-T7 EL7566DRE EL7566DRE-T13 EL7566DRE-T7 EL7566DREZ EL7566DREZ-T13 EL7566DREZ-T7
OCR Text ...ut voltage down to 0.8V * Power-good indicator * 28 Ld HTSSOP package * Pb-free plus anneal available (RoHS compliant) Applications * Point-of-regulation power supplies * FPGA Core and I/O supplies * DSP, CPU Core, and IO supplies * Log...
Description Monolithic 6A DC/DC Step-Down Regulator

File Size 391.09K  /  14 Page

View it Online

Download Datasheet





    INTERSIL[Intersil Corporation]
Part No. EL7531_06 EL7531 EL7531IY EL7531IY-T13 EL7531IY-T7 EL7531IYZ EL7531IYZ-T13 EL7531IYZ-T7 EL753106
OCR Text ...tional features include a Power-good output, <1A shut-down current, short-circuit protection, and over-temperature protection. The EL7531 is available in the 10 Ld MSOP package, making the entire converter occupy less than 0.15 in2 of PCB a...
Description Monolithic 1A Step-Down Regulator with Low Quiescent Current

File Size 339.47K  /  11 Page

View it Online

Download Datasheet

    INTERSIL[Intersil Corporation]
Part No. EL7530IYZ-T7 EL7530 EL7530IL EL7530IL-T13 EL7530IL-T7 EL7530IY EL7530IY-T13 EL7530IY-T7 EL7530IYZ EL7530IYZ-T13
OCR Text ...tional features include a Power-good output, <1A shut-down current, short-circuit protection, and over-temperature protection. The EL7530 is available in the 10-pin MSOP package, making the the entire converter occupy less than 0.18n2 of PC...
Description Monolithic 600mA Step-Down Regulator with Low Quiescent Current

File Size 470.87K  /  11 Page

View it Online

Download Datasheet

    AM29LV800B-1 AM29LV800BB-120DG5C AM29LV800BB-120DG5C1 AM29LV800BB-120DG5I AM29LV800BB-120DG5I1 AM29LV800BB-120DP5C AM29L

http://
Advanced Micro Devices, Inc.
AMD[Advanced Micro Devices]
Part No. AM29LV800B-1 AM29LV800BB-120DG5C AM29LV800BB-120DG5C1 AM29LV800BB-120DG5I AM29LV800BB-120DG5I1 AM29LV800BB-120DP5C AM29LV800BB-120DP5C1 AM29LV800BB-120DP5I AM29LV800BB-120DP5I1 AM29LV800BB-120DT5C AM29LV800BB-120DT5C1 AM29LV800BB-120DT5I AM29LV800BB-120DT5I1 AM29LV800BB-120DW5C AM29LV800BB-120DW5C1 AM29LV800BB-120DW5I AM29LV800BB-120DW5I1 AM29LV800BB-90DG5C AM29LV800BB-90DG5C1 AM29LV800BB-90DG5I AM29LV800BB-90DG5I1 AM29LV800BB-90DP5C AM29LV800BB-90DP5C1 AM29LV800BT-90DG5C AM29LV800BT-90DG5C1 AM29LV800BT-90DG5I AM29LV800BT-90DG5I1 AM29LV800BT-90DP5C AM29LV800BT-90DP5C1 AM29LV800BT-90DP5I AM29LV800BT-90DP5I1 AM29LV800BT-90DT5C AM29LV800BT-90DT5C1 AM29LV800BT-90DT5I AM29LV800BT-90DT5I1 AM29LV800BT-90DW5C AM29LV800BT-90DW5C1 AM29LV800BT-90DW5I AM29LV800BT-90DW5I1 AM29LV800BB-90DP5I AM29LV800BB-90DP5I1 AM29LV800BB-90DT5C AM29LV800BT-120DG5C AM29LV800BT-120DG5C1 AM29LV800BT-120DG5I AM29LV800BT-120DG5I1 AM29LV800BT-120DP5C AM29LV800BT-120DP5C1 AM29LV800BT-120DP5I AM29LV800BT-120DP5I1 AM29LV800BT-120DT5C AM29LV800BT-120DT5C1 AM29LV800BT-120DT5I AM29LV800BT-120DT5I1 AM29LV800BT-120DW5C AM29LV800BT-120DW5C1 AM29LV800BT-120DW5I AM29LV800BT-120DW5I1 AM29LV800BB-90DT5C1 AM29LV800BB-90DT5I AM29L
OCR Text good Die 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory--Die Revision 1 DISTINCTIVE CHARACTERISTICS s Single power supply operation -- 2.7 to 3.6 V for read, program, and erase operations -- Ideal for...
Description 8 megabit CMOS 3.0 volt-only, boot sector flash memory- die revision 1
LED Lamp; LED Color:White; Luminous Intensity:160ucd; Viewing Angle:120 ; Forward Current:20mA; Forward Voltage:3.6V; Operating Temperature Range:-30 C to C; Color:White; Leaded Process Compatible:Yes; Lens Color:Clear RoHS Compliant: Yes
LED Lamp; LED Color:Red; Luminous Intensity:9ucd; Viewing Angle:140 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes
LED Lamp; LED Color:Red; Luminous Intensity:40ucd; Viewing Angle:140 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-40 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes
LED Lamp; LED Color:Yellow; Luminous Intensity:80mcd; Viewing Angle:140 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
Toggle Switch; Circuitry:SPST; Switch Operation:On-None-On; Contact Current Max:15A; Actuator Style:Flat Lever; Switch Terminals:Solder Lug; Current Rating:15A; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash MemoryDie Revision 1
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory-Die Revision 1
8 megabit CMOS 3.0 volt-only boot sector flash memory- die revision 1

File Size 79.83K  /  9 Page

View it Online

Download Datasheet

    INTERSIL[Intersil Corporation]
Part No. EL7530_06 EL7530 EL7530IY EL7530IY-T13 EL7530IY-T7 EL7530IYZ EL7530IYZ-T13 EL7530IYZ-T7 EL753006
OCR Text ...tional features include a Power-good output, <1A shut-down current, short-circuit protection, and over-temperature protection. The EL7530 is available in the 10 Ld MSOP package, making the entire converter occupy less than 0.18n2 of PCB are...
Description Monolithic 600mA Step-Down Regulator with Low Quiescent Current

File Size 318.98K  /  11 Page

View it Online

Download Datasheet

    INTERSIL CORP
Part No. HIP1015ACB
OCR Text ...c tim (farads). 7 pgood power good indicator indicates that the voltage on isen pin is within specification. p good is driven by an open drain n-channel mosfet and is pulled low when the output is not within specification. on the hip10...
Description 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8

File Size 235.80K  /  10 Page

View it Online

Download Datasheet

    MIC5165 MIC5165YMM

Micrel Semiconductor
Part No. MIC5165 MIC5165YMM
OCR Text ...age digital buses with a power good (pg) signal. the mic5165 controls two external n-channel mosfets to form two separate regulators. it operates by switching between either the high-side mosfet or the low-side mosfet, depending on w...
Description Dual Regulator Controller for DDR3 GDDR3/4/5 Memory Termination

File Size 904.71K  /  24 Page

View it Online

Download Datasheet

    MACOM[Tyco Electronics]
Part No. FC250F1
OCR Text ...nt (trim) Synchronization Power good signal Output current monitor Output overvoltage and overcurrent protection Remote sense Remote on/off Constant frequency Case ground pin Input-to-output isolation s s s s s s s The FC250F1 Power M...
Description Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W

File Size 373.63K  /  20 Page

View it Online

Download Datasheet

For good Found Datasheets File :: 28857    Search Time::1.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of good

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.56336116790771