PART |
Description |
Maker |
ECCW-100-550-05-B-FA ECCW-100-550-05-A-FA ECCW-100 |
FIBER OPTIC TRANSMITTER, 1527-1570nm, PANEL-MOUNT, BUTTERFLY, FC/APC CONNECTOR FIBER OPTIC TRANSMITTER, 1527-1570nm, PANEL-MOUNT, BUTTERFLY, LC/APC CONNECTOR FIBER OPTIC TRANSMITTER, 1527-1570nm, PANEL-MOUNT, BUTTERFLY, SC/APC CONNECTOR FIBER OPTIC TRANSMITTER, 1527-1570nm, PANEL-MOUNT, BUTTERFLY, FC/UPC CONNECTOR FIBER OPTIC TRANSMITTER, 1527-1570nm, PANEL-MOUNT, BUTTERFLY, LC/UPC CONNECTOR
|
EMCORE CORP
|
SPC-03-LR-49TNA SPC-03-LR-53TDA SPC-03-LR-55TDA SP |
FIBER OPTIC TRANSCEIVER, 1485-1498nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1505-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1545-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1465-1478nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1565-1578nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1605-1618nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1585-1598nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE
|
SPC Technology
|
C-141-1250-TDFB-SSC2 C-141-1250C-TDFB-SSC2 C-159-1 |
1.25 Gbps CWDM Single Mode Transceiver(5V) FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1545-1558nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc.
|
AFCT-5815BZ-15 AFCT-5815XZ |
nSingle Mode Fiber Optic Transceiver for ATM 155 Mb/s Single Mode Fiber Optic Transceiver for ATM
|
AVAGO TECHNOLOGIES LIMI...
|
B-13-14-1250-T-SSC-G5 B-13-14-1250-T-SSCA-G5 B-13- |
1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc.
|
B-13-622-TDPM3-SST-60 B-15-622-TDPM3-SST-60 B-13-6 |
FIBER OPTIC TRANSCEIVER, 1480-1580nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR 622 Mbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
B-15-1250-TDPM-SSC-60 B-13-1250-TDPM-SSC-60 B-15-1 |
FIBER OPTIC TRANSCEIVER, 1500-1600nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR ROHS COMPLIANT PACKAGE-20 1.25 Gbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
11015A41 11015AX1 |
FIBER OPTIC TRANSCEIVER, TRANSPONDER, 1530-1565nm, 10000Mbps(Tx), 10000Mbps(Rx), SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, 10000Mbps(Tx), 10000Mbps(Rx), PANEL MOUNT, THROUGH HOLE MOUNT, SC/UPC CONNECTOR
|
INTEL CORP
|
OTOLS-BI53SC-40 OTOLS-BI53SC-20 OTOLS-BI35SC-40 OT |
FIBER OPTIC TRANSCEIVER, 1530-1570nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1270-1350nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, SC CONNECTOR
|
Olson Technology, Inc.
|
V23826-K305-C73 |
FIBER OPTIC TRANSCEIVER
|
INFINEON TECHNOLOGIES AG
|
HFBR-5912E HFBR5912E |
FIBER OPTIC TRANSCEIVER
|
Agilent Technologies
|
|