Part Number Hot Search : 
BZT52C 1N3879 ON0606 MAX5500 MAJ150 1028721 DS2740 SA130
Product Description
Full Text Search
  fiber Datasheet PDF File

For fiber Found Datasheets File :: 9943    Search Time::1.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Umachines, Inc.
Part No. 4X4-fiber-OPTIC-SWITCH
OCR Text fiber OPTIC SWITCH Umachines has leveraged its expertise in Microelectromechanical Systems (MEMS) to develop 4 x 4 MEMS switches featuring low insertion loss, low power consumption and high reliability. PRODUCT DESCRIPTION This small s...
Description 4 x 4 fiber OPTIC SWITCH

File Size 35.88K  /  1 Page

View it Online

Download Datasheet





    AM7968 AM7968-125DC AM7968-125DKC AM7968-125DMC AM7968-125JC AM7968-125LKC AM7968-125LMC AM7968-125VB3A AM7968-125VBXA A

AMD[Advanced Micro Devices]
Part No. AM7968 AM7968-125DC AM7968-125DKC AM7968-125DMC AM7968-125JC AM7968-125LKC AM7968-125LMC AM7968-125VB3A AM7968-125VBXA AM7968-175DC AM7968-175DKC AM7968-175DMC AM7968-175JC AM7968-175LKC AM7968-175LMC AM7969 AM7969-125 AM7969-125DC AM7969-125DKC AM7969-125DMC AM7969-125JC AM7969-125LKC AM7969-125LMC AM7969-125VB3A AM7969-125VBXA AM7969-175 AM7969-175DC AM7969-175DKC AM7969-175DMC AM7969-175JC AM7969-175LKC AM7969-175LMC 5962-9052701M3A 5962-9052701MXA 5962-9052801MXA 5962-9052801M3A
OCR Text ... . . . . . . 5.5 Interfacing to fiber Optic Transmitters/Receivers . . . . . . . . . . . . . . . . . . . . . 5.5.1 DC-Coupled TAXl-fiber Optic Transceiver Interface . . . . . . . . . . . . . 5.5.2 AC-Coupled TAXl-fiber Optic Transceiver Int...
Description TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)

File Size 702.11K  /  127 Page

View it Online

Download Datasheet

    AM79761 AM79761YC-10 AM79761YC-14

AMD[Advanced Micro Devices]
Part No. AM79761 AM79761YC-10 AM79761YC-14
OCR Text ...aPHY-SD device can interface to fiber-optic media to support 1000BASE-LX and 1000BASE-SX applications and can interface to copper coax to support 1000BASE-CX applications. The functions performed by the device include serializing the 8B/10B...
Description Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY⑩-SD)
Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY-SD)

File Size 124.63K  /  20 Page

View it Online

Download Datasheet

    NR3316TM

Renesas Electronics Corporation
Part No. NR3316TM
OCR Text ... the mouth. caution optical fiber a glass-fiber is attached on the product. handle with care. ? when the fiber is broken or damaged, handle care fully to avoid injury from the damaged part or fragments. all trademarks ...
Description RECEIVER PIN-PD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS

File Size 201.62K  /  9 Page

View it Online

Download Datasheet

    SWFA SWFA-S0101 SWFA3120P001112 SWFA3120P002211 SWFA3120P002212 SWFA3120P0022H2 SWFA3120P001111 SWFA3120P0011H1 SWFA3120

OPLINK Communications Inc.
OPLINK Communications I...
Part No. SWFA SWFA-S0101 SWFA3120P001112 SWFA3120P002211 SWFA3120P002212 SWFA3120P0022H2 SWFA3120P001111 SWFA3120P0011H1 SWFA3120P0011H2 SWFA3120P0022H1 SWFA3118P002212 SWFA5118P002212 SWFA5118P001111 SWFA3118P0022H2 SWFA5118P0011H2 SWFA3118P002211 SWFA5118P002211 SWFA3118P0022H1
OCR Text ...530~1565 1570~1605 1530~1610 nm fiber type corning smf-28 or equivalent insertion loss [1] see insertion loss table i & ii return loss min 50 db temperature dependent loss [2] max 0.15 db optical power handling max 500 mw operating tempe...
Description Single Window Fixed In-line Attenuators

File Size 174.23K  /  3 Page

View it Online

Download Datasheet

    TPP1XGJERC000E2G TPP1XGJERXG-0985 TPP1XGJERE000E2G TPP1XGJERI000E2G

OPLINK Communications Inc.
OPLINK Communications I...
Part No. TPP1XGJERC000E2G TPP1XGJERXG-0985 TPP1XGJERE000E2G TPP1XGJERI000E2G
OCR Text ...(ddm). supporting ethernet and fiber channel standards makes it ideally suited for 10gbps data-com and storage area network applications. ddm functionality (alarm and warning features) is integrated into the design via an i 2 c serial ...
Description Transceiver
1550nm 40km SFP Transceiver
   1550nm 40km SFP Transceiver
   Transceiver

File Size 270.97K  /  6 Page

View it Online

Download Datasheet

    BCM5226 BCM5226R

ETC
Part No. BCM5226 BCM5226R
OCR Text ...uplex support * Twisted-pair or fiber support on any or all ports * Interrupt output capability * Loopback mode for diagnostics * 160-pin PQFP (BCM5226R) * 128-pin PQFP (BCM5226S) * Proven Broadcom proprietary DSP Digi-TM architecture *...
Description 10/100 BASE TX/FX HEX TRANSCEIVER

File Size 160.42K  /  2 Page

View it Online

Download Datasheet

    BCM5228

ETC
Part No. BCM5228
OCR Text ...uplex support * Twisted-pair or fiber support on any or all ports * Interrupt output capability * 208-pin PQFP or 256-pin FBGA package * Proven Broadcom proprietary All-DSP Digi-TM architecture * Target usage: Fast Ethernet switches * ...
Description 10/100 BASE - TX/FX OCTAL TRANSCEIVER

File Size 154.99K  /  2 Page

View it Online

Download Datasheet

    PULSE ELECTRONICS CORP
Part No. TM133DSA1
OCR Text fiber speed data and communications over 100+ meters of copper features n high performance, low cost alternative to completely fiber systems n enhanced distance and signal clarity with complete inter-operability per ansi x3t11, fc-ph (fc-0...
Description ATM NETWORK INTERFACE, PDSO28

File Size 260.91K  /  11 Page

View it Online

Download Datasheet

For fiber Found Datasheets File :: 9943    Search Time::1.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of fiber

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.68736290931702