PART |
Description |
Maker |
SD600N04PC SD600N08PC SD600N12PC SD600N16PC SD600N |
400V 600A Std. Recovery Diode in a B-8package 1200V 600A Std. Recovery Diode in a B-8package 1600V 600A Std. Recovery Diode in a B-8package 2000V 600A Std. Recovery Diode in a B-8package 2500V 600A Std. Recovery Diode in a B-8package 2800V 600A Std. Recovery Diode in a B-8package 3200V 600A Std. Recovery Diode in a B-8package
|
International Rectifier
|
BYW29-200 |
ULTRA FAST RECOVERY RECTFR 200V 8A 2PIN TO-220AC - Rail/Tube
|
Vishay Semiconductors
|
IRKEL240-10S10 2199 IRKCL240-6S10 IRKDL240-6S10 IR |
600V Fast Recovery Diode in a MAGN-A-Pak package 600V的快恢复二极管在磁共 à - Pak封装 MAGN-A-pak Power Modules 磁共甲柏电源模块 IC LOGIC 3245 OCTAL FET BUS SWITCH -40 85C TSSOP-20 - OBSOLETE 快速恢复二极管 FAST RECOVERY DIODES 快速恢复二极管 IC LOGIC 3861 10-BIT FET BUS SWITCH -40 85C SOIC-24 - OBSOLETE 快速恢复二极管 From old datasheet system 2500V Fast Recovery Diode in a MAGN-A-Pak package 1000V Fast Recovery Diode in a MAGN-A-Pak package 1200V Fast Recovery Diode in a MAGN-A-Pak package 1400V Fast Recovery Diode in a MAGN-A-Pak package 2000V Fast Recovery Diode in a MAGN-A-Pak package 1600V Fast Recovery Diode in a MAGN-A-Pak package
|
International Rectifier, Corp. IR
|
SD403C12S15C SD403C SD403C16S15C SD403C04S10C SD40 |
1600V Fast Recovery Diode in a DO-200AA (A-Puk) package 1400V Fast Recovery Diode in a DO-200AA (A-Puk) package 1200V Fast Recovery Diode in a DO-200AA (A-Puk) package 1000V Fast Recovery Diode in a DO-200AA (A-Puk) package 800V Fast Recovery Diode in a DO-200AA (A-Puk) package FAST RECOVERY DIODES Hockey Puk Version
|
IRF[International Rectifier]
|
FFPF15U20DN FFPF15U20 FFPF15U20DNTU |
Ultrafast with soft recovery FAST RECOVERY POWER RECTIFIER 15A/200V Ultra Fast Recovery Rectifier
|
FAIRCHILD[Fairchild Semiconductor]
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
R6021222 R6031422 R6030822 R6021622 R6021422 R6031 |
Fast Recovery Recitifier Fast Recovery Rectifier (220Amperes Average 1600 Volts) 快速恢复整流器(二二零安培平均1600伏特
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors] http:// Powerex Power Semiconductor...
|
TFR1N TFR1T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (fast recovery)
|
TOSHIBA
|
TFR3T TFR3N |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|
ERB05GG |
Fast Recovery Pack: DO-41 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE:400 CURRENT: 0.5A
|
Gulf Semiconductor
|