Part Number Hot Search : 
2SA1757 MMBZ5239 CSR0204 AP7361 L1035 NDP605A 2SD13 BU250
Product Description
Full Text Search
  2pin Datasheet PDF File

For 2pin Found Datasheets File :: 489    Search Time::0.953ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LA73073CL

Crystek, Corp.
Sanyo Semicon Device
Part No. LA73073CL
OCR Text ...Vf DG DP VIN = 1Vp-p 100% white 2pin = Low (GND) VIN = 0.5Vp-p 100% white 2pin = MID (Open) VIN = 317mVp-p 100% white 2pin = High (VCC) f = 100kHz/5MHz 5.7 11.7 15.7 -1.5 -2.0 -2.0 6.2 12.2 16.2 -0.5 0 0 6.7 12.7 16.7 +0.5 -2.0 -2.0 dB dB d...
Description Monolithic Linear IC Video Driver for DSC 单片线性集成电路的数码相机视频驱动程序

File Size 232.97K  /  6 Page

View it Online

Download Datasheet





    LA73076V

Sanyo Electric Co.,Ltd.
Sanyo Semicon Device
Part No. LA73076V
OCR Text ...V V V V V V V ICC ICC2 ICC-STBY 2pin = Low, Input = White50% 2pin = Low, Input = No signal 2pin = High 25 10.0 37 14 0 44 17.5 5.0 mA mA A Symbol Conditions Ratings min typ max Unit Package Dimensions unit : mm (typ) 3178B 5.2 16 9 ...
Description Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone

File Size 146.04K  /  7 Page

View it Online

Download Datasheet

    LA73079CL

Sanyo Semicon Device
Part No. LA73079CL
OCR Text ...DP IOUTH VIN = 1Vp-p 100% white 2pin = Low (GND) VIN = 0.5Vp-p 100% white 2pin = MID (Open) VIN = 317mVp-p 100% white 2pin = High (VCC) f = 100kHz/5MHz VOUT = 2Vp-p (Modulated Ramp) VOUT = 2Vp-p (Modulated Ramp) Current when 3V is applied t...
Description Monolithic Linear IC Video Driver for DSC

File Size 71.63K  /  6 Page

View it Online

Download Datasheet

    Panasonic
Part No. TX-17LA1F TX-17LA1V TX-20LA1P
OCR Text ...1 a2 - - 9pin a-board b2 a7 - - 2pin a-board back light (u) a8 - - 2pin a-board back light (u) a3 - - 4pin a-board k1 a5 type2 13 pin a-board v1 a4 - - 11 pin a-board bl1 b1 - - 15 pin b-board a1 b2 - - 9pin b-board a2 bl1 - - 11 pin bl-b...
Description LCD TV SERVICE MANUAL

File Size 8,661.15K  /  67 Page

View it Online

Download Datasheet

    RPM841-H11

Rohm
Part No. RPM841-H11
OCR Text ...se be sure to set up the TX-RC (2pin) and the TXD (3pin) input to be ''L'' (under 0.3V) except transmitting data (for < 90s. ON Duty 50%). of TX-RC (2pin) and TXD (3pin) in the table above is supposed to be the pulse input. When either TX-R...
Description IrDA Infrared Communication Module

File Size 94.10K  /  10 Page

View it Online

Download Datasheet

    RPM841-H16

Rohm
Part No. RPM841-H16
OCR Text ...se be sure to set up the TX-RC (2pin) and the TXD (3pin) input to be ''L'' (under 0.3V) except transmitting data (for < 90s. ON Duty 50%). of TX-RC (2pin) and TXD (3pin) in the table above is supposed to be the pulse input. When either TX-R...
Description IrDA Infrared Communication Module

File Size 85.15K  /  10 Page

View it Online

Download Datasheet

    STD-0505 STD-0903 STD-1502 STD-1225

Volgen Kaga Electronics Inc.
Part No. STD-0505 STD-0903 STD-1502 STD-1225
OCR Text ....25 30 MECHANICAL DRAWING INLET 2pin 2pin 2pin 2pin 2pin Kaga Electronics (USA) Inc. www.volgen.com information@volgen.com
Description ADAPTER-30W

File Size 84.43K  /  2 Page

View it Online

Download Datasheet

    BD9831AMWV

Rohm
Part No. BD9831AMWV
OCR Text ... 49 50 51 52 53 54 55 56 Lx1(2pin) PGND12(2pin) 3 BOOT2 4 INV2 SOFT2 FB2 SS TIMER ERRORAMP2 PVCC2 CH2 Step Down DC/DC (Current mode) Lx2 5 6 7 BOOT3 ERRORAMP3 SS TIMER PVCC3 CH3 Step Down DC/DC (Current mod...
Description Silicon Monolithic Integrated Circuit

File Size 256.75K  /  5 Page

View it Online

Download Datasheet

    BD9839MWV

Rohm
Part No. BD9839MWV
OCR Text ...T1 FB1 SS TIMER 1 Lx1(2pin) PGND12(2pin) 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 2 3 BOOT2 ERRORAMP2 SS TIMER PVCC2 CH2 Step Down DC/DC (Current mode) 4 5 6 INV2 SO...
Description Silicon Monolithic Integrated Circuit

File Size 216.63K  /  5 Page

View it Online

Download Datasheet

    BDXXKA5FP BD12KA5F BD12KA5WF BD12KA5WFP BD12KA5FP BD33KA5WFP BD15KA5F BD15KA5FP BD15KA5WF BD15KA5WFP BD18KA5WFP-E2 BD30K

Rohm
Part No. BDXXKA5FP BD12KA5F BD12KA5WF BD12KA5WFP BD12KA5FP BD33KA5WFP BD15KA5F BD15KA5FP BD15KA5WF BD15KA5WFP BD18KA5WFP-E2 BD30KA5F BD30KA5FP BD30KA5WF BD30KA5WFP BD10KA5F BD10KA5FP BD10KA5WF BD10KASWFP BD10KA5WFP BD25KA5WFP BD25KA5FP BD33KA5FP BD00KA5WF BD00KA5WFP BDXXKA5WF BD00KA5WFP-E2 BD00KA5WF-E2 BDXXKA5WFP
OCR Text ...ref Driver Vref TSD Vcc (2pin) CTL (1PIN) N.C.(3PIN) 1F 1F Driver Output voltage configuration VOUT=VADJxR1+R2/R1(V) VADJ=0.75V(Typ.) A value of approximately 30k is recommended for R1. OCP OUT (4PIN) R2 ADJ(5PIN) R1 TO...
Description 500mA Secondary LDO Regulators for Local Power Supplies
1 V-4 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PSSO4
1 V-4 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8
2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8
2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PSSO2

File Size 370.46K  /  10 Page

View it Online

Download Datasheet

For 2pin Found Datasheets File :: 489    Search Time::0.953ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 2pin

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5995180606842