PART |
Description |
Maker |
CX-7SC-SM1 CX-7SC-SM2 CX-7-SM3 CX-7-SM1 CX-7-SM2 C |
20 MHz to 50 MHz Ultra-Miniature, Low Profile AT-Cut Surface Mount Crystal
|
RSG Electronic Components GmbH
|
D208 C508 F308 C108 C4550 D107 E157 E258 F207 C455 |
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package. OCXO, CLOCK, 100 MHz, HCMOS OUTPUT SMD, 19 PIN TRNSISTOR, BIPOLAR Previous Vectron Model Numbers OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package Oven Controlled Crystal Oscillator
|
Vectron International, Inc. Electronic Theatre Controls, Inc. VECTRON[Vectron International, Inc]
|
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
C4505 |
OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Compact Package
|
VECTRON[Vectron International, Inc]
|
RTN250 |
LIT EPIP E? FOR SUR FACE MOU NT AND STA NDAR D LEDs
|
List of Unclassifed Man...
|
0908143206 90814-3206 |
1.27mm (.050") Pitch Picoflex庐 PF-50 Header, Vertical, Low Profile, Surface Mount, 6 1.27mm (.050") Pitch Picoflex PF-50 Header, Vertical, Low Profile, Surface 1.27mm (.050) Pitch Picoflex? PF-50 Header, Vertical, Low Profile, Surface Mount, 6 1.27mm (.050) Pitch Picoflex PF-50 Header, Vertical, Low Profile, Surface Mount, 6
|
Molex Electronics Ltd.
|
T491V476K004AS T491V156M004AT T491R226M004AT T491S |
LOW PROFILE SURFACE MOUNT CAPACITORS
|
http://
|
TQ2SL-3V-Z TQ2SL-L2-3V TQ2SL-L2-4.5V-Z TQ2SL-L2-3V |
LOW-PROFILE SURFACE-MOUNT RELAY 小尺寸的表面安装继电
|
Panasonic, Corp.
|
CXO |
Low Profile Miniature Surface Mount Crystal Oscillator
|
STATEK CORPORATION
|
HM6980R30LF 69411.5KB 6941100B 6941100KB 694110KB |
High Current Low Profile Surface Mount Inductors
|
BITECH[Bi technologies]
|
FP2-D047-R FP2-S082-R FP2-D068-R FP2-D120-R FP2-S0 |
FLAT-PAC Low Profile Inductors (Surface Mount)
|
List of Unclassifed Manufacturers
|