PART |
Description |
Maker |
LM317 LM317CT |
IC VREG 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSFM3, TO-220, 3 PIN, Adjustable Positive Single Output Standard Regulator 3-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
|
Vishay Semiconductors Vishay Siliconix
|
OMR186STM OMR183 OMR183NC OMR183NCM OMR183NH OMR18 |
30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS Hi-Rel Adjustable Voltage 3-Terminal Positive Radiation Hardened Regulator Hi-Rel Fixed Voltage 3-Terminal Positive Radiation Hardened Regulator 高可靠性的固定电压三端稳压器的积极抗辐 ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CSFM3 ISOLATED, HERMETIC SEALED, TO-258, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 TO-258AA, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CBCC3
|
IRF[International Rectifier] Aimtec International Rectifier, Corp. IRC Advanced Film
|
LM317MSTT3 LM317MBDT LM317MABDT LM317MABDTRK LM317 |
500 mA Adjustable Output,Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 Three-Terminal Adjustable Output Positive Voltage Regulator 500mA, Adjustable Output, Positive Voltage Regulator
|
http:// ONSEMI[ON Semiconductor]
|
LM317M_D ON0305 LM317MBDTT4 LM317MT |
1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSFM3 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 From old datasheet system MEDIUM CURRENT THREE-ERMINAL
|
MOTOROLA INC ON Semi
|
IP117AG-BSS2 IP117AR-883B IP117AHVIG-DESC IP117G-O |
ADJUSTABLE POSITIVE REGULATOR, MSFM3 TO-257, 3 PIN ADJUSTABLE POSITIVE REGULATOR, MBFM2
|
ITT, Corp. SEMELAB LTD
|
OM7624NM OM7621NM OM7622NM OM7623NM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
|
IRF[International Rectifier]
|
MSK5910RH |
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR 1.5 V-7 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDFP20
|
M.S. Kennedy, Corp.
|
AP1117DG-U AP1117DL-U AP1117KG-U |
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator 1.25 V-5 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2
|
Diodes, Inc.
|
APE1085S15 APE1085S18 APE1085P15 APE1085P18 APE108 |
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator A低压差正可调或固定模式稳压器 3A Low Dropout Positive Adjustable or Fixed-Mode Regulator ADJUSTABLE POSITIVE LDO REGULATOR, PSSO3
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
OM1830SCM OM1830NCM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|
IP3R07 IP3R07A IP1R07 IP1R07A IP1R07AG-BSS2 IP1R07 |
Voltage Regulator - Low Drop Out ADJUSTABLE POSITIVE LDO REGULATOR, MSFM3 Voltage Regulator - Low Drop Out ADJUSTABLE POSITIVE LDO REGULATOR, MBFM2 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR Adjustable Positive Voltage Regulator - Low Drop Out
|
TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
LT1587-3.45 LT1587-3.3 LT1587 LT1585-3.45 LT1585-3 |
3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed(3A,低压差,快速响应正输出稳压器(固定和可调输出电压)) From old datasheet system 7A Low Dropout Fast Response Positive Regulator Adjustable 4.6A Low Dropout Fast Response Positive Adjustable and Fixed Regulator 4.6A Low Dropout Fast Response Positive Regulator 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed 3A Low Dropout Fast Response Positive 1.5 GTL Regulator
|
Linear Technology Corporation
|