Part Number Hot Search : 
MBRB2 104M1 2N930B A836C 2N4234 AN1N5419 QTLP610C GS815018
Product Description
Full Text Search
  1.4 Datasheet PDF File

For 1.4 Found Datasheets File :: 319135    Search Time::3.937ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TM005-020-14-14

Transcom, Inc.
Part No. TM005-020-14-14
OCR Text 14-14 PRE.1_04/12/2004 0.5 - 2 GHz 14 dBm Module FEATURES * * * P-1 dB: 14 dBm Bias Condition: 40 mA @ 8 V Small Signal Gain: 14 dB ELECTRICAL SPECIFICATIONS (Ta = 25 C) SYMBOL FREQ SSG GOF P-1 dB VSWR, IN VSWR, OUT VDC NF IDC OTR ...
Description 0.5 - 2 GHz 14 dBm Module

File Size 19.02K  /  1 Page

View it Online

Download Datasheet





    SD445-14-21-305

Advanced Photonix, Inc.
Part No. SD445-14-21-305
OCR Text 14-21-305 PACKAGE DIMENSIONS INCH [mm] PACKAGE DIMENSIONS INCH [mm] ANODE INDEX .084 [2.13] .076 [1.93] .005 [0.13] .053 [1.35] 2X O.018 [0.46] ANODE .657 [16.69] .643 [16.33] 120 VIEWING ANGLE CATHODE .010 [0.25] .492 [12.50]...
Description Red Enhanced High Performance Silicon Photodiode

File Size 89.27K  /  1 Page

View it Online

Download Datasheet

    SD172-14-21-021

Advanced Photonix, Inc.
Part No. SD172-14-21-021
OCR Text 14-21-021 PACKAGE DIMENSIONS INCH [mm] PACKAGE DIMENSIONS INCH [mm] .169 [4.29] .157 [3.99] .075 [1.91] 3X O.018 [0.46] 1 O.264 [6.70] O.256 [6.50] O.330 [8.38] O.320 [8.13] O.200 [5.08] PIN CIRCLE 2 45 71 VIEWING ANGLE .010 [0.25...
Description Red Enhanced High Performance Silicon Photodiode

File Size 91.49K  /  1 Page

View it Online

Download Datasheet

    SD100-14-21-021

Advanced Photonix, Inc.
Part No. SD100-14-21-021
OCR Text 14-21-021 PACKAGEDIMENSIONS INCH [mm][mm] DIMENSIONS INCH PACKAGE .169 [4.29] .157 [3.99] .075 [1.91] 3X O.018 [0.46] 1 O.264 [6.70] O.256 [6.50] O.330 [8.38] O.320 [8.13] O.200 [5.08] PIN CIRCLE 2 45 82 VIEWING ANGLE .010 [0.25] ...
Description Red Enhanced High Performance Silicon Photodiode

File Size 93.41K  /  1 Page

View it Online

Download Datasheet

    RX2-433-14-5V RX2-433-40-5V SILRX-433-10 SILRX-433-5 TXM-433-10 TXM-433-5

http://
Radiometrix Ltd
Part No. RX2-433-14-5V RX2-433-40-5V SILRX-433-10 SILRX-433-5 TXM-433-10 TXM-433-5
OCR Text ...ether with the matching RX2-433-14 or RX2-433-40 receiver a oneway radio data link can be achieved over a distance up to 200 metres on open ground. TXM-433-10 transmitter (back & front view) Typical features include: CE Certified by ind...
Description UHF Radio Telemetry Transmit Module

File Size 335.75K  /  11 Page

View it Online

Download Datasheet

    TA-14-01 TA-31-01 TA-32-01 TA-32-02 TA-32-03 TA-30-01 TA-30-02 TA-30-03 TA-30-04 TA-30-05 TA-30-06 TA-30-07

Vishay Siliconix
Part No. TA-14-01 TA-31-01 TA-32-01 TA-32-02 TA-32-03 TA-30-01 TA-30-02 TA-30-03 TA-30-04 TA-30-05 TA-30-06 TA-30-07
OCR Text ...1 TA-30-07 TA-10-02 TA-32-01 TA-14-01 TA-10-06 TA-10-03 TA-23-01 600 600 600 600 600 600 600 600 600 600 600 CT 600 CT 600 SPLIT 600 SPLIT 600 600 600 600 600 600 600 600/900 600 900 4k 600 SEC 600 600 600 600 600 600 600 600 600 600 CT 600...
Description Transformers Audio, elephone Coupling

File Size 160.05K  /  5 Page

View it Online

Download Datasheet

    R8C-14

Renesas Electronics Corporation
Part No. R8C-14
OCR Text 14 Group, R8C/15 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER REJ03B0102-0200 Rev.2.00 Jan 30, 2006 1. Overview This MCU is built using the high-performance silicon gate CMOS process using a R8C/Tiny Series CPU core and is packa...
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

File Size 312.22K  /  40 Page

View it Online

Download Datasheet

    LTC2355-14 LTC2355CMSE-12

Linear Technology
Part No. LTC2355-14 LTC2355CMSE-12
OCR Text 14 Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown FEATURES DESCRIPTIO 3.5Msps Conversion Rate 74.2dB SINAD at 14-Bits, 71.1dB SINAD at 12-Bits Low Power Dissipation: 18mW 3.3V Single Supply Operation 2.5V Int...
Description    Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown

File Size 230.31K  /  16 Page

View it Online

Download Datasheet

    LTC6400-14 LTC6400CUD-14-PBF LTC6400CUD-14-TRPBF LTC6400IUD-14-PBF LTC6400IUD-14-TRPBF LTC6400-14-15

Linear Technology
Part No. LTC6400-14 LTC6400CUD-14-PBF LTC6400CUD-14-TRPBF LTC6400IUD-14-PBF LTC6400IUD-14-TRPBF LTC6400-14-15
OCR Text 14 2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF FEATURES n n n n n n n n n n n n n n n DESCRIPTION The LTC(R)6400-14 is a high-speed differential amplifier targeted at processing signals from DC to 300MHz. The...
Description 2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF

File Size 221.80K  /  16 Page

View it Online

Download Datasheet

    LTC6401-14 LTC6401CUD-14-PBF LTC6401CUD-14-TRPBF LTC6401IUD-14-PBF LTC6401IUD-14-TRPBF LTC6400-14 LTC6400-20 LTC6400-26

Linear Integrated Systems
Linear Technology
Part No. LTC6401-14 LTC6401CUD-14-PBF LTC6401CUD-14-TRPBF LTC6401IUD-14-PBF LTC6401IUD-14-TRPBF LTC6400-14 LTC6400-20 LTC6400-26
OCR Text 14 2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz FEATURES DESCRIPTION The LTC(R)6401-14 is a high-speed differential amplifier targeted at processing signals from DC to 140MHz. The part has been spe...
Description 2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz

File Size 214.77K  /  16 Page

View it Online

Download Datasheet

For 1.4 Found Datasheets File :: 319135    Search Time::3.937ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1.4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.9865529537201