PART |
Description |
Maker |
1N3880 12FL40S02 12FL40S05 12FL40S10 1N3883 1N3890 |
6A, 12A AND 16A FAST RECOVERY RECTIFIERS A2A6A条快速整流二极管 6A, 12A AND 16A FAST RECOVERY RECTIFIERS 6A2A6A条快速整流二极管 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes MKDS 3/ 2-B-5,08 BU (1N3879 - 1N3889) 6A / 12A AND 16A FAST RECOVERY RECTIFIERS 5A,12A and16A Fast Recovery RECTIFIE 6A 12A AND 16A FAST RECOVERY RECTIFIERS 100V Fast Recovery Diode in a DO-203AA (DO-4) package 200V Fast Recovery Diode in a DO-203AA (DO-4) package 400V Fast Recovery Diode in a DO-203AA (DO-4) package 600V Fast Recovery Diode in a DO-203AA (DO-4) package 800V Fast Recovery Diode in a DO-203AA (DO-4) package 1000V Fast Recovery Diode in a DO-203AA (DO-4) package 6A, 12A AND 16A FAST RECOVERY RECTIFIERS
|
International Rectifier, Corp. IRF[International Rectifier] Microsemi Corporation
|
RU4AM |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 800V CURRENT:3.0A
|
Gulf Semiconductor
|
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|
R9G20212CS R9G20412CS R9G20612CS R9G20812CS R9G210 |
200V, 1200A fast recovery single diode 400V, 1200A fast recovery single diode 600V, 1200A fast recovery single diode 800V, 1200A fast recovery single diode 1000V, 1200A fast recovery single diode 1200V, 1200A fast recovery single diode 1400V, 1200A fast recovery single diode 1600V, 1200A fast recovery single diode
|
Powerex Power Semiconductors
|
FR1220CT FR1210FCT FR1220FCT FR12100FCT FR1260FCT |
12A FAST RECOVERY RECTIFIERS
|
Frontier Electronics.
|
BYM26D |
Ultra Fast Recovery Pack: SOD-64 SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 800V CURRENT: 2.3A
|
Gulf Semiconductor
|
RU2KGF |
Ultra Fast Recovery Pack: DO-15 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800V CURRENT: 1.0A
|
Gulf Semiconductor
|
ERC20M |
FAST RECOVERY DIODE( 200V to 800V / 5A )
|
FUJI[Fuji Electric]
|
20ETF10STRR 20ETF10STRL |
800V Fast Recovery Diode in a D2-Pak package
|
International Rectifier
|
US1A09 US1X-13-F US1K-13-F |
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.7V-vf 75ns 5uA-ir SMA 5K/REEL-13 1 A, 800 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated Diodes, Inc.
|
SSF2AG SSF2BG SSF2CG SSF2DG SSF2FG SSF2GG SSF2JG S |
Super Fast Recovery Pack: DO-15 ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 800V CURRENT: 2.0A
|
Gulf Semiconductor
|