PART |
Description |
Maker |
IA1215S IA1215D IA1212D IA1209S IA0509D IA0509S IA |
Analog IC 模拟IC 316 POS BGA EXT. SOCKET 316 POS 1.27MM BGA EXT. SOCKET 313 POS 1.27MM BGA EXT. SOCKET
|
Electronic Theatre Controls, Inc. XP Power, Ltd.
|
IBM25PPC440GP-3CC400E IBM25PPC440GP-3CC400C IBM25P |
32-BIT, 400 MHz, RISC PROCESSOR, CBGA552 25 X 25 MM, CERAMIC, BGA-552 32-BIT, 400 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 466 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 500 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552
|
Applied Micro Circuits, Corp. Electronic Theatre Controls, Inc.
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
AS7C251MPFD18A-133BC AS7C251MPFD18A-133BCN |
1M X 18 STANDARD SRAM, 3.8 ns, PBGA165 BGA-165 1M X 18 STANDARD SRAM, 3.8 ns, PBGA165 LEAD FREE, BGA-165
|
Alliance Semiconductor, Corp.
|
FDZ294N |
N-Channel 2.5V Specified PowerTrench® BGA MOSFET N-CHANNEL 2.5 V SPECIFIED POWERTRENCH BGA MOSFET
|
Fairchild Semiconductor
|
FDZ2553NZ |
Monolithic Common Drainl N-Channel 2.5V Specified PowerTrench BGA MOSFET Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
EPM7512AEBC256-10 EPM7256AEFC100-10 |
COMPLEX-EEPLD,512-CELL,10NS PROP DELAY,BGA,256PIN,PLASTIC COMPLEX-EEPLD,256-CELL,10NS PROP DELAY,BGA,100PIN,PLASTIC
|
Altera Corp
|
IBM25PPC405EP-3GA133C IBM25PPC405EP-3GA200C IBM25P |
32-BIT, 133.33 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 200 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 266.66 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385
|
Electronic Theatre Controls, Inc.
|
K7P323688M-HC250 K7P323688M-GC250 |
1M X 36 LATE-WRITE SRAM, 2 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 36 LATE-WRITE SRAM, 2 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, ROHS COMPLIANCE, BGA-119
|
TOKO, Inc.
|
FW80321M600SL6R3 FW80321M400SL6R2 |
600 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544 400 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544
|
Intel, Corp.
|
GS8322Z72C-225T GS8322Z72GC-225T GS8322Z18B-225IT |
512K X 72 ZBT SRAM, 7 ns, PBGA209 14 X 22 MM, 1 MM PITCH, BGA-209 512K X 72 ZBT SRAM, 7 ns, PBGA209 14 X 22 MM, 1 MM PITCH, ROHS COMPLIANT, BGA-209 2M X 18 ZBT SRAM, 7 ns, PBGA119
|
GSI Technology, Inc.
|
S587-10-272-10-005437 |
272 BGA ADAPTER
|
Actel Corporation
|
|