PART |
Description |
Maker |
CXK77P36E160GB-43BE CXK77P18E160GB-4BE CXK77P18E16 |
1M X 18 STANDARD SRAM, 3.7 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 4.5 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 3.8 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 4.1 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18) 16Mb的龙运RL HSTL高速同步静态存储器(为512k × 3600万18 CAP 820PF 50V 20% X7R SMD-0603 TR-7 PLATED-NI/SN
|
http:// Yuasa Battery, Inc. Integrated Circuit Technology Corp Microsemi, Corp. Sony, Corp. Sony Corporation
|
FDZ4670 |
N-Channel PowerTrench?MOSFET BGA 30V, 25A, 2.5mΩ N-Channel PowerTrench㈢MOSFET BGA 30V, 25A, 2.5mヘ
|
Fairchild Semiconductor
|
PUMA2F16006M-90 PUMA2F16006-90 PUMA2F16006M-120E P |
32-Tap, Volatile DPP with I2C/DEC, Up/Down Interface, TSSOP BGA, ROHS-A, IND TEMP, T&R(ARM) BGA,GREEN,IND TEMP,T&R(ARM) x32 Flash EEPROM Module X32号,闪存EEPROM模块 EEPROM EEPROM
|
Infineon Technologies AG Amphenol Tuchel
|
K7P401811M-HC160 K7P403611M-HC200 K7P403611M |
128Kx36 & 256Kx18 Synchronous Pipelined SRAM Data Sheet 128K X 36 STANDARD SRAM, 2.5 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 256K X 18 STANDARD SRAM, 3 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119
|
Samsung Electronic
|
IBM25PPC740L-GB375A2T IBM25PPC740L-GB375A2R IBM25P |
MICROPROCESSOR|32-BIT|CMOS|BGA|360PIN|CERAMIC MICROPROCESSOR|32-BIT|CMOS|BGA|255PIN|CERAMIC 微处理器| 32位|的CMOS | BGA封装| 255PIN |陶瓷
|
Glenair, Inc. Vishay Semiconductors
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
IBM25PPC405EP-3GB200C IBM25PPC405EP-3GB133C IBM25P |
32-BIT, 200 MHz, RISC PROCESSOR, PBGA385 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 133.33 MHz, RISC PROCESSOR, PBGA385 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 333.33 MHz, RISC PROCESSOR, PBGA385 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 266.66 MHz, RISC PROCESSOR, PBGA385 31 MM, ENHANCED, PLASTIC, BGA-385
|
Electronic Theatre Controls, Inc.
|
FDZ294N |
N-Channel 2.5V Specified PowerTrench® BGA MOSFET N-CHANNEL 2.5 V SPECIFIED POWERTRENCH BGA MOSFET
|
Fairchild Semiconductor
|
EPM7512AEBC256-10 EPM7256AEFC100-10 |
COMPLEX-EEPLD,512-CELL,10NS PROP DELAY,BGA,256PIN,PLASTIC COMPLEX-EEPLD,256-CELL,10NS PROP DELAY,BGA,100PIN,PLASTIC
|
Altera Corp
|
IBM25PPC405EP-3GA133C IBM25PPC405EP-3GA200C IBM25P |
32-BIT, 133.33 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 200 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 266.66 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385
|
Electronic Theatre Controls, Inc.
|
N01L1618N1AB2-70I N01L1618N1AB-70I |
64K X 16 STANDARD SRAM, 70 ns, PBGA48 GREEN, BGA-48 64K X 16 STANDARD SRAM, 70 ns, PBGA48 BGA-48
|
ON Semiconductor ST Microelectronics
|
|