PART |
Description |
Maker |
TSC607-ZPPACKOF10 TSC506-ZP |
IC FLEX 10KE FPGA 200K 600-BGA 780-pin FineLine BGA BEFESTIGUNGSKLAMMER多珀0ST
|
OSRAM GmbH
|
3-1640240-4 |
Matrix Series Ball Grid Array ( BGA ) Sockets; 2401 POSITION BGA SOCKET ASSEM ( Tyco Electronics )
|
Tyco Electronics
|
IS71V08F64GS08-7085AI IS71V08F64GS08-7085BI |
SPECIALTY MEMORY CIRCUIT, PBGA101 11 X 12 MM, BGA-101 SPECIALTY MEMORY CIRCUIT, PBGA73 8 X 11.60 MM, BGA-73
|
Integrated Silicon Solution, Inc.
|
IBM25PPC405GP-3BE266C IBM25PPC405GP-3EE200C IBM25P |
MICROPROCESSOR|32-BIT|CMOS|BGA|413PIN|PLASTIC MICROPROCESSOR|32-BIT|CMOS|BGA|456PIN|PLASTIC 微处理器| 32位|的CMOS | BGA封装| 456PIN |塑料
|
Jameco Electronics Mitel Networks, Corp.
|
FDZ7296 |
30V N-Channel PowerTrenc BGA MOSFET 30V N-Channel PowerTrench BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
IBM25PPC740-DB0M2660 IBM25PPC740-EB0M2660 IBM25PPC |
32-BIT, 266 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 233 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 200 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 300 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360
|
Japan Aviation Electronics Industry, Ltd.
|
PC48F4400P0VT00A RC48F4400P0VT00A |
32M X 16 FLASH 1.8V PROM, 88 ns, PBGA64 LEAD FREE, BGA-64 32M X 16 FLASH 1.8V PROM, 88 ns, PBGA64 BGA-64
|
Intel, Corp.
|
FDZ2553NZ |
Monolithic Common Drainl N-Channel 2.5V Specified PowerTrench BGA MOSFET Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IBM25PPC750FX-GB0132T IBM25PPC750FX-EB1032T IBM25P |
32-BIT, 600 MHz, RISC PROCESSOR, CBGA292 21 X 21 MM, 1 MM PITCH, CERAMIC, BGA-292 32-BIT, 733 MHz, RISC PROCESSOR, CBGA292 21 X 21 MM, 1 MM PITCH, CERAMIC, BGA-292 32-BIT, 700 MHz, RISC PROCESSOR, CBGA292 21 X 21 MM, 1 MM PITCH, CERAMIC, BGA-292
|
Fox Electronics
|
K7P401823B-HC650 K7P401823B-HC750 K7P403623B |
256K X 18 STANDARD SRAM, 6.5 ns, PBGA119 14 X 22 MM, BGA-119 256K X 18 STANDARD SRAM, 7.5 ns, PBGA119 14 X 22 MM, BGA-119 128Kx36 & 256Kx18 SRAM
|
Samsung semiconductor
|
S587-10-272-10-005437 |
272 BGA ADAPTER
|
Actel Corporation
|
|