PART |
Description |
Maker |
IT3D-300S-BGA TR0636E-20027 |
IT3D(M)-300S-BGA (57) BGA Shearing Force TEST REPORT
|
Hirose Electric
|
HYRDU64164M-80M HYRDU72184M-80M HYRDU72184M-60M |
4M X 16 RAMBUS, PBGA66 MICRO, BGA-66 4M X 18 RAMBUS, PBGA74 MICRO, BGA-74
|
Hynix Semiconductor, Inc.
|
IBM25PPC740L-GB300A2R IBM25PPC740L-GB350A2R IBM25P |
32-BIT, 300 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 350 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 375 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 400 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 333 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 366 MHz, RISC PROCESSOR, CBGA360
|
Electronic Theatre Controls, Inc.
|
IS71V08F64GS08-7085AI IS71V08F64GS08-7085BI |
SPECIALTY MEMORY CIRCUIT, PBGA101 11 X 12 MM, BGA-101 SPECIALTY MEMORY CIRCUIT, PBGA73 8 X 11.60 MM, BGA-73
|
Integrated Silicon Solution, Inc.
|
IBM25PPC405GP-3BE266C IBM25PPC405GP-3EE200C IBM25P |
MICROPROCESSOR|32-BIT|CMOS|BGA|413PIN|PLASTIC MICROPROCESSOR|32-BIT|CMOS|BGA|456PIN|PLASTIC 微处理器| 32位|的CMOS | BGA封装| 456PIN |塑料
|
Jameco Electronics Mitel Networks, Corp.
|
IBM25PPC740-DB0M2660 IBM25PPC740-EB0M2660 IBM25PPC |
32-BIT, 266 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 233 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 200 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 300 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360
|
Japan Aviation Electronics Industry, Ltd.
|
PC48F4400P0VT00A RC48F4400P0VT00A |
32M X 16 FLASH 1.8V PROM, 88 ns, PBGA64 LEAD FREE, BGA-64 32M X 16 FLASH 1.8V PROM, 88 ns, PBGA64 BGA-64
|
Intel, Corp.
|
FDZ2553NZ |
Monolithic Common Drainl N-Channel 2.5V Specified PowerTrench BGA MOSFET Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IBM25PPC405EP-3GA133C IBM25PPC405EP-3GA200C IBM25P |
32-BIT, 133.33 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 200 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 266.66 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385
|
Electronic Theatre Controls, Inc.
|
K7P323688M-HC250 K7P323688M-GC250 |
1M X 36 LATE-WRITE SRAM, 2 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 36 LATE-WRITE SRAM, 2 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, ROHS COMPLIANCE, BGA-119
|
TOKO, Inc.
|
M5LV-512/256-10SAI M5LV-512/256-12SAC M5LV-256/160 |
EE PLD, 10 ns, PBGA352 BGA-352 EE PLD, 12 ns, PBGA352 BGA-352 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 12 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 20 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 5.5 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP160 EE PLD, 15 ns, PBGA352 BGA-352 Fifth Generation MACH Architecture EE PLD, 5.5 ns, PQFP144 EE PLD, 15 ns, PQFP160 PLASTIC, QFP-160 CONNECTOR ACCESSORY EE PLD, 5.5 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 7.5 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP100 EE PLD, 15 ns, PQFP100 TQFP-100 Fifth Generation MACH Architecture EE PLD, 20 ns, PQFP208 EE PLD, 12 ns, PQFP100 TQFP-100 EE PLD, 12 ns, PBGA256 BGA-256
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
S587-10-272-10-005437 |
272 BGA ADAPTER
|
Actel Corporation
|
|