PART |
Description |
Maker |
51067-1000 51067-1500 51067-0300 51067-1100 |
10CKT 3.5MM W TO B HOUS 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5 W TO B CONN HOUSING 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:3; Series:51067; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.138" RoHS Compliant: Yes 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5MM WTB HSG 11CKT 510671100 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
15-45-3522 15-45-3570 15-45-3624 15-45-3532 15-45- |
Connector; Number of Contacts:22; Pitch Spacing:0.1"; Number of Rows:2; Mounting Type:PCB; Gender:Header 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt w/peg 15 SAu 70Ckt 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,PLUG,24 Contacts,SKT,0.1 Pitch 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt w/peg 15 SAu 32Ckt 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT A-71395-0042 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 15453614
|
Molex, Inc. MOLEX INC
|
51102-0900 51102-0500 51102-0400 |
2.5 W/B REC HSG FRIC LOCK 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; No. of Contacts:5; Series:Mini-Lock; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.098" RoHS Compliant: Yes 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP 2.5 W/B REC HSG FRIC LOC 511020400
|
Molex, Inc. MOLEX INC
|
15-44-5876 15-44-5860 15-44-5870 15-44-6826 15-44- |
CGrid VT Rcpt 15 SAu 76Ckt 76 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE DUAL ROW VERTICAL PCB RECEPTACLE - 60 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid VT Rcpt 15 SAu 70Ckt 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid VT Rcpt Tin 26Ckt 26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid VT Rcpt 30 SAu 4Ckt Header Connector,PCB Mnt,PLUG,20 Contacts,SKT,0.1 Pitch,PC TAIL Terminal RoHS Compliant: Yes 15445110 CGrid VT Rcpt 30 SAu 22Ckt CGrid VT Rcpt 30 SAu 14Ckt CGrid VT Rcpt 30 SAu 32Ckt CGrid VT Rcpt 15 SAu 48Ckt
|
Molex, Inc. MOLEX INC
|
09-52-1105 09-62-6105 09-62-6125 09-62-4089 09-52- |
KK 156 PCB Assy Top no hooks 10 Ckt Tin 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Top 10 Ckt Tin 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Top 12 Ckt Tin 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Top 08 Ckt Gold 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Top no hooks 08 Ckt Tin 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Top 15 Ckt Tin 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 156 KK PCB T/E WO/Hook Tin 5Ckt 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 9623153 PC Board Connector; Number of Contacts:10; Pitch Spacing:3.96mm; Number of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Material:Phosphor Bronze; Contact Plating:Gold; Gender:Female PC Board Connector; Number of Contacts:7; Pitch Spacing:3.96mm; Number of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Material:Phosphor Bronze; Contact Plating:Gold; Gender:Female
|
Molex, Inc. MOLEX INC
|
M80-4C10405F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 2 x 12 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
50-15SN-5 50-44SN-9 50-6SN-6 |
Fork Tongue Solderless Terminal; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 15 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER Card Edge Connector; No. of Contacts:44; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 44 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER 6 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER
|
Cinch Connectors
|
71226-2434 71226-0424 71226-0624 71226-1024 71226- |
24 CKT FFC CONN 712262434 24 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 1mm FFC/FPC Str ZIF NBrb Peg 4Ckt 4 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 712260624 6 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER FFC Conn 1MM Pitch ZIF W/PolPeg 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER CONN. 712262424 24 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER
|
Molex, Inc.
|
44133-1000 44133-1600 |
CONN RECEPT 10POS 3MM DUAL ROW 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; Number of Contacts:16; Series:44133; Body Material:Polyester; Color:Black; Connecting Termination:Crimp; Mounting Type:Panel; Number of Rows:2; Operating Voltage:250V; Pitch Spacing:3mm
|
Molex, Inc. MOLEX INC
|
15-45-1315 |
Connector; Number of Contacts:30; Pitch Spacing:0.1"; Number of Rows:2; Mounting Type:PCB; Gender:Header 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
M80-4C10805F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
52559-4092 |
Flex Cable Connector,PCB Mnt,40 Contacts,Number Of Contact Rows:1,FCC RETNN DVC RoHS Compliant: Yes 40 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
|