PART |
Description |
Maker |
TSC607-ZPPACKOF10 TSC506-ZP |
IC FLEX 10KE FPGA 200K 600-BGA 780-pin FineLine BGA BEFESTIGUNGSKLAMMER多珀0ST
|
OSRAM GmbH
|
FDZ291P06 FDZ291P |
P-Channel 1.5 V Specified PowerTrench? BGA MOSFET P-Channel 1.5 V Specified PowerTrench㈢ BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDZ206P |
P-Channel 2.5V Specified PowerTrench BGA MOSFET From old datasheet system P-Channel 2.5V Specified PowerTrench® BGA MOSFET
|
Fairchild Semiconductor
|
IS61NVF102418-6.5B2 IS61NVF25672-6.5B1 IS61NVF5123 |
1M X 18 ZBT SRAM, 6.5 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119 256K X 72 ZBT SRAM, 6.5 ns, PBGA209 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-209 512K X 36 ZBT SRAM, 6.5 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119 256K X 72 ZBT SRAM, 7.5 ns, PBGA209
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
IBM25PPC740-DB0M2660 IBM25PPC740-EB0M2660 IBM25PPC |
32-BIT, 266 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 233 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 200 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 300 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360
|
Japan Aviation Electronics Industry, Ltd.
|
FDZ2553NZ |
Monolithic Common Drainl N-Channel 2.5V Specified PowerTrench BGA MOSFET Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IBM25PPC750FX-GB0132T IBM25PPC750FX-EB1032T IBM25P |
32-BIT, 600 MHz, RISC PROCESSOR, CBGA292 21 X 21 MM, 1 MM PITCH, CERAMIC, BGA-292 32-BIT, 733 MHz, RISC PROCESSOR, CBGA292 21 X 21 MM, 1 MM PITCH, CERAMIC, BGA-292 32-BIT, 700 MHz, RISC PROCESSOR, CBGA292 21 X 21 MM, 1 MM PITCH, CERAMIC, BGA-292
|
Fox Electronics
|
FW80321M600Q467 FW80321M400Q466 |
600 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544 400 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544
|
Intel, Corp.
|
W9864G2DB-7 |
BGA SDRAM
|
Winbond Electronics
|
GS8322Z72C-225T GS8322Z72GC-225T GS8322Z18B-225IT |
512K X 72 ZBT SRAM, 7 ns, PBGA209 14 X 22 MM, 1 MM PITCH, BGA-209 512K X 72 ZBT SRAM, 7 ns, PBGA209 14 X 22 MM, 1 MM PITCH, ROHS COMPLIANT, BGA-209 2M X 18 ZBT SRAM, 7 ns, PBGA119
|
GSI Technology, Inc.
|
CA-MLF52C-A-S-01 |
BGA Prototyping Adaptor
|
Ironwood Electronics.
|
|