PART |
Description |
Maker |
IT3D-300S-BGA TR0636E-20027 |
IT3D(M)-300S-BGA (57) BGA Shearing Force TEST REPORT
|
Hirose Electric
|
TSC607-ZPPACKOF10 TSC506-ZP |
IC FLEX 10KE FPGA 200K 600-BGA 780-pin FineLine BGA BEFESTIGUNGSKLAMMER多珀0ST
|
OSRAM GmbH
|
HYRDU64164M-80M HYRDU72184M-80M HYRDU72184M-60M |
4M X 16 RAMBUS, PBGA66 MICRO, BGA-66 4M X 18 RAMBUS, PBGA74 MICRO, BGA-74
|
Hynix Semiconductor, Inc.
|
FDZ291P06 FDZ291P |
P-Channel 1.5 V Specified PowerTrench? BGA MOSFET P-Channel 1.5 V Specified PowerTrench㈢ BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
K7P401811M-HC160 K7P403611M-HC200 K7P403611M |
128Kx36 & 256Kx18 Synchronous Pipelined SRAM Data Sheet 128K X 36 STANDARD SRAM, 2.5 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 256K X 18 STANDARD SRAM, 3 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119
|
Samsung Electronic
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
EWIXP465AB EWIXP455AD EWIXP455ACT EWIXP455ADT EWIX |
266 MHz, RISC PROCESSOR, PBGA544 LEAD FREE, PLASTIC, BGA-544 533 MHz, RISC PROCESSOR, PBGA544 LEAD FREE, PLASTIC, BGA-544 400 MHz, RISC PROCESSOR, PBGA544 LEAD FREE, PLASTIC, BGA-544 667 MHz, RISC PROCESSOR, PBGA544 LEAD FREE, PLASTIC, BGA-544
|
Intel, Corp. INTEL CORP
|
GDPXA255A0C400 GDPXA255A0E200 GDPXA255A0C200 GDPXA |
32-BIT, 400 MHz, MICROPROCESSOR, PBGA256 17 X 17 MM, 1.75 MM HEIGHT, PLASTIC, BGA-256 32-BIT, 200 MHz, MICROPROCESSOR, PBGA256 17 X 17 MM, 1.75 MM HEIGHT, PLASTIC, BGA-256 32-BIT, 300 MHz, MICROPROCESSOR, PBGA256 17 X 17 MM, 1.75 MM HEIGHT, PLASTIC, BGA-256
|
Intel, Corp. INTEL CORP
|
US115T US115TE US112 US112T US112E US211 US211E US |
Analog IC Intel® LXT16726 DeMUX, 132-pin BGA, Tray Intel® LXT16726 DeMUX, 142-pin BGA, Tray
|
|
FW80321M600Q467 FW80321M400Q466 |
600 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544 400 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544
|
Intel, Corp.
|
|