PART |
Description |
Maker |
HYRDU64164M-80M HYRDU72184M-80M HYRDU72184M-60M |
4M X 16 RAMBUS, PBGA66 MICRO, BGA-66 4M X 18 RAMBUS, PBGA74 MICRO, BGA-74
|
Hynix Semiconductor, Inc.
|
IBM25PPC440GX-3FB533C IBM25PPC440GX-3CB533C IBM25P |
32-BIT, 533 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 533 MHz, RISC PROCESSOR, CBGA552 25 X 25 MM, CERAMIC, BGA-552 32-BIT, 667 MHz, RISC PROCESSOR, CBGA552 25 X 25 MM, CERAMIC, BGA-552
|
Mitsubishi Electric, Corp.
|
K7P401811M-HC160 K7P403611M-HC200 K7P403611M |
128Kx36 & 256Kx18 Synchronous Pipelined SRAM Data Sheet 128K X 36 STANDARD SRAM, 2.5 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 256K X 18 STANDARD SRAM, 3 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119
|
Samsung Electronic
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
FDZ294N |
N-Channel 2.5V Specified PowerTrench® BGA MOSFET N-CHANNEL 2.5 V SPECIFIED POWERTRENCH BGA MOSFET
|
Fairchild Semiconductor
|
FDZ2553NZ |
Monolithic Common Drainl N-Channel 2.5V Specified PowerTrench BGA MOSFET Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IBM25PPC405EP-3GA133C IBM25PPC405EP-3GA200C IBM25P |
32-BIT, 133.33 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 200 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 266.66 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385
|
Electronic Theatre Controls, Inc.
|
N01L1618N1AB2-70I N01L1618N1AB-70I |
64K X 16 STANDARD SRAM, 70 ns, PBGA48 GREEN, BGA-48 64K X 16 STANDARD SRAM, 70 ns, PBGA48 BGA-48
|
ON Semiconductor ST Microelectronics
|
K7P401823B-HC650 K7P401823B-HC750 K7P403623B |
256K X 18 STANDARD SRAM, 6.5 ns, PBGA119 14 X 22 MM, BGA-119 256K X 18 STANDARD SRAM, 7.5 ns, PBGA119 14 X 22 MM, BGA-119 128Kx36 & 256Kx18 SRAM
|
Samsung semiconductor
|
W9864G2DB-7 |
BGA SDRAM
|
Winbond Electronics
|
M5LV-512/256-10SAI M5LV-512/256-12SAC M5LV-256/160 |
EE PLD, 10 ns, PBGA352 BGA-352 EE PLD, 12 ns, PBGA352 BGA-352 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 12 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 20 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 5.5 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP160 EE PLD, 15 ns, PBGA352 BGA-352 Fifth Generation MACH Architecture EE PLD, 5.5 ns, PQFP144 EE PLD, 15 ns, PQFP160 PLASTIC, QFP-160 CONNECTOR ACCESSORY EE PLD, 5.5 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 7.5 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP100 EE PLD, 15 ns, PQFP100 TQFP-100 Fifth Generation MACH Architecture EE PLD, 20 ns, PQFP208 EE PLD, 12 ns, PQFP100 TQFP-100 EE PLD, 12 ns, PBGA256 BGA-256
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
CA-MLF52C-A-S-01 |
BGA Prototyping Adaptor
|
Ironwood Electronics.
|
|