PART |
Description |
Maker |
FGA272-638G FGA303-638G FGAX600-638G FGA304-638G F |
272 POS 1.27MM BGA ADAPTER BGA272, IC SOCKET 303 POS 1.27MM BGA ADAPTER BGA303, IC SOCKET 600 POS 1.27MM BGA EXTRACTION ADAPTER BGA600, IC SOCKET 304 POS 1.27MM BGA ADAPTER BGA304, IC SOCKET 168 POS 1.27MM BGA EXTRACTION ADAPTER BGA168, IC SOCKET 304 POS 1.27MM BGA EXTRACTION ADAPTER 255 POS 1.27MM BGA EXTRACTION ADAPTER 357 POS 1.27MM BGA ADAPTER 560 POS 1.27MM BGA ADAPTER
|
Advanced Interconnections, Corp. ADVANCED INTERCONNECTIONS CORP
|
TSC607-ZPPACKOF10 TSC506-ZP |
IC FLEX 10KE FPGA 200K 600-BGA 780-pin FineLine BGA BEFESTIGUNGSKLAMMER多珀0ST
|
OSRAM GmbH
|
IA1215S IA1215D IA1212D IA1209S IA0509D IA0509S IA |
Analog IC 模拟IC 316 POS BGA EXT. SOCKET 316 POS 1.27MM BGA EXT. SOCKET 313 POS 1.27MM BGA EXT. SOCKET
|
Electronic Theatre Controls, Inc. XP Power, Ltd.
|
IBM25PPC440GX-3FB533C IBM25PPC440GX-3CB533C IBM25P |
32-BIT, 533 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 533 MHz, RISC PROCESSOR, CBGA552 25 X 25 MM, CERAMIC, BGA-552 32-BIT, 667 MHz, RISC PROCESSOR, CBGA552 25 X 25 MM, CERAMIC, BGA-552
|
Mitsubishi Electric, Corp.
|
IBM25PPC440GP-3CC400E IBM25PPC440GP-3CC400C IBM25P |
32-BIT, 400 MHz, RISC PROCESSOR, CBGA552 25 X 25 MM, CERAMIC, BGA-552 32-BIT, 400 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 466 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 500 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552
|
Applied Micro Circuits, Corp. Electronic Theatre Controls, Inc.
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
IS61NVP51272-250B1 IS61NVP51272-250B1I IS61NVP1024 |
512K X 72 ZBT SRAM, 2.6 ns, PBGA209 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-209 1M X 36 ZBT SRAM, 2.6 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 1M X 36 ZBT SRAM, 3.1 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 512K X 72 ZBT SRAM, 3.1 ns, PBGA209 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-209
|
Integrated Silicon Solution, Inc.
|
FDZ2553NZ |
Monolithic Common Drainl N-Channel 2.5V Specified PowerTrench BGA MOSFET Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FW80321M600SL6R3 FW80321M400SL6R2 |
600 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544 400 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544
|
Intel, Corp.
|
AT49BV160-90CI AT49BV161-70CI AT49BV161-90CI AT49B |
EEPROM|FLASH|1MX16/2MX8|CMOS|BGA|48PIN|PLASTIC EEPROM|FLASH|1MX16/2MX8|CMOS|BGA|45PIN|PLASTIC 的EEPROM | FLASH动画| 1MX16/2MX8 |的CMOS | BGA封装| 45PIN |塑料
|
ATM Electronic, Corp.
|
IS61NVP51236-250B2I IS61NVP102418-250B2I IS61NVP10 |
512K X 36 ZBT SRAM, 2.6 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 1M X 18 ZBT SRAM, 2.6 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 1M X 18 ZBT SRAM, 3.1 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119
|
Integrated Silicon Solution, Inc.
|
|