PART |
Description |
Maker |
TSC607-ZPPACKOF10 TSC506-ZP |
IC FLEX 10KE FPGA 200K 600-BGA 780-pin FineLine BGA BEFESTIGUNGSKLAMMER多珀0ST
|
OSRAM GmbH
|
IS71V08F64GS08-7085AI IS71V08F64GS08-7085BI |
SPECIALTY MEMORY CIRCUIT, PBGA101 11 X 12 MM, BGA-101 SPECIALTY MEMORY CIRCUIT, PBGA73 8 X 11.60 MM, BGA-73
|
Integrated Silicon Solution, Inc.
|
FDZ206P |
P-Channel 2.5V Specified PowerTrench BGA MOSFET From old datasheet system P-Channel 2.5V Specified PowerTrench® BGA MOSFET
|
Fairchild Semiconductor
|
GWIXP455AAC EWIXP455AACT EWIXP465AAC EWIXP465AAD E |
400 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544 400 MHz, RISC PROCESSOR, PBGA544 ROHS COMPLIANT, PLASTIC, BGA-544 533 MHz, RISC PROCESSOR, PBGA544 ROHS COMPLIANT, PLASTIC, BGA-544 266 MHz, RISC PROCESSOR, PBGA544 ROHS COMPLIANT, PLASTIC, BGA-544 266 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544 667 MHz, RISC PROCESSOR, PBGA544 ROHS COMPLIANT, PLASTIC, BGA-544 533 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544
|
Intel, Corp. INTEL CORP
|
IS61NVP51272-250B1 IS61NVP51272-250B1I IS61NVP1024 |
512K X 72 ZBT SRAM, 2.6 ns, PBGA209 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-209 1M X 36 ZBT SRAM, 2.6 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 1M X 36 ZBT SRAM, 3.1 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 512K X 72 ZBT SRAM, 3.1 ns, PBGA209 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-209
|
Integrated Silicon Solution, Inc.
|
AS7C251MPFD18A-133BC AS7C251MPFD18A-133BCN |
1M X 18 STANDARD SRAM, 3.8 ns, PBGA165 BGA-165 1M X 18 STANDARD SRAM, 3.8 ns, PBGA165 LEAD FREE, BGA-165
|
Alliance Semiconductor, Corp.
|
PC48F4400P0VT00A RC48F4400P0VT00A |
32M X 16 FLASH 1.8V PROM, 88 ns, PBGA64 LEAD FREE, BGA-64 32M X 16 FLASH 1.8V PROM, 88 ns, PBGA64 BGA-64
|
Intel, Corp.
|
GDPXA255A0C400 GDPXA255A0E200 GDPXA255A0C200 GDPXA |
32-BIT, 400 MHz, MICROPROCESSOR, PBGA256 17 X 17 MM, 1.75 MM HEIGHT, PLASTIC, BGA-256 32-BIT, 200 MHz, MICROPROCESSOR, PBGA256 17 X 17 MM, 1.75 MM HEIGHT, PLASTIC, BGA-256 32-BIT, 300 MHz, MICROPROCESSOR, PBGA256 17 X 17 MM, 1.75 MM HEIGHT, PLASTIC, BGA-256
|
Intel, Corp. INTEL CORP
|
FDZ294N |
N-Channel 2.5V Specified PowerTrench® BGA MOSFET N-CHANNEL 2.5 V SPECIFIED POWERTRENCH BGA MOSFET
|
Fairchild Semiconductor
|
M5LV-512/256-10SAI M5LV-512/256-12SAC M5LV-256/160 |
EE PLD, 10 ns, PBGA352 BGA-352 EE PLD, 12 ns, PBGA352 BGA-352 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 12 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 20 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 5.5 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP160 EE PLD, 15 ns, PBGA352 BGA-352 Fifth Generation MACH Architecture EE PLD, 5.5 ns, PQFP144 EE PLD, 15 ns, PQFP160 PLASTIC, QFP-160 CONNECTOR ACCESSORY EE PLD, 5.5 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 7.5 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP100 EE PLD, 15 ns, PQFP100 TQFP-100 Fifth Generation MACH Architecture EE PLD, 20 ns, PQFP208 EE PLD, 12 ns, PQFP100 TQFP-100 EE PLD, 12 ns, PBGA256 BGA-256
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
S587-10-272-10-005437 |
272 BGA ADAPTER
|
Actel Corporation
|
|